Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE6410 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE6410
Description  Unijunction Transistor (UJT)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE6410 Datasheet(HTML) 1 Page - NTE Electronics

  NTE6410 Datasheet HTML 1Page - NTE Electronics NTE6410 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE6410
Unijunction Transistor (UJT)
Description:
The NTE6410 is a PN unijunction transistor in a TO92 type package designed for use in pulse and
timing circuits, sensing circuits and thyristor trigger circuits.
Absolute Maximum Ratings: (TA = +25°C unless other specified)
RMS Power Dissipation, PD
300mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 25
°C
3.0mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
RMS Emitter Current, IE
50mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak–Pulse Emitter Current (Note 1), IE
1.5A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter Reverse Voltage, VB2E
30V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Interbase Voltage (Note 2), VB2B1
35V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, TJ
–65
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. Duty cycle
≤ 1%, PRR = 10 PPS
Note 2. Based upon power dissipation at TA = +25°C
Electrical Characteristics: (TA = +25°C unless other specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Intrinsic Standoff Ratio
η
VB2B1 = 10V, Note 3
0.70
0.85
Interbase Resistance
RBB
4.0
6.0
9.1
k
Interbase Resistance Temperature Coefficient
αRBB
0.1
0.9
%/
°C
Emitter Saturation Voltage
VBE1(sat) VB2B1 = 10V, IE = 50mA, Note 4
2.5
V
Modulated Interbase Current
IB2(Mod) VB2B1 = 10V, IE = 50mA
15
mA
Emitter Reverse Current
IEB2O
VB2E = 30V, IB1 = 0
0.005
1.0
µA
Peak–Point Emitter Current
IP
VB2B1 = 25V
1.0
5.0
µA
Valley–Point Current
IV
VB2B1 = 20V, RB2 = 100Ω, Note 4
4.0
7.0
mA
Base–One Peak Pulse Voltage
VOB1
5.0
8.0
V
Note 3. Intrinsic standoff ratio, is defined in terms of peak–point voltage, VP, by means of the equa-
tion: VP = η VB2B1 VF, where VF is approximately 0.49 volts at +25°C @ IF = 10µA and de-
creases with temperature at approximately 2.5mV/
°C. Components R1, C1, and the UJT
form a relaxation oscillator, the remaining circuitry serves as a peak–voltage detector. The
forward drop of Diode D1 compensates for VF. To use, the “call” button is pushed, and R3
is adjusted to make the current meter, M1, read full scale. When the “call” button is released,
the value of
η is read directly from the meter, if full scale on the meter reads 1.0.
Note 4. Use pulse techniques: PW
∼ 300µs, duty cycle ≤ 2.0% to avoid internal heating, which may
result in erroneous readings.


Similar Part No. - NTE6410

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6411 NTE-NTE6411 Datasheet
18Kb / 2P
Bilateral Trigger Diodes (DIACS)
NTE6412 NTE-NTE6412 Datasheet
18Kb / 2P
Bilateral Trigger Diodes (DIACS)
NTE6415 NTE-NTE6415 Datasheet
17Kb / 2P
Bidirectional Thyristor Diodes (SIDAC)
NTE6419 NTE-NTE6419 Datasheet
17Kb / 2P
Bidirectional Thyristor Diodes (SIDAC)
More results

Similar Description - NTE6410

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6400 NTE-NTE6400 Datasheet
19Kb / 2P
Unijunction Transistor
NTE6401 NTE-NTE6401 Datasheet
20Kb / 2P
Unijunction Transistor
NTE6409 NTE-NTE6409 Datasheet
20Kb / 2P
Unijunction Transistor
logo
NXP Semiconductors
BRY61 PHILIPS-BRY61 Datasheet
56Kb / 8P
Programmable unijunction transistor
1999 Apr 27
logo
Advanced Semiconductor
2N1671 ASI-2N1671 Datasheet
53Kb / 1P
UNIJUNCTION TRANSISTOR
logo
Central Semiconductor C...
CP622 CENTRAL-CP622 Datasheet
221Kb / 2P
Programmable Unijunction Transistor
CP624 CENTRAL-CP624 Datasheet
223Kb / 2P
Programmable Unijunction Transistor
logo
Digitron Semiconductors
2N3980 DIGITRON-2N3980 Datasheet
203Kb / 3P
PN UNIJUNCTION TRANSISTOR
2N1671 DIGITRON-2N1671 Datasheet
160Kb / 2P
UNIJUNCTION TRANSISTOR
logo
Vishay Telefunken
BSV57B TFUNK-BSV57B Datasheet
38Kb / 2P
Silicon Unijunction Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com