Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE6402 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE6402
Description  Programmable Unijunction Transistor (PUT)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE6402 Datasheet(HTML) 2 Page - NTE Electronics

  NTE6402 Datasheet HTML 1Page - NTE Electronics NTE6402 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Peak Current
IP
VS = 10V, RG = 1MΩ
2
µA
VS = 10V, RG = 10kΩ
5
µA
Offset Voltage
VT
VS = 10V, RG = 1MΩ
0.2
1.6
V
VS = 10V, RG = 10kΩ
0.2
0.6
V
Valley Current
IV
VS = 10V, RG = 1MΩ
50
µA
VS = 10V, RG = 10kΩ
70
µA
VS = 10V, RG = 200Ω
1.5
mA
Anode Gate–Anode Leakage Current
IGAO
VS = 40V, TA = +25°C
10
nA
VS = 40V, TA = +75°C
100
nA
Gate–Cathode Leakage Current
IGKS
VS = 40V, Anode–Cathode Short
100
nA
Forward Voltage
VF
IF = 50mA
1.5
V
Pulse Output Voltage
VO
6
V
Pulse Voltage Rate of Rise
tr
80
ns
A G K
.190 (4.82) Min
.018 (0.45) Dia Max
.245
(6.23)
Max
.500
(12.7)
Min
.100 (2.54)
.200 (5.08) Max
.065
(1.65)
.140 (3.55) Max
.135 (3.45) Min
Seating
Plane
.021 (.445)
Dia Max
.210
(5.33)
Max
.500
(12.7)
Min
.050 (1.27)
.165 (4.2) Max
.105 (2.67) Max
.100 (2.54)
.105 (2.67) Max
.205 (5.2) Max
A G K
TO92
TO98


Similar Part No. - NTE6402

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6400 NTE-NTE6400 Datasheet
19Kb / 2P
Unijunction Transistor
NTE6400A NTE-NTE6400A Datasheet
19Kb / 2P
Unijunction Transistor
NTE6401 NTE-NTE6401 Datasheet
20Kb / 2P
Unijunction Transistor
NTE6403 NTE-NTE6403 Datasheet
22Kb / 2P
Integrated Circuit Silicon Bilateral Switch (SBS)
NTE6404 NTE-NTE6404 Datasheet
19Kb / 2P
Silicon Unilateral Switch (SUS)
More results

Similar Description - NTE6402

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6027 ONSEMI-2N6027 Datasheet
148Kb / 8P
Programmable Unijunction Transistor
May, 2000 ??Rev. 2
logo
NXP Semiconductors
BRY61 PHILIPS-BRY61 Datasheet
56Kb / 8P
Programmable unijunction transistor
1999 Apr 27
logo
Siemens Semiconductor G...
BRY56 SIEMENS-BRY56 Datasheet
110Kb / 5P
PROGRAMMABLE UNIJUNCTION TRANSISTOR
logo
List of Unclassifed Man...
2N6027 ETC-2N6027 Datasheet
177Kb / 6P
PROGRAMMABLE UNIJUNCTION TRANSISTOR
logo
Central Semiconductor C...
CP622 CENTRAL-CP622 Datasheet
221Kb / 2P
Programmable Unijunction Transistor
CP624 CENTRAL-CP624 Datasheet
223Kb / 2P
Programmable Unijunction Transistor
logo
New Jersey Semi-Conduct...
2N6028 NJSEMI-2N6028 Datasheet
99Kb / 1P
PROGRAMMABLE UNIJUNCTION TRANSISTOR
2N6117 NJSEMI-2N6117 Datasheet
89Kb / 1P
PROGRAMMABLE UNIJUNCTION TRANSISTOR
logo
Unisonic Technologies
2N6027 UTC-2N6027 Datasheet
141Kb / 3P
PROGRAMMABLE UNIJUNCTION TRANSISTOR
logo
New Jersey Semi-Conduct...
BRY39 NJSEMI-BRY39 Datasheet
145Kb / 4P
Programmable unijunction transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com