Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTX-WB9114224UZZZZ Datasheet(PDF) 4 Page - SICK AG

Part # KTX-WB9114224UZZZZ
Description  CONTRAST SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

KTX-WB9114224UZZZZ Datasheet(HTML) 4 Page - SICK AG

  KTX-WB9114224UZZZZ Datasheet HTML 1Page - SICK AG KTX-WB9114224UZZZZ Datasheet HTML 2Page - SICK AG KTX-WB9114224UZZZZ Datasheet HTML 3Page - SICK AG KTX-WB9114224UZZZZ Datasheet HTML 4Page - SICK AG KTX-WB9114224UZZZZ Datasheet HTML 5Page - SICK AG KTX-WB9114224UZZZZ Datasheet HTML 6Page - SICK AG KTX-WB9114224UZZZZ Datasheet HTML 7Page - SICK AG KTX-WB9114224UZZZZ Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
KTX-WB9114224UZZZZ | KTX Prime
CONTRAST SENSORS
Dimensional drawing (Dimensions in mm (inch))
KTX Prime
M
5
53 (2.09)
40 (1.57)
2
3
21
(0.83)
M
5
30.4 (1.2)
30 (1.18)
2
1
4
1
15
(0.59)
①  Optical axis and light emissionedge / length housing side
②  Threaded mounting hole M5
③  Connector M12 (rotatable up to 180°)
④  Control panel
Adjustments
KTS/KTX Prime
THR
ESC
PRO
TCH
PWR
Q
1
2
1
3
①  LED status indicator
②  Display
③  Control panel
4
REGISTRATION SENSORS | SICK
Online data sheet | 2018-02-27 15:52:17
Subject to change without notice


Similar Part No. - KTX-WB9114224UZZZZ

ManufacturerPart #DatasheetDescription
logo
SICK AG
KTX-WB9114224IZZZZ SICK-KTX-WB9114224IZZZZ Datasheet
1Mb / 8P
   CONTRAST SENSORS
More results

Similar Description - KTX-WB9114224UZZZZ

ManufacturerPart #DatasheetDescription
logo
SICK AG
KTM-MP317A1P SICK-KTM-MP317A1P Datasheet
1Mb / 9P
   CONTRAST SENSORS
KTM-WP1A182V SICK-KTM-WP1A182V Datasheet
1Mb / 8P
   CONTRAST SENSORS
KTX-WB9114225AZZZZ SICK-KTX-WB9114225AZZZZ Datasheet
998Kb / 9P
   CONTRAST SENSORS
KTX-WP9114224UZZZZ SICK-KTX-WP9114224UZZZZ Datasheet
1,022Kb / 8P
   CONTRAST SENSORS
KTX-WP92142242ZZZZ SICK-KTX-WP92142242ZZZZ Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT3L-N3216 SICK-KT3L-N3216 Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT5G-2P1111 SICK-KT5G-2P1111 Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT5W-2N1116D SICK-KT5W-2N1116D Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT5W-2P1113 SICK-KT5W-2P1113 Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT5W-2P1316 SICK-KT5W-2P1316 Datasheet
1Mb / 8P
   CONTRAST SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com