Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMX1FHA Datasheet(PDF) 2 Page - Rohm

Part # EMX1FHA
Description  General purpose transistor (dual transistors)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMX1FHA Datasheet(HTML) 2 Page - Rohm

  EMX1FHA Datasheet HTML 1Page - Rohm EMX1FHA Datasheet HTML 2Page - Rohm EMX1FHA Datasheet HTML 3Page - Rohm EMX1FHA Datasheet HTML 4Page - Rohm EMX1FHA Datasheet HTML 5Page - Rohm EMX1FHA Datasheet HTML 6Page - Rohm EMX1FHA Datasheet HTML 7Page - Rohm EMX1FHA Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
EMX1 FHA
 
               
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C) <It is the same ratings for the Tr1 and Tr2>
Parameter
Symbol
Values
Unit
Collector-base voltage
VCBO
60
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
7
V
Collector current
IC
150
mA
Power dissipation
total
PD*1
150
mW
element
PD
120
mW
Junction temperature
Tj
150
Range of storage temperature
Tstg
-55 to +150
l
lElectrical characteristics (Ta = 25°C) <It is the same characteristics for the Tr1 and Tr2>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Collector-base breakdown
voltage
BVCBO
IC = 50μA
60
-
-
V
Collector-emitter breakdown
voltage
BVCEO
IC = 1mA
50
-
-
V
Emitter-base breakdown voltage
BVEBO
IE = 50μA
7
-
-
V
Collector cut-off current
ICBO
VCB = 60V
-
-
100
nA
Emitter cut-off current
IEBO
VEB = 7V
-
-
100
nA
Collector-emitter saturation voltage
VCE(sat)
IC = 50mA, IB = 5mA
-
-
400
mV
DC current gain
hFE
VCE = 6V, IC = 1mA
120
-
560
-
Transition frequency
fT
VCE = 12V, IE = -2mA,
f = 100MHz
-
180
-
MHz
Output capacitance
Cob
VCB = 12V, IE = 0A,
f = 1MHz
-
2.0
3.5
pF
*1 Each terminal mounted on a reference land.
                                            
 
                                        
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
2/6
20160909 - Rev.001


Similar Part No. - EMX1FHA

ManufacturerPart #DatasheetDescription
logo
Rohm
EMX1 ROHM-EMX1 Datasheet
91Kb / 4P
   General purpose transistors (dual transistors)
logo
SeCoS Halbleitertechnol...
EMX1 SECOS-EMX1 Datasheet
516Kb / 3P
   General Purpose Transistors
logo
Rohm
EMX1 ROHM-EMX1 Datasheet
93Kb / 4P
   General purpose transistors (dual transistors)
logo
Jiangsu Changjiang Elec...
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
logo
Rohm
EMX1 ROHM-EMX1 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
More results

Similar Description - EMX1FHA

ManufacturerPart #DatasheetDescription
logo
Rohm
EMZ7 ROHM-EMZ7 Datasheet
82Kb / 4P
   General purpose transistor(dual transistors)
EMZ7 ROHM-EMZ7_1 Datasheet
119Kb / 5P
   General purpose transistor (dual transistors)
EMZ1T2R ROHM-EMZ1T2R Datasheet
88Kb / 5P
   General purpose transistor (dual transistors)
IMZ4T108 ROHM-IMZ4T108 Datasheet
153Kb / 4P
   General purpose transistor (dual transistors)
UMZ1NTR ROHM-UMZ1NTR Datasheet
88Kb / 5P
   General purpose transistor (dual transistors)
IMX17 ROHM-IMX17_1 Datasheet
91Kb / 4P
   General purpose transistor (dual transistors)
IMZ4 ROHM-IMZ4 Datasheet
94Kb / 5P
   General purpose transistor (dual transistors)
UMZ1N ROHM-UMZ1N Datasheet
102Kb / 5P
   General purpose transistor (dual transistors)
EMZ7 ROHM-EMZ7_08 Datasheet
65Kb / 5P
   General purpose transistor (dual transistors)
EMZ7T2R ROHM-EMZ7T2R Datasheet
122Kb / 5P
   General purpose transistor (dual transistors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com