Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMX1FHA Datasheet(PDF) 1 Page - Rohm

Part # EMX1FHA
Description  General purpose transistor (dual transistors)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMX1FHA Datasheet(HTML) 1 Page - Rohm

  EMX1FHA Datasheet HTML 1Page - Rohm EMX1FHA Datasheet HTML 2Page - Rohm EMX1FHA Datasheet HTML 3Page - Rohm EMX1FHA Datasheet HTML 4Page - Rohm EMX1FHA Datasheet HTML 5Page - Rohm EMX1FHA Datasheet HTML 6Page - Rohm EMX1FHA Datasheet HTML 7Page - Rohm EMX1FHA Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EMX1 FHA
General purpose transistor (dual transistors)
Datasheet
AEC-Q101 Qualified
l
lOutline
Parameter
Tr1 and Tr2
SOT-563
 
VCEO
50V
SC-107C
 
 
IC
150mA
 
 
 
 
 
 
 
 
EMT6
 
                     
l
lFeatures
l
lInner circuit
1) Two 2SC2412K chips in a EMT package.
2) Mounting possible with EMT3
   automatic mounting machines.
3) Transistor elements are independent,
  eliminating interference.
4) Mounting cost and area can be cut in half.
l
lApplication
GENERAL PURPOSE SMALL SIGNAL AMPLIFIER
l
lPackaging specifications
                                           
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
EMX1 FHA
SOT-563
(EMT6)
1616
T2R
180
8
8000
X1
                                                                                         
                                                                                         
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
1/6
20160909 - Rev.001


Similar Part No. - EMX1FHA

ManufacturerPart #DatasheetDescription
logo
Rohm
EMX1 ROHM-EMX1 Datasheet
91Kb / 4P
   General purpose transistors (dual transistors)
logo
SeCoS Halbleitertechnol...
EMX1 SECOS-EMX1 Datasheet
516Kb / 3P
   General Purpose Transistors
logo
Rohm
EMX1 ROHM-EMX1 Datasheet
93Kb / 4P
   General purpose transistors (dual transistors)
logo
Jiangsu Changjiang Elec...
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
logo
Rohm
EMX1 ROHM-EMX1 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
More results

Similar Description - EMX1FHA

ManufacturerPart #DatasheetDescription
logo
Rohm
EMZ7 ROHM-EMZ7 Datasheet
82Kb / 4P
   General purpose transistor(dual transistors)
EMZ7 ROHM-EMZ7_1 Datasheet
119Kb / 5P
   General purpose transistor (dual transistors)
EMZ1T2R ROHM-EMZ1T2R Datasheet
88Kb / 5P
   General purpose transistor (dual transistors)
IMZ4T108 ROHM-IMZ4T108 Datasheet
153Kb / 4P
   General purpose transistor (dual transistors)
UMZ1NTR ROHM-UMZ1NTR Datasheet
88Kb / 5P
   General purpose transistor (dual transistors)
IMX17 ROHM-IMX17_1 Datasheet
91Kb / 4P
   General purpose transistor (dual transistors)
IMZ4 ROHM-IMZ4 Datasheet
94Kb / 5P
   General purpose transistor (dual transistors)
UMZ1N ROHM-UMZ1N Datasheet
102Kb / 5P
   General purpose transistor (dual transistors)
EMZ7 ROHM-EMZ7_08 Datasheet
65Kb / 5P
   General purpose transistor (dual transistors)
EMZ7T2R ROHM-EMZ7T2R Datasheet
122Kb / 5P
   General purpose transistor (dual transistors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com