Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPE5194WK Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OPE5194WK
Description  GAAIAS INFRARED EMITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OPE5194WK Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OPE5194WK Datasheet HTML 1Page - List of Unclassifed Manufacturers OPE5194WK Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
27
GaAlAs Infrared Emitter
OPE5194WK
The OPE5194WK is GaAlAs infrared emitting diode
DIMENSIONS (Unit : mm)
that is designed for high radiant intensity and
low forward voltage .This device is optimized for efficiency
at emission wavelength 940nm and has a high radiant
efficiency over a wide range of forward current.
This device is packaged T1-3/4 plastic package
and has narrow beam angle with lensed package
and cup frame.
FEATURES
• High-output power
• Narrow beam angle
• Available for pulse operating
APPLICATIONS
• Optical emitters
• Optical switches
• Smoke sensors
• IR remote control
• IR sound transmission
STORAGE
• Condition : 5°C~35°C,R.H.60%
• Terms : within 3 months from production date
• Remark : Once the package is opened, the products should be used within a day.
Otherwise, it should be keeping in a damp proof box with desiccants.
* Please take proper steps in order to secure reliability and safety in required conditions and environments
for this device.
MAXIMUM RATINGS
(Ta=25
°C )
Item
Symbol
Rating
Unit
Power Dissipation
PD
150
mW
Forward current
IF
100
mA
Pulse forward current
*1
IFP
1.0
A
Reverse voltage
VR
5.0
V
Operating temp.
Topr.
-25~ +85
°C
Soldering temp.
*2
Tsol.
260.
°C
*1.Duty ratio = 1/100, pulse width=0.1ms.
*2.Lead Soldering Temperature (2mm from case for 5sec.).
ELECTRO-OPTICALCHARACTERISTICS
(Ta=25
°C)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF =100mA
1.4
1.7
V
Reverse current
IR
VR= 5V
10
µA
Capacitance
Ct
f = 1MHz
20
pF
Radiant intensity
Ie
IF=100mA
100
mW/㏛
Peak emission wavelength
λ
p
IF= 50mA
940
nm
Spectral bandwidth 50%
Δλ
IF= 50mA
45
nm
Half angle
Δθ
IF=100mA
±10
deg.
2-□0.5
① ②
2.5
Anode
Cathode
Tolerance :
±0.2mm


Similar Part No. - OPE5194WK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPE5194 ETC2-OPE5194 Datasheet
193Kb / 2P
GaAs Infrared Emitter
More results

Similar Description - OPE5194WK

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH485P SIEMENS-SFH485P Datasheet
83Kb / 2P
GaAiAs INFRARED EMITTER
SFH485P SIEMENS-SFH485P Datasheet
45Kb / 4P
GaAIAs Infrared Emitter (880 nm)
SFH486 SIEMENS-SFH486 Datasheet
38Kb / 4P
GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
SFH487 SIEMENS-SFH487 Datasheet
42Kb / 5P
GaAIAs-IR-Lumineszenzdiode 880nm GaAIAs Infrared Emitter 880 nm
SFH487P SIEMENS-SFH487P Datasheet
38Kb / 5P
GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
logo
KODENSHI_AUK CORP.
KBL-1KL3 KODENSHI-KBL-1KL3 Datasheet
41Kb / 2P
Infrared Emitting Diodes(GaAIAs)
KFL-1ML-N KODENSHI-KFL-1ML-N Datasheet
67Kb / 4P
Infrared Emitting Diodes(GaAIAs)
logo
OPTEK Technologies
OP240A OPTEK-OP240A Datasheet
400Kb / 2P
GAAIAS PLASTIC INFRARED EMITTING DIODES
OP266A OPTEK-OP266A Datasheet
323Kb / 2P
GAAIAS PLASTIC INFRARED EMITTING DIODES
logo
List of Unclassifed Man...
OPE5687HP ETC-OPE5687HP Datasheet
162Kb / 2P
High Speed GaAIAs Infrared Emitter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com