Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE6128 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE6128
Description  Silicon Power Rectifier Diode, 430 Amp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE6128 Datasheet(HTML) 1 Page - NTE Electronics

  NTE6128 Datasheet HTML 1Page - NTE Electronics NTE6128 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE6128
Silicon Power Rectifier Diode, 430 Amp
Features:
D Fast Recovery Time
D Soft Recovery Characteristics
D High Surge Current Rating
D High Rated Blocking Voltages
Applications:
D Inverter
D Chopper
D Transmitter
D Free–Wheeling Diode
Absolute Maximum Ratings:
RMS Forward Current, IF(rms)
625A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Average Forward Current, IF(AV)
430A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Repetitive Peak Reverse Voltage, VRRM
1600V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Non–Repetitive Peak Reverse Voltage (t
≤ 5msec), VRSM
1800V
. . . . . . . . . . . . . . . . . . . .
Maximum Reverse Current (TJ = +150°C), IRRM
50mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Forward Surge Current (One Half Cycle), IFSM
4500A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Permissible Surge Energy (8.3ms), I2t
For Fusing
85000A2s
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Of Package
20 x 106A2s
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, TJ
–40
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +190°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
0.095
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Case–to–Sink (Lubricated), RthCS
0.025
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Mounting Force, F
1000 to 1400 lbs.
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - NTE6128

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE612 NTE-NTE612 Datasheet
19Kb / 2P
   Voltage Variable Capacitance Diode (Tuning Diode)
NTE6120 NTE-NTE6120 Datasheet
16Kb / 2P
   Industrial Rectifier, 500 Amp
NTE6121 NTE-NTE6121 Datasheet
16Kb / 2P
   Industrial Rectifier, 1200 Amp
NTE6122 NTE-NTE6122 Datasheet
18Kb / 2P
   Industrial Rectifier, 2200 Amp
NTE6129 NTE-NTE6129 Datasheet
21Kb / 2P
   Silicon Power Rectifier Diode, 700 Amp
More results

Similar Description - NTE6128

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5850 NTE-NTE5850 Datasheet
24Kb / 2P
   Silicon Power Rectifier Diode, 6 Amp
NTE5906 NTE-NTE5906 Datasheet
26Kb / 3P
   Silicon Power Rectifier Diode, 40 Amp
NTE5962 NTE-NTE5962 Datasheet
19Kb / 2P
   Silicon Power Rectifier Diode, 25 Amp
NTE6036 NTE-NTE6036 Datasheet
23Kb / 2P
   Silicon Power Rectifier Diode, 85 Amp
NTE5844 NTE-NTE5844 Datasheet
24Kb / 2P
   Silicon Power Rectifier Diode, 20 Amp
NTE5940 NTE-NTE5940 Datasheet
24Kb / 3P
   Silicon Power Rectifier Diode, 15 Amp
NTE6129 NTE-NTE6129 Datasheet
21Kb / 2P
   Silicon Power Rectifier Diode, 700 Amp
NTE5826 NTE-NTE5826 Datasheet
18Kb / 2P
   Silicon Power Rectifier Diode, 50 Amp
NTE6354 NTE-NTE6354 Datasheet
25Kb / 3P
   Silicon Power Rectifier Diode, 300 Amp
NTE5810 NTE-NTE5810 Datasheet
24Kb / 2P
   Silicon Power Rectifier Diode, 12 Amp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com