Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1218201 Datasheet(PDF) 6 Page - SICK AG

Part # 1218201
Description  CONTRAST SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1218201 Datasheet(HTML) 6 Page - SICK AG

  1218201 Datasheet HTML 1Page - SICK AG 1218201 Datasheet HTML 2Page - SICK AG 1218201 Datasheet HTML 3Page - SICK AG 1218201 Datasheet HTML 4Page - SICK AG 1218201 Datasheet HTML 5Page - SICK AG 1218201 Datasheet HTML 6Page - SICK AG 1218201 Datasheet HTML 7Page - SICK AG 1218201 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
KTS-WB94141152ZZZZ | KTS Prime
CONTRAST SENSORS
KTS/KTX Prime - Setting the switching threshold (color mode)
When detecting the contrast or color
to be detected, “1st” flashes.
Press set button. The Quality of Teach-in
is displayed.
Suitable for teaching in color properties.
1. Position mark/color property
Characteristic curve
Sensing distance 13 mm, light spot direction round
80
60
40
20
0
100
70
50
30
10
90
110
Sensitivity in %
20
(0.79)
16
(0.63)
12
(0.47)
8
(0.31)
4
(0.16)
0
Distance in mm (inch)
Recommended accessories
Other models and accessories
www.sick.com/KTS_Prime
Brief description
Type
Part no.
Universal bar clamp systems
Plate K for universal clamp bracket, steel, zinc coated, Universal clamp (2022726),
mounting hardware
BEF-KHS-K01
2022718
6
REGISTRATION SENSORS | SICK
Online data sheet | 2018-07-16 14:37:20
Subject to change without notice


Similar Part No. - 1218201

ManufacturerPart #DatasheetDescription
logo
SICK AG
1218200 SICK-1218200 Datasheet
736Kb / 7P
   CONTRAST SENSORS
More results

Similar Description - 1218201

ManufacturerPart #DatasheetDescription
logo
SICK AG
KTM-MP317A1P SICK-KTM-MP317A1P Datasheet
1Mb / 9P
   CONTRAST SENSORS
KTM-WP1A182V SICK-KTM-WP1A182V Datasheet
1Mb / 8P
   CONTRAST SENSORS
KTX-WB9114225AZZZZ SICK-KTX-WB9114225AZZZZ Datasheet
998Kb / 9P
   CONTRAST SENSORS
KTX-WB9114224UZZZZ SICK-KTX-WB9114224UZZZZ Datasheet
1Mb / 8P
   CONTRAST SENSORS
KTX-WP9114224UZZZZ SICK-KTX-WP9114224UZZZZ Datasheet
1,022Kb / 8P
   CONTRAST SENSORS
KTX-WP92142242ZZZZ SICK-KTX-WP92142242ZZZZ Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT3L-N3216 SICK-KT3L-N3216 Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT5G-2P1111 SICK-KT5G-2P1111 Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT5W-2N1116D SICK-KT5W-2N1116D Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT5W-2P1113 SICK-KT5W-2P1113 Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT5W-2P1316 SICK-KT5W-2P1316 Datasheet
1Mb / 8P
   CONTRAST SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com