Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1218201 Datasheet(PDF) 5 Page - SICK AG

Part # 1218201
Description  CONTRAST SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1218201 Datasheet(HTML) 5 Page - SICK AG

  1218201 Datasheet HTML 1Page - SICK AG 1218201 Datasheet HTML 2Page - SICK AG 1218201 Datasheet HTML 3Page - SICK AG 1218201 Datasheet HTML 4Page - SICK AG 1218201 Datasheet HTML 5Page - SICK AG 1218201 Datasheet HTML 6Page - SICK AG 1218201 Datasheet HTML 7Page - SICK AG 1218201 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
KTS-WB94141152ZZZZ | KTS Prime
CONTRAST SENSORS
Connection diagram
cd-382
+(L+)
Q/IN1
-(M)
BN
WH
BU
1
2
3
Q
BK
4
IN2
GY
5
Concept of operation
KTS/KTX Prime - Setting the switching threshold (dynamic Teach-in)
Switching characteristics
The optimum emitted light is selected automatically (at RGB variants).
Static teach-in: light/dark setting is defined using teach-in sequence.
Dynamic teach-in: switching output active on mark, if background is longer in the field of view during the teach-in.
The switching threshold is set in the center between the background and the mark.
Keylock (activation and deactivation): Press and hold the “+” pushbutton > 10 s.
The Q-LED (yellow) flashes and the “Err” error message appears on the display.
Internal signal
received
Internal signal
received
Dark switching
Light switching
Output Q
Output Q
Switching
threshold
Switching
threshold
Example
Press the Set pushbutton
to start the teach-in process.
1. Position background
The display lights up during repeat
length detection ( - - - ).
2. Move at least the mark
and background using
the light spot
Press the Set pushbutton to end
the teach-in process.
The Quality of Teach is displayed.
Suitable for teaching in moving objects.
KTS/KTX Prime - setting the switching threshold (2-point teach-in)
When setting the contrasts to be
detected, “1st” flashes.
Press set button.
When setting the contrasts to be
detected, “2nd” flashes. Press set button.
The Quality of Teach is displayed.
Suitable for manual positioning of the object to be detected, e.g. marks and background.
1. Position mark
2. Position background
2018-07-16 14:37:20 | Online data sheet
Subject to change without notice
REGISTRATION SENSORS | SICK
5


Similar Part No. - 1218201

ManufacturerPart #DatasheetDescription
logo
SICK AG
1218200 SICK-1218200 Datasheet
736Kb / 7P
   CONTRAST SENSORS
More results

Similar Description - 1218201

ManufacturerPart #DatasheetDescription
logo
SICK AG
KTM-MP317A1P SICK-KTM-MP317A1P Datasheet
1Mb / 9P
   CONTRAST SENSORS
KTM-WP1A182V SICK-KTM-WP1A182V Datasheet
1Mb / 8P
   CONTRAST SENSORS
KTX-WB9114225AZZZZ SICK-KTX-WB9114225AZZZZ Datasheet
998Kb / 9P
   CONTRAST SENSORS
KTX-WB9114224UZZZZ SICK-KTX-WB9114224UZZZZ Datasheet
1Mb / 8P
   CONTRAST SENSORS
KTX-WP9114224UZZZZ SICK-KTX-WP9114224UZZZZ Datasheet
1,022Kb / 8P
   CONTRAST SENSORS
KTX-WP92142242ZZZZ SICK-KTX-WP92142242ZZZZ Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT3L-N3216 SICK-KT3L-N3216 Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT5G-2P1111 SICK-KT5G-2P1111 Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT5W-2N1116D SICK-KT5W-2N1116D Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT5W-2P1113 SICK-KT5W-2P1113 Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT5W-2P1316 SICK-KT5W-2P1316 Datasheet
1Mb / 8P
   CONTRAST SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com