Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1218201 Datasheet(PDF) 3 Page - SICK AG

Part # 1218201
Description  CONTRAST SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1218201 Datasheet(HTML) 3 Page - SICK AG

  1218201 Datasheet HTML 1Page - SICK AG 1218201 Datasheet HTML 2Page - SICK AG 1218201 Datasheet HTML 3Page - SICK AG 1218201 Datasheet HTML 4Page - SICK AG 1218201 Datasheet HTML 5Page - SICK AG 1218201 Datasheet HTML 6Page - SICK AG 1218201 Datasheet HTML 7Page - SICK AG 1218201 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KTS-WB94141152ZZZZ | KTS Prime
CONTRAST SENSORS
Power consumption
< 100 mA 3)
Switching frequency
50 kHz 4)
Response time
10 µs 5)
Jitter
5 µs
Switching output
PUSH/PULL
Switching output (voltage)
Push/Pull: HIGH = VS - 3 V / LOW ≤ 3 V
Output current Imax.
100 mA 6)
Input, teach-in (ET)
Teach: U = 10 V ... < VS: Run: U < 2 V
Input, blanking input (AT)
Blanked: U = 10 V ... < Uv: free-running: U < 2 V
Input, fine/coarse (F/C)
Coarse: U = 10 V ... < Uv: fine: U < 2 V
Input, light/dark (L/D)
Light: U = 10 V ... < Uv: light: U < 2 V
Retention time (ET)
25 ms, non-volatile memory
Connection type
Male connector M12, 5-pin
Protection class
III
Circuit protection
UV connections, reverse polarity protected
Output Q short-circuit protected
Interference pulse suppression
Enclosure rating
IP67
Weight
68 g
Housing material
VISTAL®
1) Limit values: DC 12 V (–10 %) ... DC 24 V (+20 %). Operation in short-circuit protected network max. 8 A.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) With light/dark ratio 1:1.
5) Signal transit time with resistive load.
6) Total current of all Outputs.
Ambient data
Ambient operating temperature
–20 °C ... +60 °C
Ambient storage temperature
–25 °C ... +75 °C
Shock load
According to IEC 60068-2-27 (30 g/11 ms)
UL File No.
E181493
Classifications
ECl@ss 5.0
27270906
ECl@ss 5.1.4
27270906
ECl@ss 6.0
27270906
ECl@ss 6.2
27270906
ECl@ss 7.0
27270906
ECl@ss 8.0
27270906
ECl@ss 8.1
27270906
ECl@ss 9.0
27270906
ETIM 5.0
EC001820
ETIM 6.0
EC001820
2018-07-16 14:37:20 | Online data sheet
Subject to change without notice
REGISTRATION SENSORS | SICK
3


Similar Part No. - 1218201

ManufacturerPart #DatasheetDescription
logo
SICK AG
1218200 SICK-1218200 Datasheet
736Kb / 7P
   CONTRAST SENSORS
More results

Similar Description - 1218201

ManufacturerPart #DatasheetDescription
logo
SICK AG
KTM-MP317A1P SICK-KTM-MP317A1P Datasheet
1Mb / 9P
   CONTRAST SENSORS
KTM-WP1A182V SICK-KTM-WP1A182V Datasheet
1Mb / 8P
   CONTRAST SENSORS
KTX-WB9114225AZZZZ SICK-KTX-WB9114225AZZZZ Datasheet
998Kb / 9P
   CONTRAST SENSORS
KTX-WB9114224UZZZZ SICK-KTX-WB9114224UZZZZ Datasheet
1Mb / 8P
   CONTRAST SENSORS
KTX-WP9114224UZZZZ SICK-KTX-WP9114224UZZZZ Datasheet
1,022Kb / 8P
   CONTRAST SENSORS
KTX-WP92142242ZZZZ SICK-KTX-WP92142242ZZZZ Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT3L-N3216 SICK-KT3L-N3216 Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT5G-2P1111 SICK-KT5G-2P1111 Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT5W-2N1116D SICK-KT5W-2N1116D Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT5W-2P1113 SICK-KT5W-2P1113 Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT5W-2P1316 SICK-KT5W-2P1316 Datasheet
1Mb / 8P
   CONTRAST SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com