Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1218201 Datasheet(PDF) 2 Page - SICK AG

Part # 1218201
Description  CONTRAST SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1218201 Datasheet(HTML) 2 Page - SICK AG

  1218201 Datasheet HTML 1Page - SICK AG 1218201 Datasheet HTML 2Page - SICK AG 1218201 Datasheet HTML 3Page - SICK AG 1218201 Datasheet HTML 4Page - SICK AG 1218201 Datasheet HTML 5Page - SICK AG 1218201 Datasheet HTML 6Page - SICK AG 1218201 Datasheet HTML 7Page - SICK AG 1218201 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
KTS-WB94141152ZZZZ | KTS Prime
CONTRAST SENSORS
Ordering information
Type
Part no.
KTS-WB94141152ZZZZ
1218201
Other models and accessories
www.sick.com/KTS_Prime
Detailed technical data
Features
Dimensions (W x H x D)
26 mm x 62 mm x 47.5 mm
Sensing distance
13 mm
Sensing distance tolerance
± 5 mm
Housing design (light emission)
Rectangular
Light source
LED, RGB 1)
Wave length
470 nm, 525 nm, 625 nm
Light emission
Long side of housing
Light spot size
Ø 0.9 mm
Light spot direction
Round 2)
Teach-in mode
1-point teach-in, 2-point teach-in, dynamic Teach-in, auto mode
Output function
Light/dark switching
Delay time
Adjustable
Delivery status
2-point teach-in
Parameter presettings
None
1) Average service life: 100,000 h at TU = +25 °C.
2) In relation to long side of housing.
Mechanics/electronics
Supply voltage
10.8 V DC ... 28.8 V DC 1)
Ripple
≤ 5 Vpp 2)
1) Limit values: DC 12 V (–10 %) ... DC 24 V (+20 %). Operation in short-circuit protected network max. 8 A.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) With light/dark ratio 1:1.
5) Signal transit time with resistive load.
6) Total current of all Outputs.
2
REGISTRATION SENSORS | SICK
Online data sheet | 2018-07-16 14:37:20
Subject to change without notice


Similar Part No. - 1218201

ManufacturerPart #DatasheetDescription
logo
SICK AG
1218200 SICK-1218200 Datasheet
736Kb / 7P
   CONTRAST SENSORS
More results

Similar Description - 1218201

ManufacturerPart #DatasheetDescription
logo
SICK AG
KTM-MP317A1P SICK-KTM-MP317A1P Datasheet
1Mb / 9P
   CONTRAST SENSORS
KTM-WP1A182V SICK-KTM-WP1A182V Datasheet
1Mb / 8P
   CONTRAST SENSORS
KTX-WB9114225AZZZZ SICK-KTX-WB9114225AZZZZ Datasheet
998Kb / 9P
   CONTRAST SENSORS
KTX-WB9114224UZZZZ SICK-KTX-WB9114224UZZZZ Datasheet
1Mb / 8P
   CONTRAST SENSORS
KTX-WP9114224UZZZZ SICK-KTX-WP9114224UZZZZ Datasheet
1,022Kb / 8P
   CONTRAST SENSORS
KTX-WP92142242ZZZZ SICK-KTX-WP92142242ZZZZ Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT3L-N3216 SICK-KT3L-N3216 Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT5G-2P1111 SICK-KT5G-2P1111 Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT5W-2N1116D SICK-KT5W-2N1116D Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT5W-2P1113 SICK-KT5W-2P1113 Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT5W-2P1316 SICK-KT5W-2P1316 Datasheet
1Mb / 8P
   CONTRAST SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com