Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTS4801G Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTS4801G
Description  0.4 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS4801G Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTS4801G Datasheet HTML 1Page - Lite-On Technology Corporation LTS4801G Datasheet HTML 2Page - Lite-On Technology Corporation LTS4801G Datasheet HTML 3Page - Lite-On Technology Corporation LTS4801G Datasheet HTML 4Page - Lite-On Technology Corporation LTS4801G Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
  
 

  
 !"#$



<.://603.: .2 .3
A
'
.0C%:<0:18::.3.: .2 .3
83774.; /84/.'13!


388/%:<0:18::.3.: .2 .3
.:032.0:%: > .: .2 .3
>



.5.:/.+4302..: .2 .3

+
6.:032. 6.:038:.02.
3D
3:02.. 6.:038:.02.
3D
41.:. 6.:038:. 0E>@ : 0E/.03@
=.4</.032640.
%&!"#$

       
5.:02.8 8/"3./37
"
 >>
µ1
"F 
.0C //'05.4.23
λ6
@

"F> 
6.3:04.#04 '13
∆λ


"F> 
 03'05.4.23
λ1
@B

"F> 
%:<0:1+4302..: .2 .3
+
>
>@
+
"F> 
.5.:/.8::.3.: .2 .3
"

µ+F+
8 8/"3./37&03203
"
>
"F 
3. 8 8/ 3./37 / .0/8:.1 <3 0 423 /./: 01 43.:  =03 303
066:E 03./3."
/"3.:0304..G40:02.!.7. :./6/.8:5.


Similar Part No. - LTS4801G

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LTS4.5MCB TOKEN-LTS4.5MCB Datasheet
303Kb / 3P
   LTS MCB/MDB Ceramic Filters
logo
Transko Electronics, In...
LTS4.5MCB TRANSKO-LTS4.5MCB Datasheet
370Kb / 1P
   CERAMIC FILTER (MHz band, 3pins)
Rev. 1: Jul. 2014
logo
Token Electronics Indus...
LTS4.5MCBP TOKEN-LTS4.5MCBP Datasheet
303Kb / 3P
   LTS MCB/MDB Ceramic Filters
LTS4.5MDB TOKEN-LTS4.5MDB Datasheet
303Kb / 3P
   LTS MCB/MDB Ceramic Filters
logo
Transko Electronics, In...
LTS4.5MDB TRANSKO-LTS4.5MDB Datasheet
370Kb / 1P
   CERAMIC FILTER (MHz band, 3pins)
Rev. 1: Jul. 2014
More results

Similar Description - LTS4801G

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTS4301G LITEON-LTS4301G Datasheet
130Kb / 5P
   0.4 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS-4301E LITEON-LTS-4301E Datasheet
132Kb / 5P
   0.4 inch (10.0mm) digit height single digit, seven-segment display
logo
LUMEX INC.
LDS-A402RI LUMEX-LDS-A402RI Datasheet
70Kb / 1P
   0.4 SINGLE DIGIT SEVEN SEGMENT DISPLAY
logo
Lite-On Technology Corp...
LTC-4625G LITEON-LTC-4625G Datasheet
390Kb / 6P
   0.4 inch (10 mm) digit height quadruple digit seven-segment display
LTS2301AP LITEON-LTS2301AP Datasheet
121Kb / 5P
   0.28 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS-546AHR LITEON-LTS-546AHR Datasheet
128Kb / 5P
   0.52 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS547AP LITEON-LTS547AP Datasheet
128Kb / 5P
   0.52 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS367G LITEON-LTS367G Datasheet
124Kb / 5P
   0.36 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
logo
NTE Electronics
NTE3068 NTE-NTE3068 Datasheet
23Kb / 3P
   0.4??Single Digit Numeric Display Seven Segment, RHDP
logo
Lite-On Technology Corp...
LTS-547AG LITEON-LTS-547AG Datasheet
130Kb / 5P
   0.52 inch (13.2mm) digit height single digit seven-segment display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com