Electronic Components Datasheet Search |
|
GRM0225C1E4R0BA03 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd. |
|
|
GRM0225C1E4R0BA03 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd. |
5 / 30 page Substrate Bending test ・Test substrate Material : Copper-clad laminated sheets for PCBs (Glass fabric base, epoxy resin) Thickness : 1.6mm (GRM02/GRM03/GRM15: t:0.8mm) Copper foil thickness : 0.035mm : Solder resist (Coat with heat resistant resin for solder) Fig.1 (in mm) ・Test substrate Kind of Solder : Sn-3.0Ag-0.5Cu ・Test substrate Pressurization method Fig.2 (in mm) Adhesive Strength of Termination, Vibration, Temperature Sudden Change, Resistance to Soldering Heat (Reflow method) High Temperature High Humidity(Steady) , Durability ・Test substrate Material : Copper-clad laminated sheets for PCBs (Glass fabric base, epoxy resin) Thickness : 1.6mm or 0.8mm Copper foil thickness : 0.035mm ・Test substrate Kind of Solder : Sn-3.0Ag-0.5Cu ・Test substrate Land Dimensions Fig.3 Type Applied Force(N) GRM02 1 GRM03 2 GRM15/GRM18 5 GRM21/GRM31/GRM32 10 *2 4.0±0.1 0.05以下 *1 φ1.5 +0.1 -0 A t *1,2:2.0±0.05 100 a b Land f4.5 Type Dimension (mm) a b c GRM02 0.2 0.56 0.23 GRM03 0.3 0.9 0.3 GRM15 0.4 1.5 0.5 GRM18 1.0 3.0 1.2 GRM21 1.2 4.0 1.65 GRM31 2.2 5.0 2.0 GRM32 2.2 5.0 2.9 Type Dimension (mm) a b c GRM02 0.2 0.56 0.23 GRM03 0.3 0.9 0.3 GRM15 0.4 1.5 0.5 GRM18 1.0 3.0 1.2 GRM21 1.2 4.0 1.65 GRM31 2.2 5.0 2.0 GRM32 2.2 5.0 2.9 b a Solder Resist Chip Capacitor Land 45 45 Flexure:≦1 Capacitance meter Pressurization speed 1.0mm/s Support Capacitor Pressurize 45 45 R5 20 50 min. JEMCGS-04590A 5 |
Similar Part No. - GRM0225C1E4R0BA03 |
|
Similar Description - GRM0225C1E4R0BA03 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |