Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T960106 Datasheet(PDF) 1 Page - E-SWITCH

Part # T960106
Description  CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T960106 Datasheet(HTML) 1 Page - E-SWITCH

  T960106 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
PVA6LRE21131
2:1
3/29/2017
T960106
A
rc
1
1
RECOMMEND
PANEL CUT-OUT
12
+
+
(OFF)
SCHEMATIC
SPST
(OFF - ON LATCHING)
(ON)
2
-
1
A
22869
New Release
5/30/17
rc
19.60
[.772 in]
4.50
[.177 in]
24.10
[.949 in]
18.50
[.728 in]
11.90
[.469 in]
10.50
[.413 in]
9.40
[.370 in]
.50
[.020 in]
2.00
[.079 in]
2.00
[.079 in]
.40
[.016 in]
8.75
[.344 in]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
5. RATING: 2A 36VDC
6. ELECTRIC LIFE: 100,000 CYCLES
7. INSULATION RESISTANCE: 1,000MΩ MIN @ 500VDC.
8. DIELECTRIC STRENGTH: 2,000VAC MIN. FOR 1 MINUTE
9. CONTACT RESISTANCE: 50mΩ MAX. @ 1A 12VDC
10. OPERATING TEMP.: -20°C to 70°C
11. TRAVEL: 2.3 ±0.40 mm
12. OPERATING FORCE: 460 ±150 GRAMS
13.
DENOTES CRITICAL PARAMETER.
14. ILLUMINATION COLOR: GREEN (ON POSITION)
15. HARDWARE SUPPLIED: O-RING AND HEXNUT (NOT SHOWN)
16. ILLUMINATION VOLTAGE RATING: 3V @ 20 mA
17. 2011/65/EU (ROHS) COMPLIANT
15.40 -.00
.20
+
.606 -.000
.008
+
in
[]
16.00
- .00
.20
+
.630 -.000
.008
+
in
[]
BUTTON AND
HOUSING FINISH:
BLACK ANODIZED
2.20
[.087 in]
M16 x 1.0
THREAD
15.30 -.10
.00
+
.602 - .004
.000
+
in
[]
ORIENTATION
FLAT


Similar Part No. - T960106

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T960100 E-SWITCH-T960100 Datasheet
151Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T960101 E-SWITCH-T960101 Datasheet
151Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T960102 E-SWITCH-T960102 Datasheet
151Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T960103 E-SWITCH-T960103 Datasheet
151Kb / 1P
CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T960104 E-SWITCH-T960104 Datasheet
151Kb / 1P
CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
More results

Similar Description - T960106

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T960105 E-SWITCH-T960105 Datasheet
151Kb / 1P
CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T970039 E-SWITCH-T970039 Datasheet
178Kb / 1P
CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T970040 E-SWITCH-T970040 Datasheet
176Kb / 1P
CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T970048 E-SWITCH-T970048 Datasheet
272Kb / 1P
CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T980025 E-SWITCH-T980025 Datasheet
175Kb / 1P
CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T960107 E-SWITCH-T960107 Datasheet
151Kb / 1P
CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T970035 E-SWITCH-T970035 Datasheet
176Kb / 1P
CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T970043 E-SWITCH-T970043 Datasheet
179Kb / 1P
CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T980021 E-SWITCH-T980021 Datasheet
176Kb / 1P
CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T970034 E-SWITCH-T970034 Datasheet
176Kb / 1P
CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com