Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMK-5-2751 Datasheet(PDF) 1 Page - Mini-Circuits

Part # RMK-5-2751
Description  Frequency Multiplier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RMK-5-2751 Datasheet(HTML) 1 Page - Mini-Circuits

  RMK-5-2751 Datasheet HTML 1Page - Mini-Circuits RMK-5-2751 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical Specifications at 25°C
Maximum Ratings
Pin Connections
Features
• low conversion loss, 22 dB typ.
• high rejection of adjacent harmonics, 58 dBc typ.
• aqueous washable
Applications
• synthesizers
• local oscillators
• satellite up and down converters
INPUT
1
OUTPUT
4
GROUND
2,3,5,6
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Input Power
20 dBm
RMK-5-2751+
* Harmonics of input frequency below the power level of F5
CASE STYLE: TT1224
Outline Drawing
Outline Dimensions (
)
inch
mm
Demo Board MCL P/N: TB-393
Suggested PCB Layout (PL-258)
PCB Land Pattern
Suggested Layout,
Tolerance to be within
±.002
A
B
C
D
E
FG
H
.25
.31
.16 .100 .040 .055 .060
.065
6.35
7.87
4.06
2.54
1.02
1.40
1.52
1.65
J
K
L
M
N
P
Q
wt.
.300 .060 .160 .025 .100 .110 .070 grams
7.62
1.52
4.06
0.64
2.54
2.79
1.78
0.16
Frequency
Conv.
Loss
(dB)
F5
Harmonic Rejection Below F5, (dB)
at RF Input Power 17 dBm
Input
(MHz)
Output
(MHz)
F1
F2
F3
F4
F6
F7
Typical Performance Data
450.00
2250.00
21.33
8.82
75.33
1.05
63.74
57.22
7.39
455.00
2275.00
21.35
8.72
74.80
0.88
63.16
57.40
7.62
460.00
2300.00
21.40
8.54
74.41
0.77
62.42
57.40
7.79
465.00
2325.00
21.36
8.35
74.01
0.54
61.76
57.77
8.26
470.00
2350.00
21.33
8.18
73.54
0.38
61.04
57.83
8.28
475.00
2375.00
21.30
7.96
72.89
0.25
60.45
57.95
8.51
480.00
2400.00
21.26
7.82
72.47
0.07
59.80
58.03
8.73
485.00
2425.00
21.20
7.71
72.21
-0.06
59.31
57.94
8.82
490.00
2450.00
21.25
7.46
72.09
-0.35
58.94
58.08
9.03
495.00
2475.00
21.28
7.30
71.94
-0.53
58.64
58.17
9.34
500.00
2500.00
21.37
7.08
71.91
-0.67
58.16
58.31
9.55
505.00
2525.00
21.46
6.84
71.50
-0.95
57.71
58.38
9.80
510.00
2550.00
21.53
6.58
71.19
-1.24
57.31
58.48
10.15
515.00
2575.00
21.60
6.34
70.76
-1.45
57.06
58.65
10.32
520.00
2600.00
21.62
6.17
70.53
-1.64
56.67
58.85
10.42
525.00
2625.00
21.66
5.92
70.40
-1.89
56.27
58.95
10.60
530.00
2650.00
21.63
5.84
70.50
-1.99
55.92
59.04
10.56
535.00
2675.00
21.65
5.63
70.45
-2.20
55.63
59.32
10.87
540.00
2700.00
21.76
5.42
70.35
-2.40
55.20
59.71
10.79
545.00
2725.00
21.90
5.14
70.26
-2.72
54.99
60.08
11.20
550.00
2750.00
22.14
4.80
70.14
-3.02
54.73
60.27
11.43
Permanent damage may occur if any of these limits are exceeded.
Parameter
Min.
Typ.
Max.
Unit
Multiplier Factor
5
Frequency Range, Input (F1)
450
550
MHz
Frequency Range, Output (F5)
2250
2750
MHz
Input Power
17
dBm
Conversion Loss
22
24.5
dB
Harmonic Ouput*
F1
3.0
4.8
dB
F2
38
67.8
F3
-7
-3.0
F4
40
54
F6
40
57
F7
4
7
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
50
Output 2250 to 2750 MHz
REV. A
M151107
RMK-5-2751+
AV/CP/AM
150923
X5
Frequency Multiplier


Similar Part No. - RMK-5-2751

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RMK-5-2251 MINI-RMK-5-2251 Datasheet
316Kb / 3P
Frequency Multiplier
RMK-5-2251++ MINI-RMK-5-2251+ Datasheet
316Kb / 3P
Frequency Multiplier
More results

Similar Description - RMK-5-2751

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
Frequency Multiplier
RMK-3-1262++ MINI-RMK-3-1262+ Datasheet
150Kb / 1P
Frequency Multiplier
RMK-3-14 MINI-RMK-3-14 Datasheet
252Kb / 1P
Frequency Multiplier
RMK-3-33 MINI-RMK-3-33 Datasheet
296Kb / 2P
Frequency Multiplier
RMK-3-123 MINI-RMK-3-123 Datasheet
255Kb / 1P
Frequency Multiplier
RMK-5-51 MINI-RMK-5-51 Datasheet
297Kb / 3P
Frequency Multiplier
RMK-5-83 MINI-RMK-5-83 Datasheet
315Kb / 3P
Frequency Multiplier
RMK-5-571 MINI-RMK-5-571 Datasheet
373Kb / 3P
Frequency Multiplier
RMK-5-2251 MINI-RMK-5-2251 Datasheet
316Kb / 3P
Frequency Multiplier
FK-5 MINI-FK-5 Datasheet
168Kb / 1P
Frequency Multiplier
MK-2 MINI-MK-2 Datasheet
172Kb / 1P
Frequency Multiplier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com