Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMK-5-83 Datasheet(PDF) 2 Page - Mini-Circuits

Part # RMK-5-83
Description  Frequency Multiplier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RMK-5-83 Datasheet(HTML) 2 Page - Mini-Circuits

  RMK-5-83 Datasheet HTML 1Page - Mini-Circuits RMK-5-83 Datasheet HTML 2Page - Mini-Circuits RMK-5-83 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Specifications at 25°C
Maximum Ratings
Pin Connections
Features
• high rejection of adjacent harmonic, 56 dBc typ.
• aqueous washable
• broadband
• low input power required
Applications
• synthesizers
• local oscillators
• satellite up and down converters
INPUT
1
OUTPUT
4
GROUND
2,3,5,6
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Input Power
13 dBm
RMK-5-83+
* Harmonics of input frequency below the power level of F5
CASE STYLE: TT1224
Outline Drawing
Outline Dimensions (
)
inch
mm
Demo Board MCL P/N: TB-393
Suggested PCB Layout (PL-258)
PCB Land Pattern
Suggested Layout,
Tolerance to be within
±.002
A
B
C
D
E
FG
H
.25
.31
.16 .100 .040 .055 .060
.065
6.35
7.87
4.06
2.54
1.02
1.40
1.52
1.65
J
K
L
M
N
P
Q
wt.
.300 .060 .160 .025 .100 .110 .070 grams
7.62
1.52
4.06
0.64
2.54
2.79
1.78
0.16
Frequency
Conv.
Loss
(dB)
F5
Harmonic Rejection Below F5, (dBc)
at RF Input Power 11 dBm
Input
(MHz)
Output
(MHz)
F1
F2
F3
F4
F6
F7
Typical Performance Data
1000.00
5000.00
25.21
-4.33
-76.63
-4.01
-72.11
-67.47
-6.22
1020.00
5100.00
24.96
-4.35
-76.49
-4.01
-72.86
-67.84
-6.73
1040.00
5200.00
24.84
-4.22
-76.85
-3.95
-73.05
-67.60
-7.42
1060.00
5300.00
24.60
-4.23
-76.95
-3.97
-73.86
-67.72
-8.10
1080.00
5400.00
24.51
-4.04
-76.48
-3.94
-74.18
-67.69
-8.77
1100.00
5500.00
24.60
-3.78
-76.76
-3.45
-75.15
-67.11
-9.55
1120.00
5600.00
24.63
-3.45
-76.11
-3.22
-75.79
-66.93
-10.59
1140.00
5700.00
24.51
-3.37
-75.54
-3.04
-77.22
-66.71
-11.61
1160.00
5800.00
24.96
-2.69
-75.06
-2.33
-77.29
-66.21
-11.70
1180.00
5900.00
25.44
-2.08
-73.74
-1.59
-76.38
-65.83
-12.25
1200.00
6000.00
25.43
-1.88
-72.93
-1.14
-74.19
-58.63
-13.37
1250.00
6250.00
28.37
6.80
-65.69
2.44
-67.94
-65.54
-13.75
1300.00
6500.00
28.77
7.37
-65.24
3.82
-65.97
-66.85
-15.02
1350.00
6750.00
28.87
7.71
-66.48
4.70
-65.80
-66.77
-15.98
1400.00
7000.00
29.03
8.15
-65.80
5.66
-66.60
-65.53
-15.79
1450.00
7250.00
29.31
8.79
-64.33
6.77
-67.08
-62.27
-13.97
1500.00
7500.00
30.12
10.02
-63.85
8.06
-66.23
-58.72
-11.94
1520.00
7600.00
29.97
10.03
-64.10
8.17
-66.82
-58.06
-11.86
1540.00
7700.00
30.22
10.46
-63.86
8.46
-66.92
-56.64
-11.36
1560.00
7800.00
30.27
10.59
-63.90
8.69
-66.50
-56.26
-11.19
1580.00
7900.00
30.51
11.15
-63.42
9.12
-65.90
-55.95
-10.83
1600.00
8000.00
30.45
11.29
-62.96
9.28
-65.77
-55.63
-10.79
Permanent damage may occur if any of these limits are exceeded.
Parameter
Min.
Typ.
Max.
Unit
Multiplier Factor
5
Frequency Range, Input (F1)
1000
1600
MHz
Frequency Range, Output (F5)
5000
8000
MHz
Input Power
7
-—
11
dBm
Conversion Loss
-—
28
34.5
dB
Harmonic Ouput*
F1
-15
-3.5
-—
-dBc
F2
32
62.5
-—
F3
-15
-4.2
-—
F4
32
56.2
-—
F6
30
58.3
-—
F7
-4
10.2
-—
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 3
50
Output 5000 to 8000 MHz
REV. A
M151107
ED-14642
RMK-5-83+
AV/CP/AM
150923
X5
Frequency Multiplier


Similar Part No. - RMK-5-83

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RMK-5-13 MINI-RMK-5-13 Datasheet
275Kb / 3P
Frequency Multiplier
RMK-5-13++ MINI-RMK-5-13+ Datasheet
275Kb / 3P
Frequency Multiplier
RMK-5-2251 MINI-RMK-5-2251 Datasheet
316Kb / 3P
Frequency Multiplier
RMK-5-2251++ MINI-RMK-5-2251+ Datasheet
316Kb / 3P
Frequency Multiplier
RMK-5-2751 MINI-RMK-5-2751 Datasheet
256Kb / 2P
Frequency Multiplier
More results

Similar Description - RMK-5-83

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
Frequency Multiplier
RMK-3-1262++ MINI-RMK-3-1262+ Datasheet
150Kb / 1P
Frequency Multiplier
RMK-3-14 MINI-RMK-3-14 Datasheet
252Kb / 1P
Frequency Multiplier
RMK-3-33 MINI-RMK-3-33 Datasheet
296Kb / 2P
Frequency Multiplier
RMK-3-123 MINI-RMK-3-123 Datasheet
255Kb / 1P
Frequency Multiplier
RMK-5-51 MINI-RMK-5-51 Datasheet
297Kb / 3P
Frequency Multiplier
RMK-5-571 MINI-RMK-5-571 Datasheet
373Kb / 3P
Frequency Multiplier
RMK-5-2251 MINI-RMK-5-2251 Datasheet
316Kb / 3P
Frequency Multiplier
FK-5 MINI-FK-5 Datasheet
168Kb / 1P
Frequency Multiplier
MK-2 MINI-MK-2 Datasheet
172Kb / 1P
Frequency Multiplier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com