Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMK-5-83 Datasheet(PDF) 1 Page - Mini-Circuits

Part # RMK-5-83
Description  Frequency Multiplier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RMK-5-83 Datasheet(HTML) 1 Page - Mini-Circuits

  RMK-5-83 Datasheet HTML 1Page - Mini-Circuits RMK-5-83 Datasheet HTML 2Page - Mini-Circuits RMK-5-83 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 3
Product Overview
Mini-Circuits’ RMK-5-83+ frequency multiplier provides a multiplication factor of 5, converting input frequencies from 1000 to
1600 MHz to output frequencies from 5000 to 8000 MHz, supporting applications such as synthesizers, local oscillators, satellite
up and down converters and more. The unit provides an input power range from +7 to +11 dBm, 28 dB conversion loss, and
good harmonic suppression. The multiplier comes housed in a miniature, surface-mount package (0.25 x 0.31 x 0.16”) ideal for
dense circuit board layouts.
Feature
Advantages
Wide bandwidth
With an output frequency range spanning 5000-8000 MHz, this multiplier covers a wide range of applications.
Very good harmonic suppression
• F4, 56 dBc
• F6, 58 dBc
Reduces spurious signals and the need for additional filtering.
Wide input power range, +7 to +11 dBm
Wide input power signal range accommodates different input signal levels while still maintaining a low con-
version loss.
Low cost
Provides an easy, cost-effective solution for generating high-frequency signals from a lower frequency signal
source.
Small size
Measuring only 0.25 x 0.31 x 0.16”, the RMK-5-52+ saves space in crowded PCB layouts.
The Big Deal
• Wideband, 5000 to 8000 MHz output
• Wide input power range, +7 to +11 dBm
• High harmonic suppression, F4, 56 dBc; F6, 58 dBc
CASE STYLE: TT1224
RMK-5-83+
50
Output 5000 to 8000 MHz
X5
Frequency Multiplier


Similar Part No. - RMK-5-83

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RMK-5-13 MINI-RMK-5-13 Datasheet
275Kb / 3P
Frequency Multiplier
RMK-5-13++ MINI-RMK-5-13+ Datasheet
275Kb / 3P
Frequency Multiplier
RMK-5-2251 MINI-RMK-5-2251 Datasheet
316Kb / 3P
Frequency Multiplier
RMK-5-2251++ MINI-RMK-5-2251+ Datasheet
316Kb / 3P
Frequency Multiplier
RMK-5-2751 MINI-RMK-5-2751 Datasheet
256Kb / 2P
Frequency Multiplier
More results

Similar Description - RMK-5-83

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
Frequency Multiplier
RMK-3-1262++ MINI-RMK-3-1262+ Datasheet
150Kb / 1P
Frequency Multiplier
RMK-3-14 MINI-RMK-3-14 Datasheet
252Kb / 1P
Frequency Multiplier
RMK-3-33 MINI-RMK-3-33 Datasheet
296Kb / 2P
Frequency Multiplier
RMK-3-123 MINI-RMK-3-123 Datasheet
255Kb / 1P
Frequency Multiplier
RMK-5-51 MINI-RMK-5-51 Datasheet
297Kb / 3P
Frequency Multiplier
RMK-5-571 MINI-RMK-5-571 Datasheet
373Kb / 3P
Frequency Multiplier
RMK-5-2251 MINI-RMK-5-2251 Datasheet
316Kb / 3P
Frequency Multiplier
FK-5 MINI-FK-5 Datasheet
168Kb / 1P
Frequency Multiplier
MK-2 MINI-MK-2 Datasheet
172Kb / 1P
Frequency Multiplier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com