Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADE-1L+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # ADE-1L+
Description  FREQUENCY MIXERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-1L+ Datasheet(HTML) 1 Page - Mini-Circuits

  ADE-1L+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FREQUENCY MIXERS
Designer's Kit
K1-ADE+
RF/IF & MICROWAVE COMPONENTS
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For quick access to product information see MINI-CIRCUITS CATALOG & WEB SITE
®
ISO 9001 ISO 14001 CERTIFIED
2 to 4000 MHz
ADE+ Features
Wide bandwidth
Low conversion loss, 6 dB
High L-R isolation, up to 60 dB typ.
Large selection of models, LO level 3, 4, 7, 13,17
Low profile, 0.11"
Very low cost
only
9995
$
ea. kit (8 models, 5of each, 40 total)
MINI-CIRCUITS DESIGNER'S KITS
THE SOLUTION !
o S
COMPLIANT
All models are
RoHS compliant
Model
LO
Frequency
Conversion Loss
RF In
IP3
LO-RF
LO-IF
Level
(MHz)
(dB)
@ 1dB
(dBm)
Isolation
Isolation
(dBm)
Compr.
(dB)
(dB)
(dBm)
LO/RF
IF
Typ.
σ
Max.
Typ.
Typ.
Typ.
Typ.
ADE-1L+
3.0
2-500
DC-500
5.2
0.1
8.0
0
16
55
45
ADEX-10L+
4.0
10-1000
DC-800
7.2
0.1
8.8
1.0
16
60
33
ADE-2+
7.0
5.0-1000
DC-1000
6.67
0.26
9.5
1.0
20
47
45
ADE-18W+
7.0
1750-3500
DC-700
5.4
0.30
8.9
1.0
11
33
12
ADE-30W+
7.0
300-4000
DC-950
6.8
0.20
9.8
1.0
12
35
16
ADE-35MH+
13
5.0-3500
5.0-2500
6.9
0.10
10.5
9
18
33
28
ADE-17H+
17
100-1700
50-1500
7.2
0.10
9.5
14
25
35
32
ADEX-10H+
17
10-1000
DC-800
7.0
0.10
9.5
14
22
55
32
Protected under U.S. Patent 6,133, 525
ADEX models additional U.S. Patent 6, 947, 717
Kit K1-ADE+ Electrical specifications of each model
REV. OR
M108650
K1-ADE+


Similar Part No. - ADE-1L+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-1L++ MINI-ADE-1L+ Datasheet
287Kb / 2P
Frequency Mixer
More results

Similar Description - ADE-1L+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SRA-1 MINI-SRA-1 Datasheet
141Kb / 2P
FREQUENCY MIXERS
SBL-1 MINI-SBL-1 Datasheet
268Kb / 2P
Frequency Mixers
MAC-24 MINI-MAC-24 Datasheet
1Mb / 4P
Frequency Mixers
MAC-42LH MINI-MAC-42LH Datasheet
1Mb / 4P
Frequency Mixers
MAC-42MH MINI-MAC-42MH Datasheet
1Mb / 4P
Frequency Mixers
MAC-60 MINI-MAC-60 Datasheet
1Mb / 4P
Frequency Mixers
MAC-80H MINI-MAC-80H Datasheet
1Mb / 4P
Frequency Mixers
MAC-80LH MINI-MAC-80LH Datasheet
1Mb / 4P
Frequency Mixers
MAC-80MH MINI-MAC-80MH Datasheet
1Mb / 4P
Frequency Mixers
MAC-85 MINI-MAC-85 Datasheet
1Mb / 4P
Frequency Mixers
MAC-85L MINI-MAC-85L Datasheet
1Mb / 4P
Frequency Mixers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com