Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES-12864E Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ES-12864E
Description  1/64 DUTY 1/9 BIAS STN, REFLECTIVE EL, LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ES-12864E Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ES-12864E Datasheet HTML 1Page - List of Unclassifed Manufacturers ES-12864E Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Excel Technology International Corporation
ES-12864E 128 x 64 dots
1/64 Duty, 1/9 Bias
STN, Reflective, EL, LED
General Specification
Item
Value
Unit
Display Format
128 x 64
dots
Module Dimensions
78 x 70 x 12.4
mm
Viewing Area
62 x 44
mm
Dot Size
0.42 x 0.58
mm
Dot Pitch
0.44 x 0.60
mm
Controller
T6963C (Toshiba)
Electrical Characteristics
Standard Value
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply Voltage for Logic
VDD-VSS
4.5
5.0
5.5
V
VIH
H Level
0.8VDD
VDD
-
Input Voltage
VIL
L Level
VSS
0.2VDD
-
V
Ta=0ºC
8.3
9.0
9.3
Ta=25ºC
8.4
8.7
9.0
LCM Recommended LCD
Module Driving Voltage
VDD-VLCD
Ta=50ºC
7.7
7.92
8.2
V
IDD (LED B/L OFF)
-
13
15
ILED (LED B/L ON)
-
100
150
Power Supply Current for
LCM
IEE
-
0.4
1.0
mA
Power Supply for EL
Backlight
VEL
VDD=5.0V
VDD-VLCD=8.7V
FLM=64Hz
VLED=4.2V
-
100V/-400Hz
-
V AC
Pin Assignment
No.
Symbol
Function
1
FGND/VEE
Frame Ground for DC to DC built in type, this pin becomes suppply voltage output for
LCD Panel
2
VSS
GND
3
VDD
Logic Supply Voltage
4
VLCD
LCD driver supply voltage
5
WR
Write Data
6
RD
Read Data
7
CE
Chip enable
8
C/D
Command/Data Register select
9
RES
Reset
10~17
DB0~DB7
Data Bus
18
FS
Font Select, H=6x8 dot matrix, L=8x8 dot matrix
19
BKLA
20
BKLK
Power Supply for Backlight. (4.2V/100~150mA DC for LED Backlight, 110V/400Hz AC
for EL


Similar Part No. - ES-12864E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ES-1106N-TVPE ADVANTECH-ES-1106N-TVPE Datasheet
122Kb / 1P
ES-1106N-TVPE
ES-1108N-LSAE ADVANTECH-ES-1108N-LSAE Datasheet
523Kb / 3P
ES-1108N-LSAE
ES-1108N-TVME ADVANTECH-ES-1108N-TVME Datasheet
461Kb / 3P
ES-1108N-TVME
ES-1108R-LSAE ADVANTECH-ES-1108R-LSAE Datasheet
434Kb / 3P
ES-1108R-LSAE
ES-1110N-LSA-H ADVANTECH-ES-1110N-LSA-H Datasheet
435Kb / 4P
ES-1110N-LSA-H
More results

Similar Description - ES-12864E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DG-12864 ETC-DG-12864 Datasheet
121Kb / 1P
128 X 64 DOTS 1/64 DUTY STN REFLECTIVE / EL/ LED BACKLIGHT
DG-12864-11 ETC1-DG-12864-11 Datasheet
1Mb / 1P
1/64 Duty Reflective/EL/LED Backlight
logo
LUMEX INC.
LCM-H02002DSR-XB LUMEX-LCM-H02002DSR-XB Datasheet
248Kb / 2P
20X2 LCD MODULE 1/16 DUTY 1/5 BIAS, STN REFLECTIVE, ENGLISH EUROPEAN FONT.
logo
List of Unclassifed Man...
RT240128ASR ETC2-RT240128ASR Datasheet
26Kb / 1P
1/64Duty 1/9 Bias Gray mode STN Transflective
logo
LUMEX INC.
LCM-H04002DWN LUMEX-LCM-H04002DWN Datasheet
115Kb / 2P
5x8 DOT MATRIX 40x2 LCD CHARACHTER MODULE, 5.55mm CHARCHTER HEIGHT, 1/6 DUTY, 1/5 BIAS, STN, REFLECTIVE
LCM-H04002DSR LUMEX-LCM-H04002DSR Datasheet
117Kb / 2P
5x8 DOT MATRIX 40x2 LCD CHARACHTER MODULE, 5.55mm CHARCHTER HEIGHT, 1/6 DUTY, 1/5 BIAS, STN, REFLECTIVE
LCM-H04002DWN-G LUMEX-LCM-H04002DWN-G Datasheet
116Kb / 2P
5x8 DOT MATRIX 40x2 LCD CHARACHTER MODULE, 5.55mm CHARCHTER HEIGHT, 1/6 DUTY, 1/5 BIAS, STN, REFLECTIVE
LCM-H04002DWN-1G LUMEX-LCM-H04002DWN-1G Datasheet
475Kb / 2P
5x8 DOT MATRIX 40x2 LCD CHARACHTER MODULE, 5.55mm CHARCHTER HEIGHT, 1/6 DUTY, 1/5 BIAS, STN, REFLECTIVE
logo
Sanyo Semicon Device
DG06241 SANYO-DG06241 Datasheet
194Kb / 2P
1/64 Duty
logo
LUMEX INC.
LCM-S01602DTRM LUMEX-LCM-S01602DTRM Datasheet
118Kb / 2P
16X2 CHARACTER LCD MODULE, TN, REFLECTIVE. 1/16 DUTY, 1/5 BIAS.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com