Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT134-F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BT134-F
Description  BI- DIRECTIONAL TRIODE THYRISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT134-F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BT134-F Datasheet HTML 1Page - List of Unclassifed Manufacturers BT134-F Datasheet HTML 2Page - List of Unclassifed Manufacturers BT134-F Datasheet HTML 3Page - List of Unclassifed Manufacturers BT134-F Datasheet HTML 4Page - List of Unclassifed Manufacturers BT134-F Datasheet HTML 5Page - List of Unclassifed Manufacturers BT134-F Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Absolute Maximum Ratings ( T
J = 25°C unless otherwise specified )
Symbol
Parameter
Condition
Ratings
Units
VDRM
Repetitive Peak Off-State Voltage
600
V
IT(RMS)
R.M.S On-State Current
TC = 104 °C
4A
ITSM
Surge On-State Current
One Cycle, 50Hz/60Hz, Peak,
Non-Repetitive
25/27
A
I2t
I2t
t = 10ms
3.1
A2s
PGM
Peak Gate Power Dissipation
5
W
PG(AV)
Average Gate Power Dissipation
Over any 20ms period
0.5
W
IGM
Peak Gate Current
2
A
VGM
Peak Gate Voltage
5
V
TJ
Operating Junction Temperature
- 40 ~ 125
°C
TSTG
Storage Temperature
- 40 ~ 150
°C
BT134-F
Nov, 2003. Rev. 0
Features
◆ Repetitive Peak Off-State Voltage : 600V
◆ R.M.S On-State Current ( I
T(RMS)= 4 A )
◆ High Commutation dv/dt
General Description
This device is suitable for low power AC switching applica-
tion, phase control application such as fan speed and tem-
perature modulation control, lighting control and static
switching relay.
2.T2
3.Gate
1.T1
Symbol
▼▲
1/6
SemiWell Semiconductor
Bi-Directional Triode Thyristor
copyright@SemiWell Semiconductor Co., Ltd., All rights reserved.
TO-126
3
2
1
Preliminary
http://www.kkg.com.cn


Similar Part No. - BT134-F

ManufacturerPart #DatasheetDescription
logo
SemiWell Semiconductor
BT134-F SEMIWELL-BT134-F Datasheet
651Kb / 6P
   Bi-Directional Triode Thyristor
More results

Similar Description - BT134-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STF4A60 ETC1-STF4A60 Datasheet
655Kb / 6P
   Bi-Directional Triode Thyristor
logo
SemiWell Semiconductor
BT134F SEMIWELL-BT134F Datasheet
651Kb / 6P
   Bi-Directional Triode Thyristor
BT138F-600 SEMIWELL-BT138F-600 Datasheet
681Kb / 6P
   Bi-Directional Triode Thyristor
STR2A60 SEMIWELL-STR2A60 Datasheet
487Kb / 5P
   Bi-Directional Triode Thyristor
STR4A80 SEMIWELL-STR4A80 Datasheet
601Kb / 6P
   Bi-Directional Triode Thyristor
STW25A60 SEMIWELL-STW25A60_07 Datasheet
536Kb / 5P
   Bi-Directional Triode Thyristor
logo
Shenzhen Winsemi Microe...
WTF12A60 WINSEMI-WTF12A60 Datasheet
489Kb / 6P
   Bi-Directional Triode Thyristor
WTPA24A60BW WINSEMI-WTPA24A60BW Datasheet
382Kb / 5P
   Bi-Directional Triode Thyristor
logo
SemiWell Semiconductor
STF12A60 SEMIWELL-STF12A60 Datasheet
728Kb / 6P
   Bi-Directional Triode Thyristor
BT136-D SEMIWELL-BT136-D Datasheet
605Kb / 5P
   Bi-Directional Triode Thyristor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com