Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC205K601H5-24-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # SCC205K601H5-24-F
Description  Dual IGBT Clamp-Snubber Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SCC205K601H5-24-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  SCC205K601H5-24-F Datasheet HTML 1Page - Cornell Dubilier Electronics SCC205K601H5-24-F Datasheet HTML 2Page - Cornell Dubilier Electronics SCC205K601H5-24-F Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
L
Max
1.0 mm
14.0 mm
R2
R1
W
Max
H
Max
17.3 mm
5.0 mm
Wire: UL1015
AWG 20
150 mm Min
14.0 mm
7.0 mm
6.5 x 8.5 mm
P
P
W2
C1
E2
E1/C2
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type SCC, Dual IGBT Clamp-Snubber Modules
High Peak Current Snubber with Integrated Hyperfast Diodes
Style SCC is ideal for use in medium to high current applications
where a dual IGBT module is used. This low loss snubber directly
reduces turn-off voltage overshoots and is effective in reducing
turn-on voltage transients.
Construction Details
Case Material
Plastic UL94V-0
Resin Material
Dry Resin UL94V-0
Terminal Material
Tin Plated Copper
Highlights
- Mount directly to the IGBT module
- Low inductance
- Low loss polypropylene dielectric
- High peak current
- Hyperfast diodes integrated into package
- Wire taps for connecting external resistors
- Flame resistant case and epoxy meet UL 94V-O
Dimensions
Capacitance Range
0.47 to 2.0 µF
Capacitance Tolerance
±10% (K) standard, ±5% (J) optional
Rated Voltage
600 to 1200 Vdc
Operating Temperature Range
-55 ºC to 70 ºC
RoHS Compliant
Specifications


Similar Part No. - SCC205K601H5-24-F

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SCC20506 CELDUC-SCC20506 Datasheet
263Kb / 2P
   DC Solid State Relay
More results

Similar Description - SCC205K601H5-24-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SCM474K601H7N29-F CDE-SCM474K601H7N29-F Datasheet
85Kb / 2P
   Single/Dual IGBT Snubber Capacitor Modules
SCMT474K601H7N28-F CDE-SCMT474K601H7N28-F Datasheet
428Kb / 3P
   Single/Dual IGBT Snubber Capacitor Modules
SCM CDE-SCM Datasheet
525Kb / 3P
   Single/Dual IGBT Snubber Capacitor Modules
SCD474K601A3Z25-F CDE-SCD474K601A3Z25-F Datasheet
297Kb / 2P
   IGBT Snubber Capacitor Modules
SCD CDE-SCD Datasheet
104Kb / 4P
   High dV/dt Direct Mount IGBT Snubber
logo
eupec GmbH
BSM15GP120 EUPEC-BSM15GP120 Datasheet
199Kb / 11P
   IGBT-Modules
logo
IXYS Corporation
L426 IXYS-L426 Datasheet
128Kb / 4P
   IGBT Modules
MWI100-12E8 IXYS-MWI100-12E8 Datasheet
71Kb / 2P
   IGBT Modules
logo
Semikron International
SKM25GAH125D SEMIKRON-SKM25GAH125D Datasheet
166Kb / 5P
   IGBT Modules
SKM200GAL173D SEMIKRON-SKM200GAL173D Datasheet
725Kb / 6P
   IGBT Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com