Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC205K601H5-24-F Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # SCC205K601H5-24-F
Description  Dual IGBT Clamp-Snubber Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SCC205K601H5-24-F Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  SCC205K601H5-24-F Datasheet HTML 1Page - Cornell Dubilier Electronics SCC205K601H5-24-F Datasheet HTML 2Page - Cornell Dubilier Electronics SCC205K601H5-24-F Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Ratings
Ipk(A)
Typical Application
Diode
Tc = 25 °C
Catalog
Cap
DUAL IGBT
Characteristics Ipk(A) Surge
Repetitive
W
L
H
W2
P
Part Number
(µF)
Ic/Vce
Vrrm/If/trr(µs)
Tc = 25 °C
20 kHz Sq Wave (mm) (mm) (mm) (mm) (mm)
SCC105K601H7-24-F
1.00
100/600
600/30/.040
300
70
50.80 76.20 31.75 14.22
24
SCC155K601H7-24-F
1.50
200-300/600
600/30/.040
300
70
50.80 76.20 31.75 14.22
24
SCC205K601H5-24-F
2.00
400/600
600/50/.045
500
100
50.80 76.20 31.75 14.22
24
SCC205K601H5-28-F
2.00
400/600
600/50/.045
500
100
50.80 76.20 31.75 10.16
28
SCC474K122H8-24-F
0.47
100/1200
1200/30/.065
300
60
50.80 76.20 31.75 14.22
24
SCC474K122H8-28-F
0.47
100/1200
1200/30/.065
300
60
50.80 76.20 31.75 10.16
28
SCC105K122H8-24-F
1.00
150/1200
1200/30/.065
300
60
62.90 76.20 38.10 14.22
24
SCC105K122H8-28-F
1.00
150/1200
1200/30/.065
300
60
62.90 76.20 38.10 10.16
28
SCC155K122H4-24-F
1.50
200/1200
1200/50/.085
500
100
63.50 88.90 40.00 20.60
24
SCC155K122H4-28-F
1.50
200/1200
1200/50/.085
500
100
63.50 88.90 40.00 16.50
28
SCC205K122H4-24-F
2.00
300/1200
1200/50/.085
500
100
71.12 92.08 43.18 20.60
24
SCC205K122H4-28-F
2.00
300/1200
1200/50/.085
500
100
71.12 92.08 43.18 18.03
28
SCC
105
K
122
H1
24
–F
Series Type
Designation
Capacitance
in pF
Tolerance
Code
Voltage
Diode
Rating
Lug Spacing
RoHS
Compliant
Indicator
104 = 0.1 µF
J = ±5%
601 = 600 Vdc See Tables
24 = 24 mm
105 = 1 µF
K = ±10%
122 = 1200 Vdc
28 = 28 mm
Part Numbering System
Type SCC, Dual IGBT Clamp-Snubber Modules
High Peak Current Snubber with Integrated Hyperfast Diodes
Note: Other ratings, sizes and performance specification available upon request. Contact us.


Similar Part No. - SCC205K601H5-24-F

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SCC20506 CELDUC-SCC20506 Datasheet
263Kb / 2P
DC Solid State Relay
More results

Similar Description - SCC205K601H5-24-F

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM15GP120 EUPEC-BSM15GP120 Datasheet
199Kb / 11P
IGBT-Modules
logo
IXYS Corporation
L426 IXYS-L426 Datasheet
128Kb / 4P
IGBT Modules
MWI100-12E8 IXYS-MWI100-12E8 Datasheet
71Kb / 2P
IGBT Modules
logo
Cornell Dubilier Electr...
SCD474K601A3Z25-F CDE-SCD474K601A3Z25-F Datasheet
297Kb / 2P
IGBT Snubber Capacitor Modules
SCM474K601H7N29-F CDE-SCM474K601H7N29-F Datasheet
85Kb / 2P
Single/Dual IGBT Snubber Capacitor Modules
SCMT474K601H7N28-F CDE-SCMT474K601H7N28-F Datasheet
428Kb / 3P
Single/Dual IGBT Snubber Capacitor Modules
logo
Semikron International
SKM25GAH125D SEMIKRON-SKM25GAH125D Datasheet
166Kb / 5P
IGBT Modules
SKM200GAL173D SEMIKRON-SKM200GAL173D Datasheet
725Kb / 6P
IGBT Modules
logo
Cornell Dubilier Electr...
SCD CDE-SCD Datasheet
104Kb / 4P
High dV/dt Direct Mount IGBT Snubber
SCM CDE-SCM Datasheet
525Kb / 3P
Single/Dual IGBT Snubber Capacitor Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com