Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

950 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 950
Description  Metallized Polypropylene Film Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

950 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  950 Datasheet HTML 1Page - Cornell Dubilier Electronics 950 Datasheet HTML 2Page - Cornell Dubilier Electronics 950 Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CDE Cornell Dubilier•1605 E. Rodney French Blvd•New Bedford, MA 02744•Phone: (508)996-8561•Fax: (508)996-3830•www.cde.com
Type 950 Metallized Polypropylene Film Capacitors
AC Rated, Round, Axial Leaded
Motor Run, HID Lighting
Type 950 axial-leaded, metallized polypropylene
capacitors with high capacitance values are ideal
for high intensity discharge lighting and motor run
applications. Flame retardant outer wrap and epoxy end
seals provide moisture resistance. Type 950 features
operating temperatures to 90°C without derating and
very low ESR characteristics. This non-protected film
capacitor has Underwriters Laboratories, Inc. recognition
for construction only under U.L. File Number E128034(N).
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
Dielectric Strenght:
Dissipation Factor (DF):
Insulation Resistance (IR):
Life Test:
5 µF to 150 µF
250 Vac, 50/60 Hz
±10% (K) standard
±6% (H) optional
–55 ºC to +90 ºC
160% rated voltage for 1 minute
.15% Max. @ 120 Hz
100,000 MΩ x µF
1,000 hours at 90 ºC at 125% rated voltage
RoHS Compliant
0.312
±0.062


Similar Part No. - 950

ManufacturerPart #DatasheetDescription
logo
Littelfuse
950 LITTELFUSE-950 Datasheet
96Kb / 2P
250 V, T Lead Free
logo
3M Electronics
950 3M-950 Datasheet
365Kb / 3P
Adhesive Transfer Tapes
logo
WECO ELECTRICAL CONNECT...
950 WECO-950 Datasheet
99Kb / 1P
PCB connector Screw connection
04.18
logo
Keystone Electronics Co...
950 KEYSTONE-950 Datasheet
152Kb / 1P
CONN PLUG USB3.0 MICRO USB B SLD
logo
FCI connector
950-400A-B1D FCI-CONNECTOR-950-400A-B1D Datasheet
368Kb / 18P
Report EL-2011-04-020A CR-PE
More results

Similar Description - 950

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
MPS RUBYCON-MPS Datasheet
80Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
Metallized Polypropylene Film Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com