Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

950 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 950
Description  Metallized Polypropylene Film Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

950 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  950 Datasheet HTML 1Page - Cornell Dubilier Electronics 950 Datasheet HTML 2Page - Cornell Dubilier Electronics 950 Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CDE Cornell Dubilier•1605 E. Rodney French Blvd•New Bedford, MA 02744•Phone: (508)996-8561•Fax: (508)996-3830•www.cde.com
Type 950 Metallized Polypropylene Film Capacitors
Notice and Disclaimer: All product drawings, descriptions, specifications, statements, information and
data (collectively, the “Information”) in this datasheet or other publication are subject to change. The
customer is responsible for checking, confirming and verifying the extent to which the Information con-
tained in this datasheet or other publication is applicable to an order at the time the order is placed. All
Information given herein is believed to be accurate and reliable, but it is presented without any guaran-
tee, warranty, representation or responsibility of any kind, expressed or implied. Statements of suitability
for certain applications are based on the knowledge that the Cornell Dubilier company providing such
statements (“Cornell Dubilier”) has of operating conditions that such Cornell Dubilier company regards
as typical for such applications, but are not intended to constitute any guarantee, warranty or representa-
tion regarding any such matter – and Cornell Dubilier specifically and expressly disclaims any guarantee,
warranty or representation concerning the suitability for a specific customer application, use, storage,
transportation, or operating environment. The Information is intended for use only by customers who
have the requisite experience and capability to determine the correct products for their application. Any
technical advice inferred from this Information or otherwise provided by Cornell Dubilier with reference
to the use of any Cornell Dubilier products is given gratis (unless otherwise specified by Cornell Dubilier),
and Cornell Dubilier assumes no obligation or liability for the advice given or results obtained. Although
Cornell Dubilier strives to apply the most stringent quality and safety standards regarding the design
and manufacturing of its products, in light of the current state of the art, isolated component failures may
still occur. Accordingly, customer applications which require a high degree of reliability or safety should
employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies
or other appropriate protective measures) in order to ensure that the failure of an electrical component
does not result in a risk of personal injury or property damage. Although all product-related warnings,
cautions and notes must be observed, the customer should not assume that all safety measures are indi-
cated in such warnings, cautions and notes, or that other safety measures may not be required.


Similar Part No. - 950

ManufacturerPart #DatasheetDescription
logo
Littelfuse
950 LITTELFUSE-950 Datasheet
96Kb / 2P
250 V, T Lead Free
logo
3M Electronics
950 3M-950 Datasheet
365Kb / 3P
Adhesive Transfer Tapes
logo
WECO ELECTRICAL CONNECT...
950 WECO-950 Datasheet
99Kb / 1P
PCB connector Screw connection
04.18
logo
Keystone Electronics Co...
950 KEYSTONE-950 Datasheet
152Kb / 1P
CONN PLUG USB3.0 MICRO USB B SLD
logo
Structured Cable Produc...
950 STRUCTURED-CABLE-950 Datasheet
301Kb / 1P
F PLUG COMPRESSION TYPE US PAT.
80/08/2013
More results

Similar Description - 950

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
MPS RUBYCON-MPS Datasheet
80Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
Metallized Polypropylene Film Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com