Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBA-15L+ Datasheet(PDF) 2 Page - Mini-Circuits

Part # MBA-15L+
Description  Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MBA-15L+ Datasheet(HTML) 2 Page - Mini-Circuits

  MBA-15L+ Datasheet HTML 1Page - Mini-Circuits MBA-15L+ Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 2
Performance Charts
MBA-15L
CONVERSION LOSS
5.0
6.0
7.0
8.0
9.0
10.0
1200
1400
1600
1800
2000
2200
2400
2600
FREQUENCY (MHz)
LO=+1dBm
LO=+4dBm
LO=+7dBm
at IF Freq of 30 MHz
MBA-15L
L-R ISOLATION
20
25
30
35
40
45
50
1200
1400
1600
1800
2000
2200
2400
2600
FREQUENCY (MHz)
LO=+1dBm
LO=+4dBm
LO=+7dBm
MBA-15L
RF VSWR
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1200
1400
1600
1800
2000
2200
2400
2600
FREQUENCY (MHz)
LO=+1dBm
LO=+4dBm
LO=+7dBm
MBA-15L
L-I ISOLATION
10
15
20
25
1200
1400
1600
1800
2000
2200
2400
2600
FREQUENCY (MHz)
LO=+1dBm
LO=+4dBm
LO=+7dBm
MBA-15L
LO VSWR
1.0
2.0
3.0
4.0
5.0
6.0
7.0
1200 1400 1600 1800 2000 2200 2400 2600
FREQUENCY (MHz)
LO=+1dBm
LO=+4dBm
LO=+7dBm
MBA-15L
MBA-15L+


Similar Part No. - MBA-15L+

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MBA-2060 TDK-MBA-2060 Datasheet
81Kb / 2P
Metrology Biconical Antenna
logo
Ultralife Corporation.
MBA-21R ULTRALIFE-MBA-21R Datasheet
297Kb / 2P
Radio manufacturer independent
10 JUN 2010 Rev A
MBA-21R++ ULTRALIFE-MBA-21R+ Datasheet
297Kb / 2P
Radio manufacturer independent
10 JUN 2010 Rev A
logo
Mini-Circuits
MBA-25L MINI-MBA-25L Datasheet
341Kb / 2P
Frequency Mixer
MBA-25L++ MINI-MBA-25L+ Datasheet
341Kb / 2P
Frequency Mixer
More results

Similar Description - MBA-15L+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
Frequency Mixer
ADE-1LH MINI-ADE-1LH Datasheet
294Kb / 2P
Frequency Mixer
SKY-60H MINI-SKY-60H Datasheet
284Kb / 2P
Frequency Mixer
SRA-2 MINI-SRA-2 Datasheet
253Kb / 2P
Frequency Mixer
SRA-3 MINI-SRA-3 Datasheet
221Kb / 2P
Frequency Mixer
ADEX-10H MINI-ADEX-10H Datasheet
303Kb / 2P
Frequency Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com