Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBA-15L+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # MBA-15L+
Description  Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MBA-15L+ Datasheet(HTML) 1 Page - Mini-Circuits

  MBA-15L+ Datasheet HTML 1Page - Mini-Circuits MBA-15L+ Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
Level 4 (LO Power +4 dBm) 1200 to 2400 MHz
Frequency Mixer
Surface Mount
Demo Board MCL P/N: TB-99
Suggested PCB Layout (PL-066)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
10
RF
5
IF
3
GROUND
1,2,4,6,7,8,9
Outline Drawing
Electrical Specifications
REV. F
M151107
MBA-15L
EE-7756/2
150921
1 dB COMP.: 0 dBm typ.
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
f
L-fU
X
σ
Max.
Typ.
Min.
Typ.
Min.
Typ.
1200-2400
DC-600
6.5
0.1
8.5
27
15
20
10
10
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+4dBm
LO
+4dBm
LO
+4dBm
LO
+4dBm
LO
+4dBm
Typical Performance Data
Electrical Schematic
MBA-15L
MBA-15L+
Features
• excellent temperature stability
• excellent performance repeatability
• leads with strain relief
• very low cost
• ultra low height, 0.07”
• aqueous washable
• protected by US Patent 5,534,830
Applications
• wireless local loop
• PCN/PCS/wideband CDMA
• WLAN
• satellite communication
• ISM band
• PCMCIA
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
1200.00
1230.00
7.05
30.80
13.30
3.79
3.71
1250.00
1280.00
7.08
30.00
14.10
3.21
3.57
1300.00
1330.00
6.41
30.10
14.90
3.06
3.50
1350.00
1380.00
6.42
29.80
16.10
2.72
3.01
1400.00
1430.00
6.02
29.60
16.80
2.49
2.76
1450.00
1480.00
6.12
29.00
17.50
2.37
2.55
1500.00
1530.00
5.89
27.90
18.70
2.25
2.37
1600.00
1630.00
5.74
27.00
20.20
1.94
1.99
1700.00
1730.00
5.56
27.50
21.70
1.73
1.66
1800.00
1830.00
5.69
27.00
22.00
1.52
1.46
1900.00
1930.00
5.64
27.00
21.70
1.35
1.25
2000.00
2030.00
5.79
27.10
21.00
1.29
1.11
2100.00
2130.00
5.78
26.50
19.90
1.26
1.03
2150.00
2180.00
5.82
25.70
19.30
1.26
1.02
2200.00
2230.00
6.01
25.60
19.10
1.32
1.02
2250.00
2280.00
6.13
25.20
18.40
1.44
1.02
2300.00
2330.00
6.43
25.30
17.60
1.64
1.02
2350.00
2380.00
6.88
25.00
17.00
1.80
1.06
2400.00
2430.00
7.16
24.60
16.30
1.87
1.09
2500.00
2530.00
6.70
24.10
14.90
1.94
1.21
PCB Land Pattern
Suggested Layout,
Tolerance to be within
±.002
A
B
C
D
E
FG
H
.250
.300
.095
.290
.050
.015
.050
.060
6.35
7.62
2.41
7.37
1.27
0.38
1.27
1.52
JK
L
M
NP
Q
R
wt
.030
.080
.300
.100
.020
.015
.070
.014 grams
0.76
2.03
7.62
2.54
0.51
0.38
1.78
0.36
0.3
Permanent damage may occur if any of these limits are exceeded.
CASE STYLE: SM2
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - MBA-15L+

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MBA-2060 TDK-MBA-2060 Datasheet
81Kb / 2P
Metrology Biconical Antenna
logo
Ultralife Corporation.
MBA-21R ULTRALIFE-MBA-21R Datasheet
297Kb / 2P
Radio manufacturer independent
10 JUN 2010 Rev A
MBA-21R++ ULTRALIFE-MBA-21R+ Datasheet
297Kb / 2P
Radio manufacturer independent
10 JUN 2010 Rev A
logo
Mini-Circuits
MBA-25L MINI-MBA-25L Datasheet
341Kb / 2P
Frequency Mixer
MBA-25L++ MINI-MBA-25L+ Datasheet
341Kb / 2P
Frequency Mixer
More results

Similar Description - MBA-15L+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
Frequency Mixer
ADE-1LH MINI-ADE-1LH Datasheet
294Kb / 2P
Frequency Mixer
SKY-60H MINI-SKY-60H Datasheet
284Kb / 2P
Frequency Mixer
SRA-2 MINI-SRA-2 Datasheet
253Kb / 2P
Frequency Mixer
SRA-3 MINI-SRA-3 Datasheet
221Kb / 2P
Frequency Mixer
ADEX-10H MINI-ADEX-10H Datasheet
303Kb / 2P
Frequency Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com