Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FF400R12KT3 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # FF400R12KT3
Description  62mm C-Serien Modul mit schnellem Trench
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FF400R12KT3 Datasheet(HTML) 6 Page - Infineon Technologies AG

  FF400R12KT3 Datasheet HTML 1Page - Infineon Technologies AG FF400R12KT3 Datasheet HTML 2Page - Infineon Technologies AG FF400R12KT3 Datasheet HTML 3Page - Infineon Technologies AG FF400R12KT3 Datasheet HTML 4Page - Infineon Technologies AG FF400R12KT3 Datasheet HTML 5Page - Infineon Technologies AG FF400R12KT3 Datasheet HTML 6Page - Infineon Technologies AG FF400R12KT3 Datasheet HTML 7Page - Infineon Technologies AG FF400R12KT3 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
TechnischeInformation/TechnicalInformation
FF400R12KT3
IGBT-Module
IGBT-modules
preparedby:MK
approvedby:WR
dateofpublication:2013-10-03
revision:3.0
SchaltverlusteDiode,Wechselrichter(typisch)
switchinglossesDiode,Inverter(typical)
Erec=f(IF)
RGon=1.8
Ω,VCE=600V
IF [A]
0
100
200
300
400
500
600
700
800
0
5
10
15
20
25
30
35
40
45
50
Erec, Tvj = 125°C
SchaltverlusteDiode,Wechselrichter(typisch)
switchinglossesDiode,Inverter(typical)
Erec=f(RG)
IF=400A,VCE=600V
RG [
Ω]
0
2
4
6
8
10
12
14
16
18
0
5
10
15
20
25
30
35
40
45
50
Erec, Tvj = 125°C
TransienterWärmewiderstandDiode,Wechselrichter
transientthermalimpedanceDiode,Inverter
ZthJC=f(t)
t [s]
0,001
0,01
0,1
1
10
0,001
0,01
0,1
1
ZthJC : Diode
i:
ri[K/W]:
τi[s]:
1
0,0066
0,01
2
0,0363
0,02
3
0,0352
0,05
4
0,0319
0,1


Similar Part No. - FF400R12KT3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF400R12KT3P_E INFINEON-FF400R12KT3P_E Datasheet
545Kb / 9P
   62mm C-Serien Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled HE Diode und bereits
2016-04-25 revision:V2.0
FF400R12KT3_E INFINEON-FF400R12KT3_E Datasheet
278Kb / 8P
   62mm C-series module with common emitter
2007-06-28 revision:2.0
FF400R12KT3_E INFINEON-FF400R12KT3_E Datasheet
437Kb / 8P
   62mm C-Serien Modul mit gemeinsamen Emitter
2013-11-04 revision:2.0
FF400R12KT3_E INFINEON-FF400R12KT3_E_13 Datasheet
437Kb / 8P
   62mm C-Serien Modul mit gemeinsamen Emitter
2013-11-04 revision:2.0
More results

Similar Description - FF400R12KT3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF200R12KT4 INFINEON-FF200R12KT4 Datasheet
473Kb / 8P
   62mm C-Serien Modul mit schnellem Trench
2013-11-04 revision:2.0
FF300R12KT4 INFINEON-FF300R12KT4_13 Datasheet
459Kb / 8P
   62mm C-Serien Modul mit schnellem Trench
2013-11-04 revision:2.1
FF200R12KT3 INFINEON-FF200R12KT3 Datasheet
435Kb / 8P
   62mm C-Serien Modul mit schnellem Trench
2013-10-03 revision:3.0
FF450R12KT4 INFINEON-FF450R12KT4_13 Datasheet
666Kb / 9P
   62mm C-Serien Modul mit schnellem Trench
2013-11-04 revision:3.0
FF300R12KT3 INFINEON-FF300R12KT3_13 Datasheet
422Kb / 8P
   62mm C-Serien Modul mit schnellem Trench
2013-10-03 revision:3.0
FF300R12KE4_E INFINEON-FF300R12KE4_E Datasheet
599Kb / 9P
   62mm C-Serien Modul mit schnellem Trench
2014-03-19 revision:2.0
FF450R12KE4_E INFINEON-FF450R12KE4_E Datasheet
606Kb / 9P
   62mm C-Serien Modul mit schnellem Trench
2014-03-07 revision:2.0
FF450R12KE4 INFINEON-FF450R12KE4_13 Datasheet
465Kb / 8P
   62mm C-Serien Modul mit Trench
2013-11-04 revision:2.2
FF300R06KE3 INFINEON-FF300R06KE3 Datasheet
468Kb / 8P
   62mm C-Serien Modul mit Trench
2013-10-03 revision:3.0
FF300R07KE4 INFINEON-FF300R07KE4_13 Datasheet
670Kb / 9P
   62mm C-Serien Modul mit Trench
2013-11-08 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com