Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RO3164D Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # RO3164D
Description  Ideal for European 868.35 MHz Transmitters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RO3164D Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  RO3164D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RO3164D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. RO3164D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
©2010-2015 by Murata Electronics N.A., Inc.
RO3164D/D-1/D-2 (R) 2/10/15
Page 3 of 3
www.murata.com
0.05 pF*
0.05 pF
Cp
Co
+
=
*Case Parasitics
Cp
Rm
Lm
Cm
Equivalent LC Model
-80 -60 -40 -20
0 +20 +40 +60
0
-50
-100
-150
+80
-200
0
-50
-100
-150
-200
f
C = f O , T C = T O
ΔT = TC - TO ( °C )
Temperature Characteristics
The curve shown on the right accounts for resonator contribution only and
does not include LC component temperature contributions.


Similar Part No. - RO3164D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3164D-1 MURATA-RO3164D-1_15 Datasheet
100Kb / 2P
868.35 MHz SAW Resonator
RO3164D-2 MURATA-RO3164D-2_15 Datasheet
100Kb / 2P
868.35 MHz SAW Resonator
RO3164D-3 MURATA-RO3164D-3 Datasheet
124Kb / 2P
868.35 MHz SAW Resonator
RO3164D-3 MURATA-RO3164D-3_15 Datasheet
211Kb / 2P
868.35 MHz SAW Resonator
RO3164D MURATA-RO3164D_15 Datasheet
206Kb / 3P
868.35 MHz SAW Resonator
More results

Similar Description - RO3164D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2073D RFM-RO2073D Datasheet
130Kb / 2P
Ideal for 315MHz Automotive-Keyless-Entry Transmitters
RO2103 RFM-RO2103 Datasheet
258Kb / 2P
Ideal for 418 MHz Transmitters, Very Low Series Resistance, Quartz Stability
RO2156E RFM-RO2156E Datasheet
96Kb / 2P
Ideal for European 868.95 MHz Transmitters
RO2216D-6 RFM-RO2216D-6 Datasheet
101Kb / 2P
Ideal for European 905.800 MHz Transmitters
logo
Vanlong Technology Co.,...
SR303M75 VANLONG-SR303M75 Datasheet
104Kb / 2P
Ideal for 303.75 MHz Transmitters
logo
Murata Manufacturing Co...
RO3101A-1 MURATA-RO3101A-1 Datasheet
196Kb / 2P
Ideal for European 433.92 MHz Transmitters
RO3101E-1 MURATA-RO3101E-1 Datasheet
228Kb / 2P
Designed for European 433.92 MHz Remote Control and Security Transmitters
RO3118E MURATA-RO3118E Datasheet
226Kb / 2P
Ideal for 318 MHz Remote Control and Security Transmitters
RO3144D MURATA-RO3144D Datasheet
249Kb / 2P
Ideal for 916.5 MHz Remote Control and Data Telemetry Transmitters
RO3144E-1 MURATA-RO3144E-1 Datasheet
219Kb / 2P
Ideal for 916.5 MHz Remote Control and Data Telemetry Transmitters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com