Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RO3164D Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # RO3164D
Description  Ideal for European 868.35 MHz Transmitters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RO3164D Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  RO3164D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RO3164D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. RO3164D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
©2010-2015 by Murata Electronics N.A., Inc.
RO3164D/D-1/D-2 (R) 2/10/15
Page 2 of 3
www.murata.com
Pin
Connection
1NC
2
Terminal
3NC
4NC
5
Terminal
6NC
Power Test
Electrical Connections
The SAW resonator is bidirectional and
may be installed with either orientation.
The two terminals are interchangeable
and unnumbered. The callout NC
indicates no internal connection. The NC
pads assist with mechanical positioning
and stability. External grounding of the NC
pads is recommended to help reduce
parasitic capacitance in the circuit.
Typical Test Circuit
The test circuit inductor, LTEST, is tuned to resonate with the static
capacitance, CO, at FC.
Typical Application Circuits
From 50
Ω
Network Analyzer
To 50
Ω
Network Analyzer
2
3
6
5
4
1
Low-Loss
Matching
Network to
50
Ω
50
Ω Source
at F
C
P
INCIDENT
P
REFLECTED
2
3
6
5
4
1
Modulation
Input
ROXXXXC
Bottom View
200k Ω
C1
L1
(Antenna)
47
+9VDC
C2
RF Bypass
470
Typical Low-Power Transmitter Application
2
3
6
5
4
1
+VDC
ROXXXXC
Bottom View
200k
Ω
C1
L1
+VDC
C2
RF Bypass
Typical Local Oscillator Application
Output
2
3
6
5
4
1
Case Dimensions
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
3.60
3.80
4.0
0.14
0.15
0.16
B
3.60
3.80
4.0
0.14
0.15
0.16
C
1.00
1.20
1.40
0.04
0.05
0.055
D
0.95
1.10
1.25
0.033
0.043
0.05
E
2.39
2.54
2.69
0.090
0.10
0.110
G
0.90
1.0
1.10
0.035
0.04
0.043
H
1.90
2.0
2.10
0.75
0.08
0.83
I
0.50
0.6
0.70
0.020
0.024
0.028
J
1.70
1.8
1.90
0.067
0.07
0.075
1
2
3
6
5
4
1
2
3
6
5
4
A
BC
D
J
E
GH
I
Electrical Test
1.
Frequency aging is the change in fC with time and is specified at +65°C or less.
Aging may exceed the specification for prolonged temperatures above +65°C.
Typically, aging is greatest the first year after manufacture, decreasing in subse-
quent years.
2.
The center frequency, fC, is measured at the minimum insertion loss point, ILMIN,
with the resonator in the 50
Ω test system (VSWR ≤ 1.2:1). The shunt
inductance, LTEST, is tuned for parallel resonance with CO at fC. Typically,
fOSCILLATOR or fTRANSMITTER is approximately equal to the resonator fC.
3.
One or more of the following United States patents apply: 4,454,488 and
4,616,197.
4.
Typically, equipment utilizing this device requires emissions testing and
government approval, which is the responsibility of the equipment manufacturer.
5.
Unless noted otherwise, case temperature TC = +25°C±2°C.
6.
The design, manufacturing process, and specifications of this device are subject
to change without notice.
7.
Derived mathematically from one or more of the following directly measured
parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover)
frequency, fO. The nominal frequency at any case temperature, TC, may be
calculated from: f = fO [1 - FTC (TO -TC)2]. Typically oscillator TO is
approximately equal to the specified resonator TO.
9.
This equivalent RLC model approximates resonator performance near the
resonant frequency and is provided for reference only. The capacitance CO is
the static (nonmotional) capacitance between the two terminals measured at low
frequency (10 MHz) with a capacitance meter. The measurement includes
parasitic capacitance with "NC” pads unconnected. Case parasitic capacitance
is approximately 0.05 pF. Transducer parallel capacitance can by calculated as:
CP ≈ CO -0.05pF.
NOTES:


Similar Part No. - RO3164D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3164D-1 MURATA-RO3164D-1_15 Datasheet
100Kb / 2P
   868.35 MHz SAW Resonator
RO3164D-2 MURATA-RO3164D-2_15 Datasheet
100Kb / 2P
   868.35 MHz SAW Resonator
RO3164D-3 MURATA-RO3164D-3 Datasheet
124Kb / 2P
   868.35 MHz SAW Resonator
RO3164D-3 MURATA-RO3164D-3_15 Datasheet
211Kb / 2P
   868.35 MHz SAW Resonator
RO3164D MURATA-RO3164D_15 Datasheet
206Kb / 3P
   868.35 MHz SAW Resonator
More results

Similar Description - RO3164D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2216D-6 RFM-RO2216D-6 Datasheet
101Kb / 2P
   Ideal for European 905.800 MHz Transmitters
RO2156E RFM-RO2156E Datasheet
96Kb / 2P
   Ideal for European 868.95 MHz Transmitters
logo
Murata Manufacturing Co...
RO3101A-1 MURATA-RO3101A-1 Datasheet
196Kb / 2P
   Ideal for European 433.92 MHz Transmitters
logo
Vanlong Technology Co.,...
SR303M75 VANLONG-SR303M75 Datasheet
104Kb / 2P
   Ideal for 303.75 MHz Transmitters
logo
Murata Manufacturing Co...
RO3101E-1 MURATA-RO3101E-1 Datasheet
228Kb / 2P
   Designed for European 433.92 MHz Remote Control and Security Transmitters
RO3118E MURATA-RO3118E Datasheet
226Kb / 2P
   Ideal for 318 MHz Remote Control and Security Transmitters
RO3144E-1 MURATA-RO3144E-1 Datasheet
219Kb / 2P
   Ideal for 916.5 MHz Remote Control and Data Telemetry Transmitters
RO3144D MURATA-RO3144D Datasheet
249Kb / 2P
   Ideal for 916.5 MHz Remote Control and Data Telemetry Transmitters
logo
RF Monolithics, Inc
RO2103 RFM-RO2103 Datasheet
258Kb / 2P
   Ideal for 418 MHz Transmitters, Very Low Series Resistance, Quartz Stability
RO2073D RFM-RO2073D Datasheet
130Kb / 2P
   Ideal for 315MHz Automotive-Keyless-Entry Transmitters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com