Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RO3164D Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # RO3164D
Description  Ideal for European 868.35 MHz Transmitters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RO3164D Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  RO3164D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RO3164D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. RO3164D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RFM products are now
Murata products.
©2010-2015 by Murata Electronics N.A., Inc.
RO3164D/D-1/D-2 (R) 2/10/15
Page 1 of 3
www.murata.com
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Frequency (+25 °C)
Nominal Frequency
RO3164D
fC
2,3,4,5
868.150
868.550
MHz
RO3164D-1
868.200
868.500
RO3164D-2
868.250
868.450
Tolerance from 868.35 MHz
RO3164D
ΔfC
±200
kHz
RO3164D-1
±150
RO3164D-2
±100
Insertion Loss
IL
2,5,6
1.3
2.0
dB
Quality Factor
Unloaded Q
QU
5,6,7
7100
50
Ω Loaded Q
QL
970
Temperature Stability
Turnover Temperature
TO
6,7,8
10
25
40
°C
Turnover Frequency
fO
fC
kHz
Frequency Temperature Coefficient
FTC
0.032
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
1
<±10
ppm/yr
DC Insulation Resistance between Any Two Terminals
5
1.0
M
Ω
RF Equivalent RLC Model
Motional Resistance
RM
5, 6, 7, 9
15.8
Ω
Motional Inductance
LM
20.5
µH
Motional Capacitance
CM
1.6
fF
Shunt Static Capacitance
CO
5, 6, 9
1.7
pF
Test Fixture Shunt Inductance
LTEST
2, 7
19.4
nH
Lid Symbolization (in addition to Lot and/or Date Codes)
RO3164D 685, RO3164D-1 771, RO3164D-2 772 / YWWS
Standard Reel Quantity
Reel Size 7 Inch
500 Pieces / Reel
Reel Size 13 Inch
3000 Pieces / Reel
• Ideal for European 868.35 MHz Transmitters
• Very Low Series Resistance
• Quartz Stability
• Complies with Directive 2002/95/EC (RoHS)
The RO3164D is a true one-port, surface-acoustic-wave (SAW) resonator in a surface-mount ceramic case.
It provides reliable, fundamental-mode, quartz frequency stabilization of fixed-frequency transmitters
operating at 868.35 MHz. This SAW is designed specifically for remote-control and wireless security
transmitters operating under ETSI-ETS 300 220 in Europe and under FTZ 17 TR 2100 in Germany.
Absolute Maximum Ratings
Rating
Value
Units
Input Power Level
0
dBm
DC Voltage
12
VDC
Storage Temperature
-40 to +85
°C
Soldering Temperature (10 seconds / 5 cycles max.)
260
°C
868.35 MHz
SAW Resonator
RO3164D/D-1/D-2
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
SM3838-6 Case
3.8 X 3.8
Pb


Similar Part No. - RO3164D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3164D-1 MURATA-RO3164D-1_15 Datasheet
100Kb / 2P
   868.35 MHz SAW Resonator
RO3164D-2 MURATA-RO3164D-2_15 Datasheet
100Kb / 2P
   868.35 MHz SAW Resonator
RO3164D-3 MURATA-RO3164D-3 Datasheet
124Kb / 2P
   868.35 MHz SAW Resonator
RO3164D-3 MURATA-RO3164D-3_15 Datasheet
211Kb / 2P
   868.35 MHz SAW Resonator
RO3164D MURATA-RO3164D_15 Datasheet
206Kb / 3P
   868.35 MHz SAW Resonator
More results

Similar Description - RO3164D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2216D-6 RFM-RO2216D-6 Datasheet
101Kb / 2P
   Ideal for European 905.800 MHz Transmitters
RO2156E RFM-RO2156E Datasheet
96Kb / 2P
   Ideal for European 868.95 MHz Transmitters
logo
Murata Manufacturing Co...
RO3101A-1 MURATA-RO3101A-1 Datasheet
196Kb / 2P
   Ideal for European 433.92 MHz Transmitters
logo
Vanlong Technology Co.,...
SR303M75 VANLONG-SR303M75 Datasheet
104Kb / 2P
   Ideal for 303.75 MHz Transmitters
logo
Murata Manufacturing Co...
RO3101E-1 MURATA-RO3101E-1 Datasheet
228Kb / 2P
   Designed for European 433.92 MHz Remote Control and Security Transmitters
RO3118E MURATA-RO3118E Datasheet
226Kb / 2P
   Ideal for 318 MHz Remote Control and Security Transmitters
RO3144E-1 MURATA-RO3144E-1 Datasheet
219Kb / 2P
   Ideal for 916.5 MHz Remote Control and Data Telemetry Transmitters
RO3144D MURATA-RO3144D Datasheet
249Kb / 2P
   Ideal for 916.5 MHz Remote Control and Data Telemetry Transmitters
logo
RF Monolithics, Inc
RO2103 RFM-RO2103 Datasheet
258Kb / 2P
   Ideal for 418 MHz Transmitters, Very Low Series Resistance, Quartz Stability
RO2073D RFM-RO2073D Datasheet
130Kb / 2P
   Ideal for 315MHz Automotive-Keyless-Entry Transmitters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com