Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RO3144D Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # RO3144D
Description  Ideal for 916.5 MHz Remote Control and Data Telemetry Transmitters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RO3144D Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  RO3144D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RO3144D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2010-2014 by Murata Electronics N.A., Inc.
RO3144D (R) 5/1/14
Page 2 of 2
www.murata.com
-80-60 -40-20
0 +20 +40 +60
0
-50
-100
-150
+80
-200
0
-50
-100
-150
-200
f
C = f O , TC = T O
T = T
C - T O ( °C )
0.05 pF*
0.05 pF
Cp
Co
+
=
*Case Parasitics
Cp
Rm
Lm
Cm
Equivalent RLC Model
Temperature Characteristics
The curve shown on the right accounts for resonator contribution only and
does not include LC component temperature contributions.
Pin
Connection
1NC
2
Terminal
3NC
4NC
5NC
6
Terminal
7NC
8NC
Electrical Connections
The SAW resonator is bidirectional and
may be installed with either orientation.
The two terminals are interchangeable
and unnumbered. The callout NC
indicates no internal connection. The NC
pads assist with mechanical positioning
and stability. External grounding of the NC
pads is recommended to help reduce
parasitic capacitance in the circuit.
Example Application Circuits
Parameter Test Circuit
Power Test Circuit
+VDC
ROXXXXC
Bottom View
200k
C1
L1
+VDC
C2
RF Bypass
Typical Local Oscillator Application
Output
2
3
6
5
4
1
Modulation
Input
ROXXXXC
Bottom View
200k
C1
L1
(Antenna)
47
+9VDC
C2
RF Bypass
470
Typical Low-Power Transmitter Application
2
3
6
5
4
1
Low-Loss
Matching
Network to
50
50
 Source
at F
C
P
INCIDENT
P
REFLECTED
2
3
6
5
4
1
From 50
Network Analyzer
To 50
Network Analyzer
2
3
6
5
4
1
1
2
3
6
5
4
1
2
3
6
5
4
A
BC
D
J
E
GH
I
Case Dimensions
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
3.60
3.80
4.00
0.142
0.150
0.157
B
3.60
3.80
4.00
0.142
0.150
0.157
C
1.10
1.30
1.50
0.043
0.050
0.060
D
0.95
1.10
1.25
0.037
0.043
0.049
E
2.39
2.54
2.69
0.094
0.100
0.106
G
0.90
1.00
1.10
0.035
0.040
0.043
H
1.90
2.00
2.10
0.748
0.079
0.083
I
0.50
0.60
0.70
0.020
0.024
0.028
J
1.70
1.80
1.90
0.067
0.071
0.075
Copyright © Murata Manufacturing Co., Ltd. All Rights Reserved 2007


Similar Part No. - RO3144D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3144A MURATA-RO3144A Datasheet
462Kb / 2P
   916.5 MHz SAW Resonator
RO3144A-1 MURATA-RO3144A-1 Datasheet
462Kb / 2P
   916.5 MHz SAW Resonator
RO3144A-2 MURATA-RO3144A-2 Datasheet
462Kb / 2P
   916.5 MHz SAW Resonator
RO3144E-1 MURATA-RO3144E-1 Datasheet
219Kb / 2P
   Ideal for 916.5 MHz Remote Control and Data Telemetry Transmitters
RO3144E-2 MURATA-RO3144E-2 Datasheet
219Kb / 2P
   Ideal for 916.5 MHz Remote Control and Data Telemetry Transmitters
More results

Similar Description - RO3144D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3144E-1 MURATA-RO3144E-1 Datasheet
219Kb / 2P
   Ideal for 916.5 MHz Remote Control and Data Telemetry Transmitters
RO3118E MURATA-RO3118E Datasheet
226Kb / 2P
   Ideal for 318 MHz Remote Control and Security Transmitters
logo
Vanlong Technology Co.,...
SR303M75 VANLONG-SR303M75 Datasheet
104Kb / 2P
   Ideal for 303.75 MHz Transmitters
logo
Murata Manufacturing Co...
RO3101E-1 MURATA-RO3101E-1 Datasheet
228Kb / 2P
   Designed for European 433.92 MHz Remote Control and Security Transmitters
logo
RF Monolithics, Inc
RO2156E RFM-RO2156E Datasheet
96Kb / 2P
   Ideal for European 868.95 MHz Transmitters
logo
Murata Manufacturing Co...
RO3164D MURATA-RO3164D Datasheet
300Kb / 3P
   Ideal for European 868.35 MHz Transmitters
logo
RF Monolithics, Inc
RO2216D-6 RFM-RO2216D-6 Datasheet
101Kb / 2P
   Ideal for European 905.800 MHz Transmitters
logo
Murata Manufacturing Co...
RO3101A-1 MURATA-RO3101A-1 Datasheet
196Kb / 2P
   Ideal for European 433.92 MHz Transmitters
logo
ECS, Inc.
ECS-DR1R ECS-ECS-DR1R Datasheet
188Kb / 1P
   Ideal for wireless security and remote control applications
logo
Princeton Technology Co...
PT2461 PTC-PT2461 Datasheet
427Kb / 5P
   Infrared Remote Control Transmitters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com