Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RO3144D Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # RO3144D
Description  Ideal for 916.5 MHz Remote Control and Data Telemetry Transmitters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RO3144D Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  RO3144D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RO3144D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
©2010-2014 by Murata Electronics N.A., Inc.
RO3144D (R) 5/1/14
Page 1 of 2
www.murata.com
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Frequency, +25 °C
RO3144D
fC
2, 3, 4, 5
916.300
916.700
MHz
RO3144D-1
916.350
916.650
RO3144D-2
916.400
916.600
Tolerance from 916.5 MHz
RO3144D
fC
±200
kHz
RO3144D-1
±150
RO3144D-2
±100
Insertion Loss
IL
2, 5, 6
1.20
2.5
dB
Quality Factor
Unloaded Q
QU
5, 6, 7
6800
50
Loaded Q
QL
700
Temperature Stability
Turnover Temperature
TO
6, 7, 8
10
25
40
°C
Turnover Frequency
fO
fc
MHz
Frequency Temperature Coefficient
FTC
0.032
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
1
10
ppm
DC Insulation Resistance between Any Two Terminals
5
1.0
M
RF Equivalent RLC Model
Motional Resistance
RM
5, 6, 7, 9
11.8
Motional Inductance
LM
14
µH
Motional Capacitance
CM
2.1
fF
Transducer Static Capacitance
CO
5, 6, 9
2.1
pF
Test Fixture Shunt Inductance
LTEST
2, 7
14.3
nH
Lid Symbolization
RO3144D 692, RO3144D-1 767, RO3144D-2 768 / YWWS
Standard Reel Quantity
Reel Size 7 Inch
10
500 Pieces / Reel
Reel Size 13 Inch
3000 Pieces / Reel
• Ideal for 916.5 MHz Remote Control and Data Telemetry Transmitters
• Very Low Series Resistance
• Quartz Stability
• Complies with Directive 2002/95/EC (RoHS)
The RO3144D is a true one-port, surface-acoustic-wave (SAW) resonator in a surface-mount ceramic case.
It provides reliable, fundamental-mode stabilization of fixed-frequency transmitters operating at 916.5 MHz.
This SAW resonator is designed specifically for use in remote control and data telemetry transmitters
operating in the USA under FCC Part 15 regulations and in Canada under DoC RSS-210.
Absolute Maximum Ratings
Rating
Value
Units
Input Power Level
10
dBm
DC Voltage
12
VDC
Storage Temperature
-40 to +85
°C
Soldering Temperature (10 seconds / 5 cycles maximum)
260
°C
916.5 MHz
SAW
Resonator
RO3144D
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
NOTES:
1.
Frequency aging is the change in fC with time and is specified at +65 °C or less.
Aging may exceed the specification for prolonged temperatures above +65 °C.
Typically, aging is greatest the first year after manufacture, decreasing in subse-
quent years.
2.
The center frequency, fC, is measured at the minimum insertion loss point, ILMIN,
with the resonator in the 50
 test system (VSWR  1.2:1). The shunt
inductance, LTEST, is tuned for parallel resonance with CO at fC. Typically,
fOSCILLATOR or fTRANSMITTER is approximately equal to the resonator fC.
3.
One or more of the following United States patents apply: 4,454,488 and
4,616,197.
4.
Typically, equipment utilizing this device requires emissions testing and
government approval, which is the responsibility of the equipment manufacturer.
5.
Unless noted otherwise, case temperature TC =+25 ± 2 °C.
6.
The design, manufacturing process, and specifications of this device are subject
to change without notice.
7.
Derived mathematically from one or more of the following directly measured
parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover)
frequency, fO. The nominal frequency at any case temperature, TC, may be
calculated from: f = fO [1 - FTC (TO -TC)2]. Typically oscillator TO is
approximately equal to the specified resonator TO.
9.
This equivalent RLC model approximates resonator performance near the
resonant frequency and is provided for reference only. The capacitance CO is
the static (nonmotional) capacitance between the two terminals measured at low
frequency (10 MHz) with a capacitance meter. The measurement includes
parasitic capacitance with "NC” pads unconnected. Case parasitic capacitance
is approximately 0.05 pF. Transducer parallel capacitance can by calculated as:
CP  CO -0.05 pF.
10.
Tape and Reel Standard Per ANSI/EIA 481.
SM3838-6 Case
3.8 X 3.8
Pb
Copyright © Murata Manufacturing Co., Ltd. All Rights Reserved 2007


Similar Part No. - RO3144D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3144A MURATA-RO3144A Datasheet
462Kb / 2P
   916.5 MHz SAW Resonator
RO3144A-1 MURATA-RO3144A-1 Datasheet
462Kb / 2P
   916.5 MHz SAW Resonator
RO3144A-2 MURATA-RO3144A-2 Datasheet
462Kb / 2P
   916.5 MHz SAW Resonator
RO3144E-1 MURATA-RO3144E-1 Datasheet
219Kb / 2P
   Ideal for 916.5 MHz Remote Control and Data Telemetry Transmitters
RO3144E-2 MURATA-RO3144E-2 Datasheet
219Kb / 2P
   Ideal for 916.5 MHz Remote Control and Data Telemetry Transmitters
More results

Similar Description - RO3144D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3144E-1 MURATA-RO3144E-1 Datasheet
219Kb / 2P
   Ideal for 916.5 MHz Remote Control and Data Telemetry Transmitters
RO3118E MURATA-RO3118E Datasheet
226Kb / 2P
   Ideal for 318 MHz Remote Control and Security Transmitters
logo
Vanlong Technology Co.,...
SR303M75 VANLONG-SR303M75 Datasheet
104Kb / 2P
   Ideal for 303.75 MHz Transmitters
logo
Murata Manufacturing Co...
RO3101E-1 MURATA-RO3101E-1 Datasheet
228Kb / 2P
   Designed for European 433.92 MHz Remote Control and Security Transmitters
logo
RF Monolithics, Inc
RO2156E RFM-RO2156E Datasheet
96Kb / 2P
   Ideal for European 868.95 MHz Transmitters
logo
Murata Manufacturing Co...
RO3164D MURATA-RO3164D Datasheet
300Kb / 3P
   Ideal for European 868.35 MHz Transmitters
logo
RF Monolithics, Inc
RO2216D-6 RFM-RO2216D-6 Datasheet
101Kb / 2P
   Ideal for European 905.800 MHz Transmitters
logo
Murata Manufacturing Co...
RO3101A-1 MURATA-RO3101A-1 Datasheet
196Kb / 2P
   Ideal for European 433.92 MHz Transmitters
logo
ECS, Inc.
ECS-DR1R ECS-ECS-DR1R Datasheet
188Kb / 1P
   Ideal for wireless security and remote control applications
logo
Princeton Technology Co...
PT2461 PTC-PT2461 Datasheet
427Kb / 5P
   Infrared Remote Control Transmitters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com