Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RO3101A-1 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # RO3101A-1
Description  Ideal for European 433.92 MHz Transmitters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RO3101A-1 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  RO3101A-1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RO3101A-1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2010-2014 by Murata Electronics N.A., Inc.
RO3101A-1 (R) 4/3/14
Page 2 of 2
www.murata.com
Electrical Connections
The SAW resonator is bidirectional and may be
installed with either orientation. The two terminals
are interchangeable and unnumbered. The callout
NC indicates no internal connection. The NC pads
assist with mechanical positioning and stability.
External grounding of the NC pads is
recommended to help reduce parasitic
capacitance in the circuit.
Typical Test Circuit
The test circuit inductor, LTEST, is tuned to resonate with the static
capacitance, CO, at FC.
Typical Application Circuits
Equivalent Model
Temperature Characteristics
The curve shown on the right
accounts for resonator
contribution only and does not
include LC component
temperature contributions.
Case
Terminal
Terminal
ELECTRICAL TEST
From 50 
Network Analyzer
To 50 
Network Analyzer
50  Source
at F
C
REFLECTED
INCIDENT
P
P
Low-Loss
Matching
Network to
50 
Terminal
Terminal
NC
NC
POWER TEST
CW RF Power Dissipation =
INCIDENT -
REFLECTED
P
P
C1
C2
L1
(Antenna)
+9VDC
47
RF Bypass
Modulation
Input
Typical Low-Power Transmitter Application
RO3XXXA
Bottom View
470
200k
C1
C2
L1
Output
+VDC
RF Bypass
+VDC
Typical Local Oscillator Applications
RO3XXXA
Bottom View
Dimensions
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A
4.87
5.00
5.13
0.191
0.196
0.201
B
3.37
3.50
3.63
0.132
0.137
0.142
C
1.45
1.53
1.60
0.057
0.060
0.062
D
1.35
1.43
1.50
0.040
0.057
0.059
E
0.67
0.80
0.93
0.026
0.031
0.036
F
0.37
0.50
0.63
0.014
0.019
0.024
G
1.07
1.20
1.33
0.042
0.047
0.052
H
-
1.04
-
-
0.041
-
I
-
1.46
-
-
0.058
-
J
-
0.50
-
-
0.019
-
K
-
1.05
-
-
0.041
-
L
-
1.44
-
-
0.057
-
M
-
0.71
-
-
0.028
-
0.05 pF*
0.05 pF
Cp
Co
+
=
*Case Parasitics
Cp
Rm
Lm
Cm
-80 -60 -40 -20
0 +20 +40 +60
0
-50
-100
-150
+80
-200
0
-50
-100
-150
-200
f
C = f O , TC = T O
T = T
C - T O ( °C )
B
C
D
E ( 3 x )
F ( 4 x )
G ( 1 x )
T o p V i e w
S i d e V i e w
B o t t o m V i e w
1
2
3
4
H
H
I
H
J
I
H
I
K
L
PCB Land Pattern
Top View
Copyright © Murata Manufacturing Co., Ltd. All Rights Reserved 2007


Similar Part No. - RO3101A-1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3101A-11 MURATA-RO3101A-11 Datasheet
392Kb / 2P
433.92 MHz SAW Resonator
More results

Similar Description - RO3101A-1

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2216D-6 RFM-RO2216D-6 Datasheet
101Kb / 2P
Ideal for European 905.800 MHz Transmitters
RO2156E RFM-RO2156E Datasheet
96Kb / 2P
Ideal for European 868.95 MHz Transmitters
logo
Murata Manufacturing Co...
RO3164D MURATA-RO3164D Datasheet
300Kb / 3P
Ideal for European 868.35 MHz Transmitters
RO3101E-1 MURATA-RO3101E-1 Datasheet
228Kb / 2P
Designed for European 433.92 MHz Remote Control and Security Transmitters
logo
Vanlong Technology Co.,...
SR303M75 VANLONG-SR303M75 Datasheet
104Kb / 2P
Ideal for 303.75 MHz Transmitters
logo
Murata Manufacturing Co...
RO3118E MURATA-RO3118E Datasheet
226Kb / 2P
Ideal for 318 MHz Remote Control and Security Transmitters
RO3144E-1 MURATA-RO3144E-1 Datasheet
219Kb / 2P
Ideal for 916.5 MHz Remote Control and Data Telemetry Transmitters
RO3144D MURATA-RO3144D Datasheet
249Kb / 2P
Ideal for 916.5 MHz Remote Control and Data Telemetry Transmitters
logo
RF Monolithics, Inc
RO2103 RFM-RO2103 Datasheet
258Kb / 2P
Ideal for 418 MHz Transmitters, Very Low Series Resistance, Quartz Stability
RO2073D RFM-RO2073D Datasheet
130Kb / 2P
Ideal for 315MHz Automotive-Keyless-Entry Transmitters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com