Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RO3101A-1 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # RO3101A-1
Description  Ideal for European 433.92 MHz Transmitters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RO3101A-1 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  RO3101A-1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RO3101A-1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
©2010-2014 by Murata Electronics N.A., Inc.
RO3101A-1 (R) 4/3/14
Page 1 of 2
www.murata.com
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Center Frequency, +25 °C
Absolute Frequency
fC
2,3,4,5
433.870
433.970
MHz
Tolerance from 433.920 MHz
fC
±50
kHz
Insertion Loss
IL
2,5,6
1.5
2.2
dB
Quality Factor
Unloaded Q
QU
5,6,7
9000
50
Loaded Q
QL
1458
Temperature Stability
Turnover Temperature
TO
6,7,8
10
25
40
°C
Turnover Frequency
fO
fC
Frequency Temperature Coefficient
FTC
0.032
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
1
10
ppm/yr
DC Insulation Resistance between Any Two Terminals
5
1.0
M
RF Equivalent RLC Model
Motional Resistance
RM
5, 7, 9
19.4
Motional Inductance
LM
63.8
µH
Motional Capacitance
CM
2.11
fF
Shunt Static Capacitance
CO
5, 6, 9
2.4
pF
Test Fixture Shunt Inductance
LTEST
2, 7
55.1
nH
Lid Symbolization (in addition to Lot and/or Date Codes)
745 // YWWS
• Ideal for European 433.92 MHz Transmitters
• Very Low Series Resistance
• Quartz Stability
• Surface-mount Ceramic Case
• Complies with Directive 2002/95/EC (RoHS)
The RO3101A-1 is a true one-port, surface-acoustic-wave (SAW) resonator in a surface-mount, ceramic case.
It provides reliable, fundamental-mode, quartz frequency stabilization of fixed-frequency transmitters
operating at 433.92 MHz. This SAW is designed specifically for remote-control and wireless security
transmitters operating in Europe under ETSI I-ETS 300 220.
Absolute Maximum Ratings
Rating
Value
Units
CW RF Power Dissipation (See: Typical Test Circuit)
+0
dBm
DC Voltage Between Terminals (Observe ESD Precautions)
±30
VDC
Case Temperature
-40 to +85
°C
Soldering Temperature (10 seconds / 5 cycles maximum)
260
°C
433.92 MHz
SAW
Resonator
RO3101A-1
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
NOTES:
1.
Frequency aging is the change in fC with time and is specified at +65 °C or
less. Aging may exceed the specification for prolonged temperatures
above +65 °C. Typically, aging is greatest the first year after manufacture,
decreasing in subsequent years.
2.
The center frequency, fC, is measured at the minimum insertion loss point,
ILMIN, with the resonator in the 50  test system (VSWR  1.2:1). The
shunt inductance, LTEST, is tuned for parallel resonance with CO at fC.
Typically, fOSCILLATOR or fTRANSMITTER is approximately equal to the
resonator fC.
3.
One or more of the following United States patents apply: 4,454,488 and
4,616,197.
4.
Typically, equipment utilizing this device requires emissions testing and
government approval, which is the responsibility of the equipment
manufacturer.
5.
Unless noted otherwise, case temperature TC = +25 ± 2 °C.
6.
The design, manufacturing process, and specifications of this device are
subject to change without notice.
7.
Derived mathematically from one or more of the following directly
measured parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover)
frequency, fO. The nominal frequency at any case temperature, TC, may be
calculated from: f = fO [1 - FTC (TO -TC)2]. Typically oscillator TO is
approximately equal to the specified resonator TO.
9.
This equivalent RLC model approximates resonator performance near the
resonant frequency and is provided for reference only. The capacitance CO
is the static (nonmotional) capacitance between the two terminals
measured at low frequency (10 MHz) with a capacitance meter. The
measurement includes parasitic capacitance with "NC” pads unconnected.
Case parasitic capacitance is approximately 0.05 pF. Transducer parallel
capacitance can by calculated as: CP  CO -0.05pF.
10. Tape and Reel standard per ANSI / EIA 481.
SM5035-4
Pb
Copyright © Murata Manufacturing Co., Ltd. All Rights Reserved 2007


Similar Part No. - RO3101A-1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3101A-11 MURATA-RO3101A-11 Datasheet
392Kb / 2P
433.92 MHz SAW Resonator
More results

Similar Description - RO3101A-1

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2216D-6 RFM-RO2216D-6 Datasheet
101Kb / 2P
Ideal for European 905.800 MHz Transmitters
RO2156E RFM-RO2156E Datasheet
96Kb / 2P
Ideal for European 868.95 MHz Transmitters
logo
Murata Manufacturing Co...
RO3164D MURATA-RO3164D Datasheet
300Kb / 3P
Ideal for European 868.35 MHz Transmitters
RO3101E-1 MURATA-RO3101E-1 Datasheet
228Kb / 2P
Designed for European 433.92 MHz Remote Control and Security Transmitters
logo
Vanlong Technology Co.,...
SR303M75 VANLONG-SR303M75 Datasheet
104Kb / 2P
Ideal for 303.75 MHz Transmitters
logo
Murata Manufacturing Co...
RO3118E MURATA-RO3118E Datasheet
226Kb / 2P
Ideal for 318 MHz Remote Control and Security Transmitters
RO3144E-1 MURATA-RO3144E-1 Datasheet
219Kb / 2P
Ideal for 916.5 MHz Remote Control and Data Telemetry Transmitters
RO3144D MURATA-RO3144D Datasheet
249Kb / 2P
Ideal for 916.5 MHz Remote Control and Data Telemetry Transmitters
logo
RF Monolithics, Inc
RO2103 RFM-RO2103 Datasheet
258Kb / 2P
Ideal for 418 MHz Transmitters, Very Low Series Resistance, Quartz Stability
RO2073D RFM-RO2073D Datasheet
130Kb / 2P
Ideal for 315MHz Automotive-Keyless-Entry Transmitters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com