Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC7357LP5GE Datasheet(PDF) 3 Page - Analog Devices

Part # HMC7357LP5GE
Description  GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7357LP5GE Datasheet(HTML) 3 Page - Analog Devices

  HMC7357LP5GE Datasheet HTML 1Page - Analog Devices HMC7357LP5GE Datasheet HTML 2Page - Analog Devices HMC7357LP5GE Datasheet HTML 3Page - Analog Devices HMC7357LP5GE Datasheet HTML 4Page - Analog Devices HMC7357LP5GE Datasheet HTML 5Page - Analog Devices HMC7357LP5GE Datasheet HTML 6Page - Analog Devices HMC7357LP5GE Datasheet HTML 7Page - Analog Devices HMC7357LP5GE Datasheet HTML 8Page - Analog Devices HMC7357LP5GE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
HMC7357LP5GE
v00.0813
GaAs pHEMT MMIC 2 WATT
POWER AMPLIFIER, 5.5 - 8.5 GHz
Psat vs. Temperature
Psat vs. Supply Voltage
Psat vs. Supply Current
Output IP3 vs. Temperature,
Pout/tone = +20 dBm
P1dB vs. Supply Current
Output IP3 vs. Supply Current,
Pout/tone = +20 dBm
26
28
30
32
34
36
38
40
5.566.577.588.5
+25 C
+85 C
-40 C
FREQUENCY (GHz)
26
28
30
32
34
36
38
40
5.566.577.588.5
6V
7V
8V
FREQUENCY (GHz)
26
28
30
32
34
36
38
40
5.566.577.588.5
800 mA
1000 mA
1200 mA
FREQUENCY (GHz)
26
28
30
32
34
36
38
40
5.566.577.588.5
800 mA
1000mA
1200mA
FREQUENCY (GHz)
36
38
40
42
44
46
48
5.566.577.588.5
+25 C
+85 C
-40 C
FREQUENCY (GHz)
36
38
40
42
44
46
48
5.566.577.588.5
800 mA
1000 mA
1200 mA
FREQUENCY (GHz)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC7357LP5GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC735LP5 HITTITE-HMC735LP5 Datasheet
259Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 10.5 - 12.2 GHz
HMC735LP5 HITTITE-HMC735LP5 Datasheet
438Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 10.5 - 12.2 GHz
HMC735LP5E HITTITE-HMC735LP5E Datasheet
259Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 10.5 - 12.2 GHz
HMC735LP5E HITTITE-HMC735LP5E Datasheet
438Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 10.5 - 12.2 GHz
HMC735LP5 HITTITE-HMC735LP5_10 Datasheet
438Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 10.5 - 12.2 GHz
More results

Similar Description - HMC7357LP5GE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC591 AD-HMC591 Datasheet
414Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
HMC998APM5E AD-HMC998APM5E Datasheet
1Mb / 14P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC952 HITTITE-HMC952 Datasheet
785Kb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Analog Devices
HMC591LP5 AD-HMC591LP5 Datasheet
408Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
HMC6981LS6 AD-HMC6981LS6 Datasheet
861Kb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC1029 HITTITE-HMC1029 Datasheet
1Mb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Analog Devices
HMC906A AD-HMC906A Datasheet
594Kb / 12P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
HMC998A AD-HMC998A Datasheet
1,009Kb / 16P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
HMC7441 AD-HMC7441 Datasheet
550Kb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
HMC863ALC4 AD-HMC863ALC4 Datasheet
915Kb / 11P
   GaAs pHEMT MMIC 1/2 WATT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com