Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC7149 Datasheet(PDF) 2 Page - Analog Devices

Part # HMC7149
Description  10 WATT GaN MMIC POWER AMPLIFIER,
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7149 Datasheet(HTML) 2 Page - Analog Devices

  HMC7149 Datasheet HTML 1Page - Analog Devices HMC7149 Datasheet HTML 2Page - Analog Devices HMC7149 Datasheet HTML 3Page - Analog Devices HMC7149 Datasheet HTML 4Page - Analog Devices HMC7149 Datasheet HTML 5Page - Analog Devices HMC7149 Datasheet HTML 6Page - Analog Devices HMC7149 Datasheet HTML 7Page - Analog Devices HMC7149 Datasheet HTML 8Page - Analog Devices HMC7149 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
HMC7149
10 WATT GaN MMIC POWER AMPLIFIER,
6 - 18 GHz
Gain and Return Loss
Gain vs. Temperature
Input Return Loss vs. Temperature
Output Return Loss vs. Temperature
Pout vs. Frequency
Gain vs. Vdd
15
20
25
30
35
40
45
6
8
10
12
14
16
18
P4dB
Psat
FREQUENCY (GHz)
-40
-30
-20
-10
0
10
20
30
4
6
8
10
12
14
16
18
20
S21
S11
S22
FREQUENCY (GHz)
10
12
14
16
18
20
22
24
26
28
6
8
10
12
14
16
18
+25C
+85C
-40C
FREQUENCY (GHz)
10
12
14
16
18
20
22
24
26
28
6
8
10
12
14
16
18
24V
28V
32V
FREQUENCY (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
6
8
10
12
14
16
18
+25C
+85C
-40C
FREQUENCY (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
6
8
10
12
14
16
18
+25C
+85C
-40C
FREQUENCY (GHz)
For price, delivery and to place orders: Analog Devices, Inc., 1 Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order On-line at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
v
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC7149

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC714LP5 HITTITE-HMC714LP5 Datasheet
1Mb / 40P
DUAL RMS POWER DETECTOR 0.1 - 3.9 GHz
HMC714LP5E HITTITE-HMC714LP5E Datasheet
1Mb / 40P
DUAL RMS POWER DETECTOR 0.1 - 3.9 GHz
More results

Similar Description - HMC7149

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC999 HITTITE-HMC999 Datasheet
660Kb / 10P
GaN MMIC 10 WATT POWER AMPLIFIER, 0.01 - 10 GHz
HMC999 HITTITE-HMC999_12 Datasheet
701Kb / 10P
GaN MMIC 10 WATT POWER AMPLIFIER
logo
Cree, Inc
CMPA0060002D CREE-CMPA0060002D Datasheet
417Kb / 7P
2 Watt, 20 MHz - 6000 MHz GaN HEMT MMIC Power Amplifier
logo
Analog Devices
HMC1086 AD-HMC1086 Datasheet
634Kb / 9P
25 WATT GaN MMIC POWER AMPLIFIER
HMC1086F10 AD-HMC1086F10 Datasheet
718Kb / 12P
25 WATT Flange Mount GaN MMIC POWER AMPLIFIER
HMC1087 AD-HMC1087 Datasheet
614Kb / 10P
8 WATT GaN MMIC POWER AMPLIFIER
HMC1087F10 AD-HMC1087F10 Datasheet
723Kb / 12P
8 WATT Flange Mount GaN MMIC POWER AMPLIFIER
logo
Qorvo, Inc
QPA2962 QORVO-QPA2962 Datasheet
1Mb / 27P
2 ??20 GHz 10 Watt GaN Amplifier
TGA2962 QORVO-TGA2962 Datasheet
637Kb / 27P
2 ??20 GHz 10 Watt GaN Amplifier
logo
WOLFSPEED, INC.
CMPA901A035F1 WOLFSPEED-CMPA901A035F1 Datasheet
1Mb / 15P
35 W, 9.0 - 10 GHz, GaN MMIC, Power Amplifier
Rev 0.0 March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com