Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC7149 Datasheet(PDF) 10 Page - Analog Devices

Part # HMC7149
Description  10 WATT GaN MMIC POWER AMPLIFIER,
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7149 Datasheet(HTML) 10 Page - Analog Devices

Back Button HMC7149 Datasheet HTML 2Page - Analog Devices HMC7149 Datasheet HTML 3Page - Analog Devices HMC7149 Datasheet HTML 4Page - Analog Devices HMC7149 Datasheet HTML 5Page - Analog Devices HMC7149 Datasheet HTML 6Page - Analog Devices HMC7149 Datasheet HTML 7Page - Analog Devices HMC7149 Datasheet HTML 8Page - Analog Devices HMC7149 Datasheet HTML 9Page - Analog Devices HMC7149 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
HMC7149
10 WATT GaN MMIC POWER AMPLIFIER,
6 - 18 GHz
0.102mm (0.004”) Thick GaN MMIC
Wire Bond
RF Ground Plane
0.127mm (0.005”) Thick Alumina
Thin Film Substrate
0.076mm
(0.003”)
Figure 1.
0.102mm (0.004”) Thick GaAs MMIC
Wire Bond
RF Ground Plane
0.254mm (0.010”) Thick Alumina
Thin Film Substrate
0.076mm
(0.003”)
Figure 2.
0.150mm (0.005”) Thick
Moly Tab
Mounting & Bonding Techniques for GaN MMICs
The die should be eutectically attached directly to the ground plane (see
HMC general Handling, Mounting, Bonding Note).
50 Ohm Microstrip transmission lines on 0.127mm (5 mil) thick alumina
thin film substrates are recommended for bringing RF to and from the
chip (Figure 1). If 0.254mm (10 mil) thick alumina thin film substrates
must be used, the die should be raised 0.150mm (6 mils) so that the
surface of the die is coplanar with the surface of the substrate. One
way to accomplish this is to attach the 0.102mm (4 mil) thick die to a
copper tungsten or CuMo heat spreader which is then attached to the
thermally conductive ground plane (Figure 2).
Microstrip substrates should be placed as close to the die as possible in
order to minimize bond wire length. Typical die-to-substrate spacing is
0.076mm to 0.152 mm (3 to 6 mils).
Handling Precautions
Follow these precautions to avoid permanent damage.
Storage: All bare die are placed in either Waffle or Gel based ESD
protective containers, and then sealed in an ESD protective bag for
shipment. Once the sealed ESD protective bag has been opened, all die
should be stored in a dry nitrogen environment.
Cleanliness: Handle the chips in a clean environment. DO NOT
attempt to clean the chip using liquid cleaning systems.
Static Sensitivity: Follow ESD precautions to protect against ESD
strikes.
Transients: Suppress instrument and bias supply transients while bias
is applied. Use shielded signal and bias cables to minimize inductive
pick-up.
Die placement: A heated vacuum collet (180°C) is the preferred method of pick up. Ensure that the area of vacuum
contact on the die is minimized to prevent cracking under differential pressure. All air bridges (if applicable) must be
avoided during placement. Minimize impact forces applied to the die during auto-placement.
Mounting
The chip is back-metallized with a minimum of 5 microns of gold and is the RF ground and thermal interface. It is
recommended that the chip be die mounted with AuSn eutectic preforms. The mounting surface should be clean
and flat.
Eutectic Reflow Process: An 80/20 gold tin 0.5mil (13um) thick preform is recommended with a work surface tem-
perature of 280°C. Limit exposure to temperatures above 300°C to 30 seconds maximum. A die bonder or furnace
with 95% N
2 / 5% H2 reducing atmosphere should be used. No organic flux should be used. Coefficient of thermal
expansion matching is critical for long term reliability.
Die Attach Inspection: X-ray or acoustic scan is recommended.
Wire Bonding
Thermosonic ball or wedge bonding is the preferred interconnect technique. Gold wire must be used in a diameter
appropriate for the pad size and number of bonds applied. Force, time and ultrasonics are critical parameters: opti-
mize for a repeatable, high bond pull strength. Limit the die bond pad surface temperature to 200°C maximum.
For price, delivery and to place orders: Analog Devices, Inc., 1 Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order On-line at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
v
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC7149

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC714LP5 HITTITE-HMC714LP5 Datasheet
1Mb / 40P
   DUAL RMS POWER DETECTOR 0.1 - 3.9 GHz
HMC714LP5E HITTITE-HMC714LP5E Datasheet
1Mb / 40P
   DUAL RMS POWER DETECTOR 0.1 - 3.9 GHz
More results

Similar Description - HMC7149

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC999 HITTITE-HMC999_12 Datasheet
701Kb / 10P
   GaN MMIC 10 WATT POWER AMPLIFIER
HMC999 HITTITE-HMC999 Datasheet
660Kb / 10P
   GaN MMIC 10 WATT POWER AMPLIFIER, 0.01 - 10 GHz
logo
Analog Devices
HMC1087 AD-HMC1087 Datasheet
614Kb / 10P
   8 WATT GaN MMIC POWER AMPLIFIER
HMC1086 AD-HMC1086 Datasheet
634Kb / 9P
   25 WATT GaN MMIC POWER AMPLIFIER
HMC1086F10 AD-HMC1086F10 Datasheet
718Kb / 12P
   25 WATT Flange Mount GaN MMIC POWER AMPLIFIER
HMC1087F10 AD-HMC1087F10 Datasheet
723Kb / 12P
   8 WATT Flange Mount GaN MMIC POWER AMPLIFIER
logo
WOLFSPEED, INC.
CMPA901A035F1 WOLFSPEED-CMPA901A035F1 Datasheet
1Mb / 15P
   35 W, 9.0 - 10 GHz, GaN MMIC, Power Amplifier
Rev 0.0 March 2021
logo
Cree, Inc
CMPA0060002D CREE-CMPA0060002D Datasheet
417Kb / 7P
   2 Watt, 20 MHz - 6000 MHz GaN HEMT MMIC Power Amplifier
logo
Qorvo, Inc
QPA2962 QORVO-QPA2962 Datasheet
1Mb / 27P
   2 ??20 GHz 10 Watt GaN Amplifier
TGA2962 QORVO-TGA2962 Datasheet
637Kb / 27P
   2 ??20 GHz 10 Watt GaN Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com