Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC1086F10 Datasheet(PDF) 11 Page - Analog Devices

Part # HMC1086F10
Description  25 WATT Flange Mount GaN MMIC POWER AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1086F10 Datasheet(HTML) 11 Page - Analog Devices

Back Button HMC1086F10 Datasheet HTML 4Page - Analog Devices HMC1086F10 Datasheet HTML 5Page - Analog Devices HMC1086F10 Datasheet HTML 6Page - Analog Devices HMC1086F10 Datasheet HTML 7Page - Analog Devices HMC1086F10 Datasheet HTML 8Page - Analog Devices HMC1086F10 Datasheet HTML 9Page - Analog Devices HMC1086F10 Datasheet HTML 10Page - Analog Devices HMC1086F10 Datasheet HTML 11Page - Analog Devices HMC1086F10 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
11
HMC1086F10
v06.1017
25 WATT FlAnge MounT gAn MMIC
PoWeR AMPlIFIeR, 2 - 6 gHz
evaluation PCB
evaluation order Information
item
Contents
part number
evaluation pCB
HmC1086f10 evaluation pCB
eVAl01-HmC1086f10 [1]
[1] reference this number when ordering evaluation pCB
list of Materials for evaluation PCB eVAl01-HMC1086F10
item
Description
J2, J3
sri K Connector
J1
DC Connector
J4, J5
preform jumpers
C1 - C6
1 uf Capacitor, 0602 pkg.
C7 - C8
10 uf Capacitor, 1210 pkg.
U1
HmC1086f10
pCB [1]
600-00619-00 evaluation pCB
[1] Circuit Board material: rogers 4350 or Arlon 25fr
The circuit board used in the application should use
rf circuit design techniques. signal lines should
have 50 ohm impedance while the package ground
leads and exposed paddle should be connected
directly to the ground plane similar to that shown.
A sufficient number of via holes should be used
to connect the top and bottom ground planes.
The evaluation circuit board shown is available from
Analog Devices, upon request.


Similar Part No. - HMC1086F10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1086 AD-HMC1086 Datasheet
634Kb / 9P
   25 WATT GaN MMIC POWER AMPLIFIER
More results

Similar Description - HMC1086F10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1087F10 AD-HMC1087F10 Datasheet
723Kb / 12P
   8 WATT Flange Mount GaN MMIC POWER AMPLIFIER
HMC1086 AD-HMC1086 Datasheet
634Kb / 9P
   25 WATT GaN MMIC POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC999 HITTITE-HMC999_12 Datasheet
701Kb / 10P
   GaN MMIC 10 WATT POWER AMPLIFIER
logo
Analog Devices
HMC7149 AD-HMC7149 Datasheet
927Kb / 10P
   10 WATT GaN MMIC POWER AMPLIFIER,
HMC1087 AD-HMC1087 Datasheet
614Kb / 10P
   8 WATT GaN MMIC POWER AMPLIFIER
logo
API Technologies Corp
QBS-560 APITECH-QBS-560 Datasheet
218Kb / 2P
   Broadband 25 Watt GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2579-FL TRIQUINT-TGA2579-FL_15 Datasheet
480Kb / 12P
   25 Watt Ku-Band GaN Power Amplifier
logo
Qorvo, Inc
QPA2212D QORVO-QPA2212D Datasheet
628Kb / 22P
   27.5 ??31 GHz 25 Watt GaN Power Amplifier
April 2020
logo
WOLFSPEED, INC.
CMPA2560025D WOLFSPEED-CMPA2560025D Datasheet
1Mb / 11P
   25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
CMPA2560025F WOLFSPEED-CMPA2560025F Datasheet
999Kb / 12P
   25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Rev 3.1 April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com