Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC1086F10 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC1086F10
Description  25 WATT Flange Mount GaN MMIC POWER AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1086F10 Datasheet(HTML) 1 Page - Analog Devices

  HMC1086F10 Datasheet HTML 1Page - Analog Devices HMC1086F10 Datasheet HTML 2Page - Analog Devices HMC1086F10 Datasheet HTML 3Page - Analog Devices HMC1086F10 Datasheet HTML 4Page - Analog Devices HMC1086F10 Datasheet HTML 5Page - Analog Devices HMC1086F10 Datasheet HTML 6Page - Analog Devices HMC1086F10 Datasheet HTML 7Page - Analog Devices HMC1086F10 Datasheet HTML 8Page - Analog Devices HMC1086F10 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
HMC1086F10
v06.1017
25 WATT FlAnge MounT gAn MMIC
PoWeR AMPlIFIeR, 2 - 6 gHz
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
Functional Diagram
Features
High psat: +44.5 dBm
power Gain at psat: 11 dB
High output ip3: +46 dBm
small signal Gain: 23 dB
supply Voltage: Vdd = +28V @ 1100 mA
50 ohm matched input/output
10-lead flange mount package
Typical Applications
The HmC1086f10 is ideal for:
• Test instrumentation
• General Communications
• radar
• ew/eCm
general Description
The HmC1086f10 is a 25w Gallium nitride (Gan)
mmiC power Amplifier which operates between
2 and 6 GHz, and is provided in a 10-lead flange
mount package. The amplifier typically provides
23 dB of small signal gain, +44.5 dBm saturated
output power, and delivers +46 dBm output ip3 at
+33 dBm output power per tone. The amplifier draws
1100 mA quiescent current from a +28V DC supply.
The rf i/os are DC blocked and matched to 50 ohms
for ease of use.
electrical Specifications, T
A = +25° C, Vgg = Vgg1 = Vgg2, Vdd = Vdd1 = Vdd2 = +28V,
Idd = 1100 mA [1]
parameter
min.
Typ.
max.
min.
Typ.
max.
Units
frequency range
2 - 4
4 - 6
GHz
small signal Gain
20
23
21
24
dB
Gain flatness
±1
±0.5
dB
Gain Variation over Temperature
0.03
0.03
dB/ °C
input return loss
15
17
dB
output return loss
12
12
dB
output power for 4dB Compression (p4dB)
41
41
dBm
power Gain for 4dB Compression (p4dB)
20
20
dB
saturated output power (psat)
44.5
44.5
dBm
output Third order intercept (ip3) [2]
46
46
dBm
power Added efficiency (pAe)
35
32
%
Total supply Current (id1 + id2)
1100
1100
mA
[1] Adjust Vgg between -8 to 0V to achieve idd = 1100 mA typical.
[2] measurement taken at pout / tone = +33 dBm.


Similar Part No. - HMC1086F10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1086 AD-HMC1086 Datasheet
634Kb / 9P
25 WATT GaN MMIC POWER AMPLIFIER
More results

Similar Description - HMC1086F10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1087F10 AD-HMC1087F10 Datasheet
723Kb / 12P
8 WATT Flange Mount GaN MMIC POWER AMPLIFIER
HMC1086 AD-HMC1086 Datasheet
634Kb / 9P
25 WATT GaN MMIC POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC999 HITTITE-HMC999_12 Datasheet
701Kb / 10P
GaN MMIC 10 WATT POWER AMPLIFIER
logo
Analog Devices
HMC7149 AD-HMC7149 Datasheet
927Kb / 10P
10 WATT GaN MMIC POWER AMPLIFIER,
HMC1087 AD-HMC1087 Datasheet
614Kb / 10P
8 WATT GaN MMIC POWER AMPLIFIER
logo
API Technologies Corp
QBS-560 APITECH-QBS-560 Datasheet
218Kb / 2P
Broadband 25 Watt GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2579-FL TRIQUINT-TGA2579-FL_15 Datasheet
480Kb / 12P
25 Watt Ku-Band GaN Power Amplifier
logo
Qorvo, Inc
QPA2212D QORVO-QPA2212D Datasheet
628Kb / 22P
27.5 ??31 GHz 25 Watt GaN Power Amplifier
April 2020
logo
WOLFSPEED, INC.
CMPA2560025D WOLFSPEED-CMPA2560025D Datasheet
1Mb / 11P
25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
CMPA2560025F WOLFSPEED-CMPA2560025F Datasheet
999Kb / 12P
25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Rev 3.1 April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com