Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC1086 Datasheet(PDF) 9 Page - Analog Devices

Part # HMC1086
Description  25 WATT GaN MMIC POWER AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1086 Datasheet(HTML) 9 Page - Analog Devices

  HMC1086 Datasheet HTML 1Page - Analog Devices HMC1086 Datasheet HTML 2Page - Analog Devices HMC1086 Datasheet HTML 3Page - Analog Devices HMC1086 Datasheet HTML 4Page - Analog Devices HMC1086 Datasheet HTML 5Page - Analog Devices HMC1086 Datasheet HTML 6Page - Analog Devices HMC1086 Datasheet HTML 7Page - Analog Devices HMC1086 Datasheet HTML 8Page - Analog Devices HMC1086 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
9
HMC1086
v06.0318
25 WATT GAN MMIC POWER AMPLIFIER,
2 - 6 GHz
0.102mm (0.004”) Thick GaN MMIC
Wire Bond
RF Ground Plane
0.127mm (0.005”) Thick Alumina
Thin Film Substrate
0.076mm
(0.003”)
Figure 1.
0.102mm (0.004”) Thick GaN MMIC
Wire Bond
RF Ground Plane
0.254mm (0.010”) Thick Alumina
Thin Film Substrate
0.076mm
(0.003”)
Figure 2.
0.150mm (0.005”) Thick
Copper Tungsten
Mounting & Bonding Techniques for GaN MMICs
The die should be eutectically attached directly to the ground plane (see
HMC general Handling, Mounting, Bonding Note).
50 Ohm Microstrip transmission lines on 0.127 mm (5 mil) thick alumina
thin film substrates are recommended for bringing RF to and from the
chip (Figure 1). If 0.254 mm (10 mil) thick alumina thin film substrates
must be used, the die should be raised 0.150 mm (6 mils) so that the
surface of the die is coplanar with the surface of the substrate. One way
to accomplish this is to attach the 0.102 mm (4 mil) thick die to a copper
tungsten or CuMo heat spreader which is then attached to the thermally
conductive ground plane (Figure 2).
Microstrip substrates should be placed as close to the die as possible in
order to minimize bond wire length. Typical die-to-substrate spacing is
0.076 mm to 0.152 mm (3 to 6 mils).
Handling Precautions
Follow these precautions to avoid permanent damage.
Storage: All bare die are placed in either Waffle or Gel based ESD
protective containers, and then sealed in an ESD protective bag for
shipment. Once the sealed ESD protective bag has been opened, all die
should be stored in a dry nitrogen environment.
Cleanliness: Handle the chips in a clean environment. DO NOT attempt
to clean the chip using liquid cleaning systems.
Static Sensitivity: Follow ESD precautions to protect against ESD
strikes.
Transients: Suppress instrument and bias supply transients while bias
is applied. Use shielded signal and bias cables to minimize inductive
pick-up.
Die placement: A heated vacuum collect (180 °C) is the preferred method of pick up. Ensure that the area of
vacuum contact on the die is minimized to prevent cracking under differential pressure. All air bridges (if applicable)
must be avoided during placement. Minimize impact forces applied to the die during auto-placement.
Mounting
The chip is back-metallized with a minimum of 5 microns of gold and is the RF ground and thermal interface. It is
recommended that the chip be die mounted with AuSn eutectic preforms. The mounting surface should be clean
and flat.
Eutectic Reflow Process: An 80/20 gold tin 0.5 mil (13 um) thick preform is recommended with a work surface
temperature of 280 °C. Limit exposure to temperatures above 300 °C to 30 seconds maximum. A die bonder or
furnace with 95 % N
2 / 5 % H2 reducing atmosphere should be used. No organic flux should be used. Coefficient of
thermal expansion matching is critical for long term reliability.
Die Attach Inspection: X-ray or acoustic scan is recommended.
Wire Bonding
Thermosonic ball or wedge bonding is the preferred interconnect technique. Gold wire must be used in a diameter
appropriate for the pad size and number of bonds applied. Force, time and ultrasonics are critical parameters:
optimize for a repeatable, high bond pull strength. Limit the die bond pad surface temperature to 200 °C maximum.


Similar Part No. - HMC1086

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1086F10 AD-HMC1086F10 Datasheet
718Kb / 12P
   25 WATT Flange Mount GaN MMIC POWER AMPLIFIER
More results

Similar Description - HMC1086

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1086F10 AD-HMC1086F10 Datasheet
718Kb / 12P
   25 WATT Flange Mount GaN MMIC POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC999 HITTITE-HMC999_12 Datasheet
701Kb / 10P
   GaN MMIC 10 WATT POWER AMPLIFIER
logo
Analog Devices
HMC7149 AD-HMC7149 Datasheet
927Kb / 10P
   10 WATT GaN MMIC POWER AMPLIFIER,
HMC1087 AD-HMC1087 Datasheet
614Kb / 10P
   8 WATT GaN MMIC POWER AMPLIFIER
logo
API Technologies Corp
QBS-560 APITECH-QBS-560 Datasheet
218Kb / 2P
   Broadband 25 Watt GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2579-FL TRIQUINT-TGA2579-FL_15 Datasheet
480Kb / 12P
   25 Watt Ku-Band GaN Power Amplifier
logo
Analog Devices
HMC1087F10 AD-HMC1087F10 Datasheet
723Kb / 12P
   8 WATT Flange Mount GaN MMIC POWER AMPLIFIER
logo
Qorvo, Inc
QPA2212D QORVO-QPA2212D Datasheet
628Kb / 22P
   27.5 ??31 GHz 25 Watt GaN Power Amplifier
April 2020
logo
WOLFSPEED, INC.
CMPA2560025D WOLFSPEED-CMPA2560025D Datasheet
1Mb / 11P
   25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
CMPA2560025F WOLFSPEED-CMPA2560025F Datasheet
999Kb / 12P
   25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Rev 3.1 April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com