Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC1086 Datasheet(PDF) 7 Page - Analog Devices

Part # HMC1086
Description  25 WATT GaN MMIC POWER AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1086 Datasheet(HTML) 7 Page - Analog Devices

  HMC1086 Datasheet HTML 1Page - Analog Devices HMC1086 Datasheet HTML 2Page - Analog Devices HMC1086 Datasheet HTML 3Page - Analog Devices HMC1086 Datasheet HTML 4Page - Analog Devices HMC1086 Datasheet HTML 5Page - Analog Devices HMC1086 Datasheet HTML 6Page - Analog Devices HMC1086 Datasheet HTML 7Page - Analog Devices HMC1086 Datasheet HTML 8Page - Analog Devices HMC1086 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
7
HMC1086
v06.0318
25 WATT GAN MMIC POWER AMPLIFIER,
2 - 6 GHz
Pad Descriptions
Pad Number
Function
Description
Pin Schematic
1
RFIN
This Pad is RF coupled and is matched to 50 Ohms.
The pad has zero Ohms DC resistance.
2, 10
VG1
Gate control voltage for first stage.
3, 9
VG2
Gate control voltage for second stage.
4,8
VD1
Drain bias for first stage.
5, 7
VD2
Drain bias for second stage.
6
RFOUT
This Pad is RF coupled and is matched to 50 Ohms.
Die Bottom
GND
Die Bottom must be connected to RF/DC ground.


Similar Part No. - HMC1086

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1086F10 AD-HMC1086F10 Datasheet
718Kb / 12P
   25 WATT Flange Mount GaN MMIC POWER AMPLIFIER
More results

Similar Description - HMC1086

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1086F10 AD-HMC1086F10 Datasheet
718Kb / 12P
   25 WATT Flange Mount GaN MMIC POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC999 HITTITE-HMC999_12 Datasheet
701Kb / 10P
   GaN MMIC 10 WATT POWER AMPLIFIER
logo
Analog Devices
HMC7149 AD-HMC7149 Datasheet
927Kb / 10P
   10 WATT GaN MMIC POWER AMPLIFIER,
HMC1087 AD-HMC1087 Datasheet
614Kb / 10P
   8 WATT GaN MMIC POWER AMPLIFIER
logo
API Technologies Corp
QBS-560 APITECH-QBS-560 Datasheet
218Kb / 2P
   Broadband 25 Watt GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2579-FL TRIQUINT-TGA2579-FL_15 Datasheet
480Kb / 12P
   25 Watt Ku-Band GaN Power Amplifier
logo
Analog Devices
HMC1087F10 AD-HMC1087F10 Datasheet
723Kb / 12P
   8 WATT Flange Mount GaN MMIC POWER AMPLIFIER
logo
Qorvo, Inc
QPA2212D QORVO-QPA2212D Datasheet
628Kb / 22P
   27.5 ??31 GHz 25 Watt GaN Power Amplifier
April 2020
logo
WOLFSPEED, INC.
CMPA2560025D WOLFSPEED-CMPA2560025D Datasheet
1Mb / 11P
   25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
CMPA2560025F WOLFSPEED-CMPA2560025F Datasheet
999Kb / 12P
   25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Rev 3.1 April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com