Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F3L150R07W2E3_B11 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # F3L150R07W2E3_B11
Description  EasyPACK Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und PressFIT / NTC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

F3L150R07W2E3_B11 Datasheet(HTML) 2 Page - Infineon Technologies AG

  F3L150R07W2E3_B11_13 Datasheet HTML 1Page - Infineon Technologies AG F3L150R07W2E3_B11_13 Datasheet HTML 2Page - Infineon Technologies AG F3L150R07W2E3_B11_13 Datasheet HTML 3Page - Infineon Technologies AG F3L150R07W2E3_B11_13 Datasheet HTML 4Page - Infineon Technologies AG F3L150R07W2E3_B11_13 Datasheet HTML 5Page - Infineon Technologies AG F3L150R07W2E3_B11_13 Datasheet HTML 6Page - Infineon Technologies AG F3L150R07W2E3_B11_13 Datasheet HTML 7Page - Infineon Technologies AG F3L150R07W2E3_B11_13 Datasheet HTML 8Page - Infineon Technologies AG F3L150R07W2E3_B11_13 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
TechnischeInformation/TechnicalInformation
F3L150R07W2E3_B11
IGBT-Module
IGBT-modules
preparedby:DK
approvedby:MB
dateofpublication:2013-11-05
revision:2.1
VorläufigeDaten
PreliminaryData
IGBT,Wechselrichter/IGBT,Inverter
HöchstzulässigeWerte/MaximumRatedValues
Kollektor-Emitter-Sperrspannung
Collector-emittervoltage
Tvj = 25°C
VCES

650
 V
Kollektor-Dauergleichstrom
ContinuousDCcollectorcurrent
TC = 25°C, Tvj max = 175°C
TC = 25°C, Tvj max = 175°C
IC nom
IC

150
150
 A
A
PeriodischerKollektor-Spitzenstrom
Repetitivepeakcollectorcurrent
tP = 1 ms
ICRM

300
 A
Gesamt-Verlustleistung
Totalpowerdissipation
TC = 25°C, Tvj max = 175°C
Ptot

335
 W
Gate-Emitter-Spitzenspannung
Gate-emitterpeakvoltage

VGES

+/-20
 V
CharakteristischeWerte/CharacteristicValues
min.
typ.
max.
Kollektor-Emitter-Sättigungsspannung
Collector-emittersaturationvoltage
IC = 150 A, VGE = 15 V
IC = 150 A, VGE = 15 V
IC = 150 A, VGE = 15 V
VCE sat
1,45
1,60
1,70
1,90
V
V
V
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Gate-Schwellenspannung
Gatethresholdvoltage
IC = 2,40 mA, VCE = VGE, Tvj = 25°C
VGEth
4,9
5,8
6,5
V
Gateladung
Gatecharge
VGE = -15 V ... +15 V
QG

1,60

µC
InternerGatewiderstand
Internalgateresistor
Tvj = 25°C
RGint

2,0

Eingangskapazität
Inputcapacitance
f = 1 MHz, Tvj = 25°C, VCE = 25 V, VGE = 0 V
Cies

9,30

nF
Rückwirkungskapazität
Reversetransfercapacitance
f = 1 MHz, Tvj = 25°C, VCE = 25 V, VGE = 0 V
Cres

0,285

nF
Kollektor-Emitter-Reststrom
Collector-emittercut-offcurrent
VCE = 650 V, VGE = 0 V, Tvj = 25°C
ICES


1,0
mA
Gate-Emitter-Reststrom
Gate-emitterleakagecurrent
VCE = 0 V, VGE = 20 V, Tvj = 25°C
IGES


400
nA
Einschaltverzögerungszeit,induktiveLast
Turn-ondelaytime,inductiveload
IC = 150 A, VCE = 300 V
VGE = ±15 V
RGon = 3,3
td on

0,085
0,10
0,11

µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Anstiegszeit,induktiveLast
Risetime,inductiveload
IC = 150 A, VCE = 300 V
VGE = ±15 V
RGon = 3,3
tr

0,04
0,045
0,045

µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Abschaltverzögerungszeit,induktiveLast
Turn-offdelaytime,inductiveload
IC = 150 A, VCE = 300 V
VGE = ±15 V
RGoff = 3,3
td off

0,30
0,33
0,34

µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Fallzeit,induktiveLast
Falltime,inductiveload
IC = 150 A, VCE = 300 V
VGE = ±15 V
RGoff = 3,3
tf

0,09
0,13
0,14

µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
EinschaltverlustenergieproPuls
Turn-onenergylossperpulse
IC = 150 A, VCE = 300 V, LS = 35 nH
VGE = ±15 V, di/dt = 2400 A/µs (Tvj = 150°C)
RGon = 3,3
Eon

1,20
1,75
1,95

mJ
mJ
mJ
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
AbschaltverlustenergieproPuls
Turn-offenergylossperpulse
IC = 150 A, VCE = 300 V, LS = 35 nH
VGE = ±15 V, du/dt = 3600 V/µs (Tvj = 150°C)
RGoff = 3,3
Eoff

4,15
5,10
5,40

mJ
mJ
mJ
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Kurzschlußverhalten
SCdata
VGE
≤ 15 V, VCC = 360 V
VCEmax = VCES -LsCE ·di/dt
ISC

1100
750

A
A
Tvj = 25°C
Tvj = 150°C
tP
≤ 8 µs,
tP
≤ 6 µs,
Wärmewiderstand,ChipbisGehäuse
Thermalresistance,junctiontocase
proIGBT/perIGBT
RthJC

0,40
0,45
K/W
Wärmewiderstand,GehäusebisKühlkörper
Thermalresistance,casetoheatsink
proIGBT/perIGBT
λPaste=1W/(m·K)/λgrease=1W/(m·K)
RthCH

0,45
K/W
TemperaturimSchaltbetrieb
Temperatureunderswitchingconditions

Tvj op
-40

150
°C


Similar Part No. - F3L150R07W2E3_B11_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
F3L150R07W2E3_B11 INFINEON-F3L150R07W2E3_B11 Datasheet
666Kb / 10P
   EasyPACK module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-04-10 revision:2.0
More results

Similar Description - F3L150R07W2E3_B11_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
F3L75R07W2E3_B11 INFINEON-F3L75R07W2E3_B11_13 Datasheet
822Kb / 11P
   EasyPACK Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und PressFIT / NTC
2013-11-05 revision:2.1
F3L100R07W2E3_B11 INFINEON-F3L100R07W2E3_B11_13 Datasheet
825Kb / 11P
   EasyPACK Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und PressFIT / NTC
2013-11-05 revision:2.1
F3L50R06W1E3_B11 INFINEON-F3L50R06W1E3_B11_14 Datasheet
830Kb / 11P
   EasyPACK Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und PressFIT / NTC
2014-03-13 revision:3.1
FS50R07W1E3_B11A INFINEON-FS50R07W1E3_B11A Datasheet
498Kb / 9P
   EasyPACK Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und PressFIT/NTC
revision: 3.0 2012-01-12
FS30R06W1E3 INFINEON-FS30R06W1E3 Datasheet
2Mb / 9P
   EasyPACK Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und NTC
Rev 2.1 2009-10-30
FS3L50R07W2H3F_B11 INFINEON-FS3L50R07W2H3F_B11 Datasheet
950Kb / 14P
   EasyPACK Modul mit schnellem Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und PressFIT / NTC
V3.3 2017-03-31
FD600R06ME3_B11_S2 INFINEON-FD600R06ME3_B11_S2 Datasheet
738Kb / 10P
   EconoDUAL3 Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und PressFIT / NTC
2013-11-05 revision:2.1
FS800R07A2E3 INFINEON-FS800R07A2E3_14 Datasheet
846Kb / 10P
   HybridPACK?? Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und NTC
2014-10-30 revision:3.2
FP50R06W2E3 INFINEON-FP50R06W2E3 Datasheet
2Mb / 12P
   EasyPIM Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und NTC
2009-10-19 revision: 2.2
FS200R07A1E3 INFINEON-FS200R07A1E3_13 Datasheet
618Kb / 9P
   HybridPACK?? Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und NTC
2013-11-05 revision:3.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com