Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F3L150R07W2E3_B11 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # F3L150R07W2E3_B11
Description  EasyPACK Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und PressFIT / NTC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

F3L150R07W2E3_B11 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button F3L150R07W2E3_B11_13 Datasheet HTML 3Page - Infineon Technologies AG F3L150R07W2E3_B11_13 Datasheet HTML 4Page - Infineon Technologies AG F3L150R07W2E3_B11_13 Datasheet HTML 5Page - Infineon Technologies AG F3L150R07W2E3_B11_13 Datasheet HTML 6Page - Infineon Technologies AG F3L150R07W2E3_B11_13 Datasheet HTML 7Page - Infineon Technologies AG F3L150R07W2E3_B11_13 Datasheet HTML 8Page - Infineon Technologies AG F3L150R07W2E3_B11_13 Datasheet HTML 9Page - Infineon Technologies AG F3L150R07W2E3_B11_13 Datasheet HTML 10Page - Infineon Technologies AG F3L150R07W2E3_B11_13 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
TechnischeInformation/TechnicalInformation
F3L150R07W2E3_B11
IGBT-Module
IGBT-modules
preparedby:DK
approvedby:MB
dateofpublication:2013-11-05
revision:2.1
VorläufigeDaten
PreliminaryData
SchaltverlusteDiode,D5-D6(typisch)
switchinglossesDiode,D5-D6(typical)
Erec=f(IF)
RGon=3.3
Ω,VCE=300V
IF [A]
0
30
60
90
120 150 180 210 240 270 300
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
4,5
5,0
Erec, Tvj = 125°C
Erec, Tvj = 150°C
SchaltverlusteDiode,D5-D6(typisch)
switchinglossesDiode,D5-D6(typical)
Erec=f(RG)
IF=150A,VCE=300V
RG [
Ω]
0
3
6
9
12
15
18
21
24
27
30
33
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
Erec, Tvj = 125°C
Erec, Tvj = 150°C
TransienterWärmewiderstandDiode,D5-D6
transientthermalimpedanceDiode,D5-D6
ZthJH=f(t)
t [s]
0,001
0,01
0,1
1
10
0,01
0,1
1
10
ZthJH : Diode
i:
ri[K/W]:
τi[s]:
1
0,043
0,0005
2
0,099
0,005
3
0,366
0,05
4
0,443
0,2
NTC-Widerstand-Temperaturkennlinie(typisch)
NTC-Thermistor-temperaturecharacteristic(typical)
R=f(T)
TC [°C]
0
20
40
60
80
100
120
140
160
100
1000
10000
100000
Rtyp


Similar Part No. - F3L150R07W2E3_B11_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
F3L150R07W2E3_B11 INFINEON-F3L150R07W2E3_B11 Datasheet
666Kb / 10P
   EasyPACK module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-04-10 revision:2.0
More results

Similar Description - F3L150R07W2E3_B11_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
F3L75R07W2E3_B11 INFINEON-F3L75R07W2E3_B11_13 Datasheet
822Kb / 11P
   EasyPACK Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und PressFIT / NTC
2013-11-05 revision:2.1
F3L100R07W2E3_B11 INFINEON-F3L100R07W2E3_B11_13 Datasheet
825Kb / 11P
   EasyPACK Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und PressFIT / NTC
2013-11-05 revision:2.1
F3L50R06W1E3_B11 INFINEON-F3L50R06W1E3_B11_14 Datasheet
830Kb / 11P
   EasyPACK Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und PressFIT / NTC
2014-03-13 revision:3.1
FS50R07W1E3_B11A INFINEON-FS50R07W1E3_B11A Datasheet
498Kb / 9P
   EasyPACK Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und PressFIT/NTC
revision: 3.0 2012-01-12
FS30R06W1E3 INFINEON-FS30R06W1E3 Datasheet
2Mb / 9P
   EasyPACK Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und NTC
Rev 2.1 2009-10-30
FS3L50R07W2H3F_B11 INFINEON-FS3L50R07W2H3F_B11 Datasheet
950Kb / 14P
   EasyPACK Modul mit schnellem Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und PressFIT / NTC
V3.3 2017-03-31
FD600R06ME3_B11_S2 INFINEON-FD600R06ME3_B11_S2 Datasheet
738Kb / 10P
   EconoDUAL3 Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und PressFIT / NTC
2013-11-05 revision:2.1
FS800R07A2E3 INFINEON-FS800R07A2E3_14 Datasheet
846Kb / 10P
   HybridPACK?? Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und NTC
2014-10-30 revision:3.2
FP50R06W2E3 INFINEON-FP50R06W2E3 Datasheet
2Mb / 12P
   EasyPIM Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und NTC
2009-10-19 revision: 2.2
FS200R07A1E3 INFINEON-FS200R07A1E3_13 Datasheet
618Kb / 9P
   HybridPACK?? Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und NTC
2013-11-05 revision:3.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com