Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAC-42MH+ Datasheet(PDF) 4 Page - Mini-Circuits

Part # MAC-42MH+
Description  Frequency Mixers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MAC-42MH+ Datasheet(HTML) 4 Page - Mini-Circuits

  MAC-42MH+ Datasheet HTML 1Page - Mini-Circuits MAC-42MH+ Datasheet HTML 2Page - Mini-Circuits MAC-42MH+ Datasheet HTML 3Page - Mini-Circuits MAC-42MH+ Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 4 of 4
IF/RF & MICROWAVE COMPONENTS
For detailed performance specs & shopping see minicircuits.com
Designed and Built for Long-Term Reliability in
HOSTILE ENVIRONMENTS
MAC
Hermetically
Sealed
Easy Visual Solder
Inspection
Low Profile
only 0.06
"/1.5 mm
Rugged LTCC Construction
Mini-Circuits MAC mixers meet or exceed the
following qualifications:
Gross Leak
MIL-STD-202 Method 112, Condition D
(100% of all MAC Mixers we ship)
Fine Leak
MIL-STD-202 Method 112, Condition C,
Procedure IIIa
Thermal Shock
MIL-STD-202 Method 107
(-55/+100C°, 1000 cycles, 15 minutes)
(-55/+150C°, 1000 cycles, 15 minutes)
Vibration
MIL-STD-202 Method 204, Condition D
(10-2000Hz sine, 20g, 3 axis, 12 c.y.ea.)
Acceleration
MIL- STD-883 Method 2001, Condition E
Mechanical Shock
MIL-STD-202 Method 213, Condition A
HTOL
MIL-STD-202 Method 108, Condition D
(1000 hours, 125°C, at rated LO level)
Multiple Reflow
JESD22-B102
Bend Test
JESD22-B113
Adhesion Strength
Push test >10lb
All Photos courtesy of U.S. Military and NASA


Similar Part No. - MAC-42MH+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MAC-42 MINI-MAC-42 Datasheet
1Mb / 4P
Frequency Mixers
MAC-42++ MINI-MAC-42+ Datasheet
1Mb / 4P
Frequency Mixers
MAC-42LH MINI-MAC-42LH Datasheet
1Mb / 4P
Frequency Mixers
MAC-42LH++ MINI-MAC-42LH+ Datasheet
1Mb / 4P
Frequency Mixers
More results

Similar Description - MAC-42MH+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SRA-1 MINI-SRA-1 Datasheet
141Kb / 2P
FREQUENCY MIXERS
SBL-1 MINI-SBL-1 Datasheet
268Kb / 2P
Frequency Mixers
MAC-24 MINI-MAC-24 Datasheet
1Mb / 4P
Frequency Mixers
MAC-42LH MINI-MAC-42LH Datasheet
1Mb / 4P
Frequency Mixers
MAC-60 MINI-MAC-60 Datasheet
1Mb / 4P
Frequency Mixers
MAC-80H MINI-MAC-80H Datasheet
1Mb / 4P
Frequency Mixers
MAC-80LH MINI-MAC-80LH Datasheet
1Mb / 4P
Frequency Mixers
MAC-80MH MINI-MAC-80MH Datasheet
1Mb / 4P
Frequency Mixers
MAC-85 MINI-MAC-85 Datasheet
1Mb / 4P
Frequency Mixers
MAC-85L MINI-MAC-85L Datasheet
1Mb / 4P
Frequency Mixers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com