Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAC-42 Datasheet(PDF) 2 Page - Mini-Circuits

Part # MAC-42
Description  Frequency Mixers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MAC-42 Datasheet(HTML) 2 Page - Mini-Circuits

  MAC-42 Datasheet HTML 1Page - Mini-Circuits MAC-42 Datasheet HTML 2Page - Mini-Circuits MAC-42 Datasheet HTML 3Page - Mini-Circuits MAC-42 Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 4
Level 7 (LO Power+7 dBm) 1000 to 4200 MHz
Frequency Mixer wide band
Ceramic, Hermetically Sealed
Demo Board MCL P/N: TB-956+
Suggested PCB Layout (PL-045)
Maximum Ratings
Pin Connections
Features
• cellular
• PCN
• fixed satellite
• WCDMA
• defense radar
• defense communications
LO
10
RF
5
IF
3
GROUND
1,2,4,6,7,8,9
Applications
Operating Temperature
-55°C to 125°C
Storage Temperature
-65°C to 150°C
RF Power
50 mW
IF Current
40 mA
REV. E
M161191
ED-14156/5
MAC-42+
DJ/CP/AM
170427
Electrical Schematic
MAC-42+
• wide bandwidth, 1000 to 4200 MHz
• low conversion loss, 6.2 dB typ.
• excellent L-R isolation, 35 dB typ.
• LTCC double balanced mixer
• aqueous washable
• low cost
• low profile, 0.060”
• protected by US Patent 7,027,795
• 3-YEAR GUARANTEE -The Most Reliable Mixers
Outline Drawing
Outline Dimensions (
)
inch
mm
Permanent damage may occur if any of these limits are exceeded.
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
A
B
C
D
E
FG
.30
.250
.060
--
.050
.050
.030
7.62
6.35
1.52
--
1.27
1.27
0.76
H
J
K
L
M
wt
.056
--
.085
.270
.035
grams
1.42
--
2.16
6.86
0.89
0.29
1000.1
1030.1
5.82
34.41
22.17
2.68
4.05
1200.1
1230.1
5.90
44.73
24.41
3.65
2.37
1400.1
1430.1
5.58
38.44
23.23
3.20
2.20
1600.1
1630.1
5.91
37.99
23.37
3.19
2.90
1800.1
1830.1
5.96
40.12
22.57
2.96
3.31
2000.1
2030.1
6.11
38.77
23.06
2.71
3.44
2200.1
2230.1
6.10
38.37
19.65
2.67
3.70
2400.1
2430.1
5.57
39.18
19.43
2.03
4.00
2600.1
2630.1
6.38
40.31
20.11
2.32
3.58
2800.1
2830.1
6.04
40.90
21.50
2.36
3.03
3000.1
3030.1
5.36
40.23
24.87
2.01
2.55
3200.1
3230.1
5.54
35.64
27.78
2.01
2.58
3300.1
3330.1
5.56
34.60
28.15
1.84
2.30
3400.1
3430.1
5.83
34.22
28.23
1.93
2.40
3600.1
3630.1
6.04
31.45
26.51
2.84
2.39
3800.1
3830.1
6.69
29.45
24.12
3.52
2.78
3900.1
3930.1
6.53
28.87
24.78
3.35
3.10
4000.1
4030.1
6.55
29.29
22.14
3.47
3.53
4100.1
4130.1
6.64
29.48
18.57
3.31
3.73
4200.1
4230.1
6.58
29.35
16.07
3.13
4.20
Typical Performance Data at 25°C and LO=+7dBm
Electrical Specifications at 25°C
Parameter
Condition (MHz)
Min.
Typ.
Max.
Units
Frequency Range, LO/RF
1000 - 4200
MHz
Frequency Range, IF
DC - 1500
MHz
Conversion Loss*
1000 - 4200
6.2
7.7
dB
LO to RF Isolation
1000 - 4200
27
40
dB
LO to IF Isolation
1000 - 4200
14
23
dB
IP3
1000 - 4200
14
dBm
RF Input Power at 1 dB Compression
1000 - 4200
+1
dBm
*Conversion Loss measured at 30 MHz IF.
CASE STYLE: DZ1650
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
10, 20, 50, 100, 200, 500
13”
1000
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - MAC-42

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MAC-42LH MINI-MAC-42LH Datasheet
1Mb / 4P
Frequency Mixers
MAC-42LH++ MINI-MAC-42LH+ Datasheet
1Mb / 4P
Frequency Mixers
MAC-42MH MINI-MAC-42MH Datasheet
1Mb / 4P
Frequency Mixers
MAC-42MH++ MINI-MAC-42MH+ Datasheet
1Mb / 4P
Frequency Mixers
More results

Similar Description - MAC-42

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SRA-1 MINI-SRA-1 Datasheet
141Kb / 2P
FREQUENCY MIXERS
SBL-1 MINI-SBL-1 Datasheet
268Kb / 2P
Frequency Mixers
MAC-24 MINI-MAC-24 Datasheet
1Mb / 4P
Frequency Mixers
MAC-42LH MINI-MAC-42LH Datasheet
1Mb / 4P
Frequency Mixers
MAC-42MH MINI-MAC-42MH Datasheet
1Mb / 4P
Frequency Mixers
MAC-60 MINI-MAC-60 Datasheet
1Mb / 4P
Frequency Mixers
MAC-80H MINI-MAC-80H Datasheet
1Mb / 4P
Frequency Mixers
MAC-80LH MINI-MAC-80LH Datasheet
1Mb / 4P
Frequency Mixers
MAC-80MH MINI-MAC-80MH Datasheet
1Mb / 4P
Frequency Mixers
MAC-85 MINI-MAC-85 Datasheet
1Mb / 4P
Frequency Mixers
MAC-85L MINI-MAC-85L Datasheet
1Mb / 4P
Frequency Mixers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com