Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6552 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ISL6552
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6552 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ISL6552 Datasheet HTML 8Page - Renesas Technology Corp ISL6552 Datasheet HTML 9Page - Renesas Technology Corp ISL6552 Datasheet HTML 10Page - Renesas Technology Corp ISL6552 Datasheet HTML 11Page - Renesas Technology Corp ISL6552 Datasheet HTML 12Page - Renesas Technology Corp ISL6552 Datasheet HTML 13Page - Renesas Technology Corp ISL6552 Datasheet HTML 14Page - Renesas Technology Corp ISL6552 Datasheet HTML 15Page - Renesas Technology Corp ISL6552 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
ISL6552
FN4918 Rev 2.00
Page 12 of 18
July 2004
Current Sensing and Balancing
Overview
The ISL6552 samples the on-state voltage drop across each
synchronous rectifier FET, Q2, as an indication of the inductor
current in that phase, see Figure 7. Neglecting AC effects (to
be discussed later), the voltage drop across Q2 is simply
rDS(ON)(Q2) x inductor current (IL). Note that IL, the inductor
current, is either 1/2, 1/3, or 1/4 of the total current (ILT),
depending on how many phases are in use.
The voltage at Q2’s drain, the PHASE node, is applied to the
RISEN resistor to develop the IISEN current to the ISL6552
ISEN pin. This pin is held at virtual ground, so the current
through RISEN is IL x rDS(ON)(Q2)/RISEN.
The IISEN current provides information to perform the following
functions:
1. Detection of an over-current condition
2. Reduce the regulator output voltage with increasing load
current (droop)
3. Balance the IL currents in multiple channels
Over-Current, Selecting RISEN
The current detected through the RISEN resistor is averaged
with the current(s) detected in the other 1, 2, or 3 channels.
The averaged current is compared with a trimmed, internally
generated current, and used to detect an over-current
condition.
The nominal current through the RISEN resistor should be
50
A at full output load current, and the nominal trip point for
over-current detection is 165% of that value, or 82.5
A.
Therefore, RISEN = IL x rDS(ON) (Q2)/50A.
For a full load of 25A per phase, and an rDS(ON) (Q2) of 4m,
RISEN = 2k.
The over-current trip point would be 165% of 25A, or ~41A per
phase. The RISEN value can be adjusted to change the over-
current trip point, but it is suggested to stay within
25% of
nominal.
Droop, Selection of RIN
The average of the currents detected through the RISEN
resistors is also steered to the FB pin. There is no DC return
path connected to the FB pin except for RIN, so the average
current creates a voltage drop across RIN. This drop increases
the apparent VCORE voltage with increasing load current,
causing the system to decrease VCORE to maintain balance at
the FB pin. This is the desired “droop” voltage used to maintain
VCORE within limits under transient conditions.
With a high dv/dt load transient, typical of high performance
microprocessors, the largest deviations in output voltage occur at
the leading and trailing edges of the load transient. In order to fully
utilize the output-voltage tolerance range, the output voltage is
positioned in the upper half of the range when the output is
unloaded and in the lower half of the range when the controller is
FIGURE 7. SIMPLIFIED FUNCTIONAL BLOCK DIAGRAM SHOWING CURRENT AND VOLTAGE SAMPLING
CURRENT
SENSING
COMPARATOR
PWM
CIRCUIT
AVERAGING
CURRENT
FROM
OTHER
CHANNELS
SAWTOOTH
GENERATOR
+
DIFFERENCE
RISEN
+
CORRECTION
ERROR
AMPLIFIER
FB
COMP
REFERENCE
TO OTHER
CHANNELS
ISEN
RIN
RFB
Cc
VCORE
Q1
Q2
COMPARATOR
REFERENCE
TO OVER
CURRENT
TRIP
L01
PHASE
INDUCTOR
CURRENT(S)
FROM
OTHER
CHANNELS
PWM
IL
DAC
ISL6552
VIN
ONLY ONE OUTPUT
HIP6601
-
-
STAGE SHOWN
SENSING
+
-
+
-
+
-


Similar Part No. - ISL6552

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6552 INTERSIL-ISL6552 Datasheet
470Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 INTERSIL-ISL6552 Datasheet
484Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552CB INTERSIL-ISL6552CB Datasheet
470Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552CB INTERSIL-ISL6552CB Datasheet
484Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552CB-T INTERSIL-ISL6552CB-T Datasheet
470Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results

Similar Description - ISL6552

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6311 INTERSIL-HIP6311_04 Datasheet
442Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311 RENESAS-HIP6311 Datasheet
802Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Intersil Corporation
HIP6301 INTERSIL-HIP6301 Datasheet
191Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6553 INTERSIL-ISL6553 Datasheet
182Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com