Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6552 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL6552
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6552 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL6552 Datasheet HTML 1Page - Renesas Technology Corp ISL6552 Datasheet HTML 2Page - Renesas Technology Corp ISL6552 Datasheet HTML 3Page - Renesas Technology Corp ISL6552 Datasheet HTML 4Page - Renesas Technology Corp ISL6552 Datasheet HTML 5Page - Renesas Technology Corp ISL6552 Datasheet HTML 6Page - Renesas Technology Corp ISL6552 Datasheet HTML 7Page - Renesas Technology Corp ISL6552 Datasheet HTML 8Page - Renesas Technology Corp ISL6552 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
FN4918 Rev 2.00
Page 1 of 18
July 2004
FN4918
Rev 2.00
July 2004
ISL6552
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
DATASHEET
The ISL6552 multi-phase PWM control IC together with its
companion gate drivers, the HIP6601, HIP6602 or HIP6603
and external Intersil MOSFETs provides a precision voltage
regulation system for advanced microprocessors.
Multi-phase power conversion is a marked departure from
earlier single phase converter configurations previously
employed to satisfy the ever increasing current demands of
modern microprocessors. Multi-phase converters, by
distributing the power and load current results in smaller and
lower cost transistors with fewer input and output capacitors.
These reductions accrue from the higher effective
conversion frequency with higher frequency ripple current
due to the phase interleaving process of this topology. For
example, a three phase converter operating at 350kHz will
have a ripple frequency of 1.05MHz. Moreover, greater
converter bandwidth of this design results in faster response
to load transients.
Outstanding features of this controller IC include
programmable VID codes from the microprocessor that
range from 1.05V to 1.825V with a system accuracy of
1%.
Pull up currents on these VID pins eliminates the need for
external pull up resistors. In addition “droop” compensation,
used to reduce the overshoot or undershoot of the CORE
voltage, is easily programmed with a single resistor.
Another feature of this controller IC is the PGOOD monitor
circuit which is held low until the CORE voltage increases,
during its Soft-Start sequence, to within 10% of the
programmed voltage. Over-voltage, 15% above
programmed CORE voltage, results in the converter shutting
down and turning the lower MOSFETs ON to clamp and
protect the microprocessor. Under voltage is also detected
and results in PGOOD low if the CORE voltage falls 10%
below the programmed level. Over-current protection
reduces the regulator RMS output current to 41% of the
programmed over-current trip value. These features provide
monitoring and protection for the microprocessor and power
system.
Features
• Multi-Phase Power Conversion
• Precision Channel Current Sharing
- Loss Less Current Sampling - Uses rDS(ON)
• Precision CORE Voltage Regulation
-
1% System Accuracy Over Temperature
• Microprocessor Voltage Identification Input
- 5-Bit VID Input
- 1.05V to 1.825V in 25mV Steps
- Programmable “Droop” Voltage
• Fast Transient Recovery Time
• Over Current Protection
• Automatic Selection of 2, 3, or 4 Phase Operation
• High Ripple Frequency (Channel Frequency) Times
Number Channels . . . . . . . . . . . . . . . . . .100kHz to 6MHz
• QFN Package:
- Compliant to JEDEC PUB95 MO-220
QFN - Quad Flat No Leads - Package Outline
- Near Chip Scale Package footprint, which improves
PCB efficiency and has a thinner profile
• Pb-free available
Ordering Information
PART NUMBER
TEMP. (oC)
PACKAGE
PKG. DWG. #
ISL6552CB
0 to 70
20 Ld SOIC
M20.3
ISL6552CBZ
(See Note)
0 to 70
20 Ld SOIC
(Pb-free)
M20.3
ISL6552CR
0 to 70
20 Ld 5x5 QFN L20.5x5
ISL6552CRZ
(See Note)
0 to 70
20 Ld 5x5 QFN
(Pb-free)
L20.5x5
*Add “-T” suffix to part number for tape and reel packaging.
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
NOT RECOMMENDED FOR NEW DE
SIGNS
NO RECOMMENDED REPLACEMEN
T
contact our Technical Support Cente
r at
1-888-INTERSIL or www.intersil.com
/tsc


Similar Part No. - ISL6552

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6552 INTERSIL-ISL6552 Datasheet
470Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 INTERSIL-ISL6552 Datasheet
484Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552CB INTERSIL-ISL6552CB Datasheet
470Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552CB INTERSIL-ISL6552CB Datasheet
484Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552CB-T INTERSIL-ISL6552CB-T Datasheet
470Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results

Similar Description - ISL6552

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6311 INTERSIL-HIP6311_04 Datasheet
442Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311 RENESAS-HIP6311 Datasheet
802Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Intersil Corporation
HIP6301 INTERSIL-HIP6301 Datasheet
191Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6553 INTERSIL-ISL6553 Datasheet
182Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com