Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWB100A Datasheet(PDF) 1 Page - SanRex Corporation

Part # PWB100A
Description  THYRISTOR MODULE (NON-ISOLATED TYPE)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

PWB100A Datasheet(HTML) 1 Page - SanRex Corporation

  PWB100A Datasheet HTML 1Page - SanRex Corporation PWB100A Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
PWB100A
THYRISTOR MODULE(NON-ISOLATED TYPE)
93.5max
2-φ6.5
K1
1
2
3
K2
K2 G2
G1
K1
G3 K3
K3
3-M5
6-♯110TAB
80
16.5
23
23
Unit
A
Symbol
Item
Conditions
Ratings
100
Unit
IT(AV)
Average On-State Current
IT(RMS)
R.M.S. On-State Current
Single phase, half wave, 180
°conduction, Tc:114℃
Single phase, half wave, 180
°conduction, Tc:114℃
ITSM
Surge On-State Current
I2t
I2t
PGM
Peak Gate Power Dissipation
PG(AV)
Average Gate Power Dissipation
IFGM
Peak Gate Current
VFGM
Peak Gate Voltage (Forward)
1
2cycle, 50Hz/60Hz, peak value, non-repetitive
A
157
A
3200/3500
A
51000
10
A2S
W
1
VRGM
Peak Gate Voltage (Reverse)
di
/dt
Critical Rate of Rise of On-State Current
Tj
Operating Junction Temperature
Tstg
Storage Temperature
Mounting
Torque
Mass
Mounting
(M6)
Terminal
(M5)
IG
=200mA,Tj=25℃,VD12VDRM,dIG/dt=1A/μs
Recommended Value 2.5-3.9
(25-40)
Recommended Value 1.5-2.5
(15-25)
3
W
A
10
V
5
V
50
A/
μs
−30 to +150
−30 to +125
4.7
(48)
2.7
(28)
170
N
・m
(㎏f・B)
g
Symbol
Item
Conditions
Ratings
15
Unit
IDRM
Repetitive Peak Off-State Current, max.
IRRM
Repetitive Peak Reverse Current, max.
at VDRM, single phase, half wave, Tj
=150℃
at VDRM, single phase, half wave, Tj
=150℃
VTM
Peak On-State Voltage, max.
IGT
/VGT
Gate Trigger Current/Voltage, max.
VGD
Non-Trigger Gate, Voltage. min.
tgt
Turn On Time, max.
dv
/dt
Critical Rate of Rise of Off-State Voltage, min.
IH
Holding Current, typ.
On-State Current 310A, Tj
=25℃ Inst. measurement
Tj
=25℃,IT=1A,VD=6V
mA
15
mA
1.20
V
150/2
Tj
=150℃,VD12VDRM
IT
=100A,IG=200mA,Tj=25℃,VD12VDRM,dIG/dt=1A/μs
0.25
mA/V
V
10
Tj
=150℃, VD23VDRM, Exponential wave.
Tj
=25℃
Rth
(j-c) Thermal Impedance, max.
Junction to case
13Module)
50
μs
V/
μs
70
mA
0.3
℃/W
■Electrical Characteristics
■Maximum Ratings
Symbol
Item
PWB100A30
Ratings
PWB100A40
Unit
VRRM
Repetitive Peak Reverse Voltage
300
400
V
360
480
V
300
400
V
VRSM
VDRM
Non-Repetitive Peak Reverse Voltage
Repetitive Peak Off-State Voltage
A
G3
K3
K3
3
2
1
K2
K2
G1
G2
K1
K1
PWB100A is a Thyristor module suitable for low voltage, 3 phase recifier applications.
IT(AV)100A (each device)
High Surge Current 3500 A (60Hz)
Easy Construction
Non-isolated. Mounting base as common Anode terminal
(Applications)
Welding power Supply
Various DC power Supply
SanRex
®


Similar Part No. - PWB100A

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
PWB100A30 NAINA-PWB100A30 Datasheet
113Kb / 2P
Non-isolated Thyristor Module
PWB100A40 NAINA-PWB100A40 Datasheet
113Kb / 2P
Non-isolated Thyristor Module
More results

Similar Description - PWB100A

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
PWB80A30 SANREX-PWB80A30 Datasheet
390Kb / 2P
THYRISTOR MODULE (NON-ISOLATED TYPE)
PWB130A40 SANREX-PWB130A40 Datasheet
113Kb / 2P
THYRISTOR MODULE (NON-ISOLATED TYPE)
logo
Naina Semiconductor ltd...
60NT3 NAINA-60NT3 Datasheet
113Kb / 2P
Non-isolated Thyristor Module
80NT3 NAINA-80NT3 Datasheet
116Kb / 2P
Non-isolated Thyristor Module
100NT3 NAINA-100NT3 Datasheet
113Kb / 2P
Non-isolated Thyristor Module
130NT3 NAINA-130NT3 Datasheet
113Kb / 2P
Non-isolated Thyristor Module
PWB80A NAINA-PWB80A Datasheet
184Kb / 2P
Non-isolated Thyristor Module, 80A
N3T60 NAINA-N3T60 Datasheet
176Kb / 2P
Non-isolated Thyristor Module, 60 Amps
N3T80 NAINA-N3T80 Datasheet
171Kb / 2P
Non-isolated Thyristor Module, 80 Amps
N3T130 NAINA-N3T130 Datasheet
170Kb / 2P
Non-isolated Thyristor Module, 130 Amps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com