Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE8250GVIO Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE8250GVIO
Description  High Speed CAN-Transceiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8250GVIO Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE8250GVIO_16 Datasheet HTML 6Page - Infineon Technologies AG TLE8250GVIO_16 Datasheet HTML 7Page - Infineon Technologies AG TLE8250GVIO_16 Datasheet HTML 8Page - Infineon Technologies AG TLE8250GVIO_16 Datasheet HTML 9Page - Infineon Technologies AG TLE8250GVIO_16 Datasheet HTML 10Page - Infineon Technologies AG TLE8250GVIO_16 Datasheet HTML 11Page - Infineon Technologies AG TLE8250GVIO_16 Datasheet HTML 12Page - Infineon Technologies AG TLE8250GVIO_16 Datasheet HTML 13Page - Infineon Technologies AG TLE8250GVIO_16 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Data Sheet
10
Rev. 1.11
2016-12-29
TLE8250GVIO
High Speed CAN-Transceiver
Fail Safe Functions
5
Fail Safe Functions
5.1
Short circuit protection
The CANH and CANL bus outputs are short-circuit-proof, either against GND or a positive supply voltage. A
current limiting circuit protects the transceiver against damages. If the device is heating up due to a continuos
short on CANH or CANL, the internal over-temperature protection switches off the bus transmitter.
5.2
Open Logic Pins
All logic input pins have internal pull-up resistor to VIO. In case the VIO supply is activated and the logical pins
are open or floating, the TLE8250GVIO enters into the Stand-By mode per default. In Stand-By mode the
output driver stage of the TLE8250GVIO is disabled, the bus biasing is shut off and the HS CAN TLE8250GVIO
transceiver will not influence the data on the CAN bus.
5.3
TxD Time-Out function
The TxD Time-out feature protects the CAN bus against permanent blocking in case the logical signal on the
TxD pin is continuously “Low”. A continuous “Low” signal on the TxD pin can have it’s root cause in a locked-
up microcontroller or a short on the printed circuit board for example. In Normal Operation mode, a logical
“Low” signal on the TxD pin for the time t > tTxD enables the TxD Time-out feature and the TLE8250GVIO
disables the output driver stage (see Figure 5). The receive unit is still active and the data on the bus are still
monitored by the RxD output pin.
Figure 5
TxD Time-Out function
Figure 5 shows the way how the transmission stage is deactivated and activated again. A permanent “Low”
signal on the TxD input pin activates the TxD time-out function and deactivates the transmitter output stage.
To release the transmitter output stage after a TxD time-out event the TLE8250GVIO requires a signal change
on the TxD input pin from logical “Low” to logical “High”.
TxD
t
t
CANH
CANL
RxD
t
TxD Time - Out
TxD Time – Out released
t > tTxD


Similar Part No. - TLE8250GVIO_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8250GVIO INFINEON-TLE8250GVIO_15 Datasheet
1Mb / 28P
   High Speed CAN-Transceiver
Rev. 1.1, 2014-10-08
More results

Similar Description - TLE8250GVIO_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com