Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE8250GVIO Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE8250GVIO
Description  High Speed CAN-Transceiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8250GVIO Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE8250GVIO_16 Datasheet HTML 1Page - Infineon Technologies AG TLE8250GVIO_16 Datasheet HTML 2Page - Infineon Technologies AG TLE8250GVIO_16 Datasheet HTML 3Page - Infineon Technologies AG TLE8250GVIO_16 Datasheet HTML 4Page - Infineon Technologies AG TLE8250GVIO_16 Datasheet HTML 5Page - Infineon Technologies AG TLE8250GVIO_16 Datasheet HTML 6Page - Infineon Technologies AG TLE8250GVIO_16 Datasheet HTML 7Page - Infineon Technologies AG TLE8250GVIO_16 Datasheet HTML 8Page - Infineon Technologies AG TLE8250GVIO_16 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Data Sheet
1
Rev. 1.11
www.infineon.com/transceivers
2016-12-29
TLE8250GVIO
High Speed CAN-Transceiver
1
Overview
Quality Requirement Category: Automotive
Features
• Fully compatible to ISO 11898-2
• Wide common mode range for electromagnetic immunity (EMI)
• Very low electromagnetic emission (EME)
• Excellent ESD robustness
• Extended supply range at VCC and VIO
• Suitable for 5V and 3.3V microcontroller I/O voltages
• CAN Short-Circuit proof to ground, battery and VCC
• TxD time-out function
• Low CAN bus leakage current in Power Down mode
• Over temperature protection
• Protected against automotive transients
• CAN data transmission rate up to 1 MBit/s
• VIO input for voltage adaption to the micro controller supply
• Green Product (RoHS compliant)
• AEC Qualified
Applications
• Engine Control Unit (ECUs)
• Transmission Control Units (TCUs)
• Chassis Control Modules
• Electric Power Steering
Description
The TLE8250GVIO is a transceiver designed for CAN networks in automotive and industrial applications. As an
interface between the physical bus layer and the CAN protocol controller, the TLE8250GVIO drives the signals
to the bus and protects the microcontroller against disturbances coming from the network. Based on the high
symmetry of the CANH and CANL signals, the TLE8250GVIO provides a very low level of electromagnetic
emission (EME) within a broad frequency range. The TLE8250GVIO is integrated in a RoHS complaint PG-DSO-8
package and fulfills or exceeds the requirements of the ISO11898-2.


Similar Part No. - TLE8250GVIO_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8250GVIO INFINEON-TLE8250GVIO_15 Datasheet
1Mb / 28P
   High Speed CAN-Transceiver
Rev. 1.1, 2014-10-08
More results

Similar Description - TLE8250GVIO_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com